Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB2100 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # SB2100
Description  2.0 AMP SCHOTTKY BA RRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SB2100 Datasheet(HTML) 2 Page - Nanjing International Group Co

  SB2100 Datasheet HTML 1Page - Nanjing International Group Co SB2100 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.1
1.0
.01
10
50
RATING AND CHARACTERISTIC CURVES (SB220 THRU SB2200)
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
FIG.4-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
0.4
0.8
1.2
1.6
2.0
2.4
700
600
500
400
300
200
100
0
.01
.05
.1
.5
1
5
10
50
100
.1
.3
.5
.7
.9
1.1 1.3 1.5
3.0
.1
1.0
10
100
FIG.5 - TYPICAL REVERSE
CHARACTERISTICS
0
20
40
60
80 100 120 140
.01
Tj=75 C
Tj=25 C
Tj=25 C
AMBIENT TEMPERATURE,( C)
0
0
20
40
60
80
100
120
140
160
180
200
FIG.2-TYPICAL FORWARD
CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
FIG.3-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
0
20
10
30
50
40
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method


Similar Part No. - SB2100

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB2100 PANJIT-SB2100 Datasheet
41Kb / 2P
   2 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes)
logo
Chongqing Pingwei Enter...
SB2100 CHONGQING-SB2100 Datasheet
179Kb / 1P
   2.0AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
SB2100 SEMTECH_ELEC-SB2100 Datasheet
364Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
First Silicon Co., Ltd
SB2100 FS-SB2100 Datasheet
125Kb / 2P
   Schottky Rectifier
logo
Leshan Radio Company
SB2100 LRC-SB2100 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results

Similar Description - SB2100

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SB220-2A-DO-15 DGNJDZ-SB220-2A-DO-15 Datasheet
230Kb / 2P
   2.0 AMP SCHOTTKY BA RRIER RECTIFIERS
SB2200-2A-DO-15 DGNJDZ-SB2200-2A-DO-15 Datasheet
230Kb / 2P
   2.0 AMP SCHOTTKY BA RRIER RECTIFIERS
SR220-2A-DO-15 DGNJDZ-SR220-2A-DO-15 Datasheet
253Kb / 2P
   2.0 AMP SCHOTTKY BA RRIER RECTIFIERS
SR280-2A-DO-15 DGNJDZ-SR280-2A-DO-15 Datasheet
253Kb / 2P
   2.0 AMP SCHOTTKY BA RRIER RECTIFIERS
SB240-2A-DO-15 DGNJDZ-SB240-2A-DO-15 Datasheet
230Kb / 2P
   2.0 AMP SCHOTTKY BA RRIER RECTIFIERS
SR2200-2A-DO-15 DGNJDZ-SR2200-2A-DO-15 Datasheet
253Kb / 2P
   2.0 AMP SCHOTTKY BA RRIER RECTIFIERS
SR2150-2A-DO-15 DGNJDZ-SR2150-2A-DO-15 Datasheet
253Kb / 2P
   2.0 AMP SCHOTTKY BA RRIER RECTIFIERS
SB2100-2A-DO-15 DGNJDZ-SB2100-2A-DO-15 Datasheet
230Kb / 2P
   2.0 AMP SCHOTTKY BA RRIER RECTIFIERS
SR2100-2A-DO-15 DGNJDZ-SR2100-2A-DO-15 Datasheet
253Kb / 2P
   2.0 AMP SCHOTTKY BA RRIER RECTIFIERS
SR260-2A-DO-15 DGNJDZ-SR260-2A-DO-15 Datasheet
253Kb / 2P
   2.0 AMP SCHOTTKY BA RRIER RECTIFIERS
SR240.2A-DO-15 DGNJDZ-SR240.2A-DO-15 Datasheet
253Kb / 2P
   2.0 AMP SCHOTTKY BA RRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com