Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR03AR104 Datasheet(PDF) 2 Page - Alpha Wire

Part # DR03AR104
Description  M12-A Male to M12-A Female
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

DR03AR104 Datasheet(HTML) 2 Page - Alpha Wire

  DR03AR104 Datasheet HTML 1Page - Alpha Wire DR03AR104 Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • •
Alpha Wire | 711 Lidgerwood Ave, Elizabeth, NJ 07207
www.alphawire.com | 1-800-52 ALPHA
2
Customer Specification
PART NO: DR03AR104
M12-A Male to M12-A Female
Although Alpha Wire (“Alpha”) makes every reasonable effort to ensure their accuracy at the time of this publication, information and
specifications described herein are subject to error or omission and to change without notice, and the listing of such information and
specifications does not ensure product availability. Alpha provides the information and specification herein on an “AS IS” basis, with no
representations or warranties, whether express, statutory or implied. In no event will Alpha be liable any damages (including consequential,
indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Alpha has been advised of the possibility of such damages,
whether in an action under contact, negligence or any other theory, arising out of or in connection with the use, or inability to use, the
information or specification described herein.
RU, UL File Number E485156
CSA
CSA-C22.2 No. 182.3, Special Use
Attachment Plugs, Receptacles and
Connectors
cRU, UL File Number E485156
Nominal Voltage
240 V
Rated Voltage
250 V
Ingress Protection
IP67/NEMA 6P
Environmental Compliance
CE
All materials used in the manufacture of
this part meet the requirements of
European Directive 2011/65/EU regarding
the restriction of use of certain hazardous
substances in electrical and electronic
equipment. Exemption used; 6a.
REACH Regulation (EC
1907/2006)
This product does not contain Substances
of Very High Concern (SVHC) listed on the
European Union’s REACH candidate list in
excess of 0.1% mass of the item.
Physical & Mechanical
Properties
Temperature Range, Cord
-40 to 105°C(static), -15 to 105°C (dynamic)
Temperature Range,
Connector
-25°C to +80°C
Bend Radius
7X Cable Diameter (static), 10X Cable
Diameter (dynamic)
Pull Tension
15.3 Lbs, Maximum
Current Rating
3.1 Amps @ 50°C
Ordering Information
DR03AR104 SL355
0.6 Meters
DR03AR104 SL356
1.0 Meters
DR03AR104 SL357
3.0 Meters
DR03AR104 SL358
5.0 Meters
DR03AR104 SL359
10.0 Meters
DR03AR104 SL400
15.0 Meters
DR03AR104 SL401
20.0 Meters
Standard Package
Each


Similar Part No. - DR03AR104

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
DR03AR100 ALPHAWIRE-DR03AR100 Datasheet
147Kb / 2P
   M12-A Male to M12-A Female
More results

Similar Description - DR03AR104

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
DR04AR105 ALPHAWIRE-DR04AR105 Datasheet
151Kb / 2P
   M12-A Male to M12-A Female
DR05AR106 ALPHAWIRE-DR05AR106 Datasheet
152Kb / 2P
   M12-A Male to M12-A Female
DR08AR103 ALPHAWIRE-DR08AR103 Datasheet
157Kb / 2P
   M12-A Male to M12-A Female
DR08AR124 ALPHAWIRE-DR08AR124 Datasheet
222Kb / 3P
   M12-A Male to M12-A Female
DR05AR102 ALPHAWIRE-DR05AR102 Datasheet
152Kb / 2P
   M12-A Male to M12-A Female
DR08AR123 ALPHAWIRE-DR08AR123 Datasheet
157Kb / 2P
   M12-A Male to M12-A Female
DR03AR100 ALPHAWIRE-DR03AR100 Datasheet
147Kb / 2P
   M12-A Male to M12-A Female
DR04AR101 ALPHAWIRE-DR04AR101 Datasheet
151Kb / 2P
   M12-A Male to M12-A Female
DR08AR112 ALPHAWIRE-DR08AR112 Datasheet
157Kb / 2P
   M12-A Male to M12-A Female
DR08AW103 ALPHAWIRE-DR08AW103 Datasheet
157Kb / 2P
   M12-A Male to M12-A Female 90 Degree
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com