Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R73MW2470AA00J Datasheet(PDF) 4 Page - Kemet Corporation

Part # R73MW2470AA00J
Description  R73 Series Polypropylene Film/Foil, Radial (Automotive Grade)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R73MW2470AA00J Datasheet(HTML) 4 Page - Kemet Corporation

  R73MW2470AA00J Datasheet HTML 1Page - Kemet Corporation R73MW2470AA00J Datasheet HTML 2Page - Kemet Corporation R73MW2470AA00J Datasheet HTML 3Page - Kemet Corporation R73MW2470AA00J Datasheet HTML 4Page - Kemet Corporation R73MW2470AA00J Datasheet HTML 5Page - Kemet Corporation R73MW2470AA00J Datasheet HTML 6Page - Kemet Corporation R73MW2470AA00J Datasheet HTML 7Page - Kemet Corporation R73MW2470AA00J Datasheet HTML 8Page - Kemet Corporation R73MW2470AA00J Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3037_R73 • 1/20/2016
4
Film Capacitors – Polypropylene Pulse/High Frequency Capacitors
R73 Series Polypropylene Film/Foil, Radial (Automotive Grade)
Performance Characteristics
Dielectric
Polypropylenefilm
Plates
Metalfoilfor1section,metalfoil+metallizedfilmfor2sections
Winding
Non-inductive type
Leads
Tinned wire
Protection
Plasticcase,thermosettingresinfilled.BoxmaterialissolventresistantandflameretardantaccordingtoUL94.
Related Documents
IEC 60384-13
Sections
1
2
Voltage Range (VDC)
100
160
250
400
630
1000
1250
1600
2000
Voltage Range (VAC)
63
90
125
160
300
400
450
450
500
Capacitance Range (µF) 0.047 – 0.15 0.033 – 0.1 0.015 – 0.047 0.01 – 0.047 0.01 – 2.2 0.0033 – 1.5 0.0022 – 0.82 0.001 – 0.56 0.0001 – 0.22
Capacitance Values
E6/E12series(IEC60063)measured@1kHzand+20±1°C
Capacitance Tolerance
±5%, ±10%, ±2.5% only for 2 sections
Category Temperature Range
−55°Cto+105°C
Rated Temperature T
R
+85°C
Voltage Derating
Above+85°CDCandACvoltagederatingis1.25%/°C
Climatic Category
55/105/56 IEC 60068-1
Storage Conditions
Storagetime:≤24monthsfromthedatemarkedonthelabelpackage
Averagerelativehumidityperyear≤70%
RH≤85%for30daysrandomlydistributedthroughouttheyear
Dew is absent
Temperature:−40to80°C(see"MaximumHumidityinStorageConditions"graphbelow)


Similar Part No. - R73MW2470AA00J

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R7311 HAMAMATSU-R7311 Datasheet
70Kb / 2P
   PHOTOMULTIPLIER TUBES
logo
3M Electronics
R7359 3M-R7359 Datasheet
29Kb / 3P
   Repulpable Splittable Flying Splice Tapes
R7359 3M-R7359 Datasheet
341Kb / 2P
   Splittable Flying Splice Tapes for Flexographic Printers
R7369 3M-R7369 Datasheet
29Kb / 3P
   Repulpable Splittable Flying Splice Tapes
logo
Kemet Corporation
R73PI21004000J KEMET-R73PI21004000J Datasheet
56Kb / 1P
   Capacitor, film, 0.01 uF, /-5% Tol, -55/105C, General Purpose, 630 VDC@85C, Lead Spacing=15 mm
More results

Similar Description - R73MW2470AA00J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R73UI02204000J KEMET-R73UI02204000J Datasheet
59Kb / 1P
   R73, Film, Film/Foil Polypropylene, Automotive Grade, 220 pF, 5%, 2000 VDC, 85째C, Lead Spacing = 15mm
R73UI04704000J KEMET-R73UI04704000J Datasheet
59Kb / 1P
   R73, Film, Film/Foil Polypropylene, Automotive Grade, 470 pF, 5%, 2000 VDC, 85째C, Lead Spacing = 15mm
R73UI01004000J KEMET-R73UI01004000J Datasheet
59Kb / 1P
   R73, Film, Film/Foil Polypropylene, Automotive Grade, 100 pF, 5%, 2000 VDC, 85째C, Lead Spacing = 15mm
R73UI01504000J KEMET-R73UI01504000J Datasheet
59Kb / 1P
   R73, Film, Film/Foil Polypropylene, Automotive Grade, 150 pF, 5%, 2000 VDC, 85째C, Lead Spacing = 15mm
PFR5101J63J11L4BULK KEMET-PFR5101J63J11L4BULK Datasheet
396Kb / 12P
   PFR Series Polypropylene Film/Foil, Radial
PHE448RB4150JR06 KEMET-PHE448RB4150JR06 Datasheet
2Mb / 13P
   PHE448 Series Polypropylene Film/Foil, Radial
R73TN2100SE00J KEMET-R73TN2100SE00J Datasheet
54Kb / 1P
   R73, Film, Film/Foil Polypropylene, Commercial Grade, 0.01 uF, 5%, 1,600 V, 85C, Lead Spacing = 22.5mm
R73UI03304000J KEMET-R73UI03304000J Datasheet
54Kb / 1P
   R73, Film, Film/Foil Polypropylene, Commercial Grade, 330 pF, 5%, 2,000 V, 85C, Lead Spacing = 15mm
R73RI12204000J KEMET-R73RI12204000J Datasheet
54Kb / 1P
   R73, Film, Film/Foil Polypropylene, Commercial Grade, 2200 pF, 5%, 1,250 V, 85C, Lead Spacing = 15mm
R73TR24704000J KEMET-R73TR24704000J Datasheet
54Kb / 1P
   R73, Film, Film/Foil Polypropylene, Commercial Grade, 0.047 uF, 5%, 1,600 V, 85C, Lead Spacing = 27.5mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com