Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T510X477K035AGE8007280 Datasheet(PDF) 4 Page - Kemet Corporation

Part # T510X477K035AGE8007280
Description  T510 Series Multiple Anode MnO2
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T510X477K035AGE8007280 Datasheet(HTML) 4 Page - Kemet Corporation

  T510X477K035AGE8007280 Datasheet HTML 1Page - Kemet Corporation T510X477K035AGE8007280 Datasheet HTML 2Page - Kemet Corporation T510X477K035AGE8007280 Datasheet HTML 3Page - Kemet Corporation T510X477K035AGE8007280 Datasheet HTML 4Page - Kemet Corporation T510X477K035AGE8007280 Datasheet HTML 5Page - Kemet Corporation T510X477K035AGE8007280 Datasheet HTML 6Page - Kemet Corporation T510X477K035AGE8007280 Datasheet HTML 7Page - Kemet Corporation T510X477K035AGE8007280 Datasheet HTML 8Page - Kemet Corporation T510X477K035AGE8007280 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2014_T510 • 9/21/2016
44
Tantalum Surface Mount Capacitors – Low ESR
T510 Series Multiple Anode MnO
2
Electrical Characteristics
1
10
100
100
1,000
10,000
100,000
1,000,000
10,000,000
Frequency (Hz)
T510X226M035ATE100
T510X336M035ATE065
T510E476M035ATE050
Capacitancevs.Frequency
Impedance,ESRvs.Frequency
0.01
0.1
1
10
100
100
1,000
10,000
100,000
1,000,000
10,000,000
Frequency (Hz)
T510X226M035ATE100_IMP
T510X336M035ATE065_IMP
T510E476M035ATE050_IMP
T510X226M035ATE100_ESR
T510X336M035ATE065_ESR
T510E476M035ATE050_ESR
Dimensions – Millimeters (Inches)
Metric will govern
H
X
T
B
B
G
F
E
A
L
R
P
SIDE VIEW
ANODE (+) END VIEW
BOTTOM VIEW
CATHODE (-) END VIEW
W
S
S
Termination cutout
at KEMET's option,
either end
Case Size
Component
Total
Weight
KEMET EIA
L
W
H
F±0.1
±(.004)
S ±0.3
±(.012)
B ±0.15
(Ref)±.006
X
(Ref)
P
(Ref)
R
(Ref)
T
(Ref)
A
(Min)
G
(Ref)
E
(Ref)
(mg)
X
7343–43
7.3±0.3
(0.287±0.012)
4.3±0.3
(0.169±0.012)
4.0±0.3
(0.157±0.012)
2.4
(0.094)
1.3
(0.051)
0.5
(0.020)
0.10±0.10
(0.004±0.004)
1.7
(0.067)
1.0
(0.039)
0.13
(0.005)
3.8
(0.150)
3.5
(0.138)
3.5
(0.138)
430.15
E
7360–38
7.3±0.3
(0.287±0.012)
6.0±0.3
(0.236±0.012)
3.6±0.2
(0.142±0.008)
4.1
(0.161)
1.3
(0.051)
0.5
(0.020)
0.10±0.10
(0.004±0.004)
n/a
n/a
0.13
(0.005)
3.8
(0.150)
3.5
(0.138)
3.5
(0.138)
500.73
Notes: (Ref) – Dimensions provided for reference only. For low profile cases, no dimensions are provided for B, P or R because these cases do not have a bevel or
a notch.
These weights are provided as reference. If exact weights are needed, please contact your KEMET Sales Representative


Similar Part No. - T510X477K035AGE8007280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T510X477K035AGE030 KEMET-T510X477K035AGE030 Datasheet
981Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
More results

Similar Description - T510X477K035AGE8007280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T510X477M006ATA030 KEMET-T510X477M006ATA030 Datasheet
1Mb / 15P
   T510 Series Automotive Grade Multiple Anode Low ESR MnO2
T510X337M010ATE035 KEMET-T510X337M010ATE035 Datasheet
2Mb / 16P
   Tantalum Surface Mount Capacitors ??Low ESR T510 Series Multiple Anode MnO2
T510X106K050ATE120 KEMET-T510X106K050ATE120 Datasheet
2Mb / 17P
   Tantalum Surface Mount Capacitors . Low ESR T510 Series Multiple Anode MnO2
T510X226K050ATE075 KEMET-T510X226K050ATE075 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, Multi-Anode, T510, 22 uF, 10%, 50 V, 7343, SMD, MnO2, Molded, Multiple Anodes, Low ESR, 75mOhms, 4.3mm
T510X337M010ATE035 KEMET-T510X337M010ATE035_17 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, Multi-Anode, T510, 330 uF, 20%, 10 V, 7343, SMD, MnO2, Molded, Multiple Anodes, Low ESR, 35mOhms, 4.3mm
T510X337K010ATE035 KEMET-T510X337K010ATE035 Datasheet
81Kb / 1P
   T510, Tantalum, MnO2 Tantalum, Multi-Anode, 330 uF, 10%, 10 V, 7343, SMD, MnO2, Molded, Multiple Anodes, Low ESR, 35mOhms, Height Max = 4.3mm
T510X476K035ATE055 KEMET-T510X476K035ATE055 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, Multi-Anode, T510, 47 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, Multiple Anodes, Low ESR, 55mOhms, Height Max = 4.3mm
T510X227K016ATE025 KEMET-T510X227K016ATE025 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, Multi-Anode, T510, 220 uF, 10%, 16 V, 7343, SMD, MnO2, Molded, Multiple Anodes, Low ESR, 25mOhms, Height Max = 4.3mm
T510X107M020ATE040 KEMET-T510X107M020ATE040 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, Multi-Anode, T510, 100 uF, 20%, 20 V, 7343, SMD, MnO2, Molded, Multiple Anodes, Low ESR, 40mOhms, Height Max = 4.3mm
T510E107K025ATE050 KEMET-T510E107K025ATE050 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, Multi-Anode, T510, 100 uF, 10%, 25 V, 7360, SMD, MnO2, Molded, Large Case, Multi-Anode, LowESR, 50 mOhms, 3.8mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com