Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R73QR2470AA00J Datasheet(PDF) 3 Page - Kemet Corporation

Part # R73QR2470AA00J
Description  R73 Series Polypropylene Film/Foil, Radial (Automotive Grade)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R73QR2470AA00J Datasheet(HTML) 3 Page - Kemet Corporation

  R73QR2470AA00J Datasheet HTML 1Page - Kemet Corporation R73QR2470AA00J Datasheet HTML 2Page - Kemet Corporation R73QR2470AA00J Datasheet HTML 3Page - Kemet Corporation R73QR2470AA00J Datasheet HTML 4Page - Kemet Corporation R73QR2470AA00J Datasheet HTML 5Page - Kemet Corporation R73QR2470AA00J Datasheet HTML 6Page - Kemet Corporation R73QR2470AA00J Datasheet HTML 7Page - Kemet Corporation R73QR2470AA00J Datasheet HTML 8Page - Kemet Corporation R73QR2470AA00J Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3037_R73 • 1/20/2016
3
Film Capacitors – Polypropylene Pulse/High Frequency Capacitors
R73 Series Polypropylene Film/Foil, Radial (Automotive Grade)
Dimensions – Millimeters
H
p
LL
d
L
B
FRONT VIEW
SIDE VIEW
p
B
H
L
d
Nominal Tolerance Nominal Tolerance Nominal Tolerance Nominal Tolerance Nominal Tolerance
15.0
+/-0.4
5.0
+0.2
11.0
+0.1
18.0
+0.3
0.8
+/-0.05
15.0
+/-0.4
6.0
+0.2
12.0
+0.1
18.0
+0.3
0.8
+/-0.05
15.0
+/-0.4
7.5
+0.2
13.5
+0.1
18.0
+0.5
0.8
+/-0.05
15.0
+/-0.4
8.5
+0.2
14.5
+0.1
18.0
+0.5
0.8
+/-0.05
15.0
+/-0.4
10.0
+0.2
16.0
+0.1
18.0
+0.5
0.8
+/-0.05
22.5
+/-0.4
6.0
+0.2
15.0
+0.1
26.5
+0.3
0.8
+/-0.05
22.5
+/-0.4
7.0
+0.2
16.0
+0.1
26.5
+0.3
0.8
+/-0.05
22.5
+/-0.4
8.5
+0.2
17.0
+0.1
26.5
+0.3
0.8
+/-0.05
22.5
+/-0.4
10.0
+0.2
18.5
+0.1
26.5
+0.3
0.8
+/-0.05
22.5
+/-0.4
11.0
+0.2
20.0
+0.1
26.5
+0.3
0.8
+/-0.05
27.5
+/-0.4
9.0
+0.2
17.0
+0.1
32.0
+0.3
0.8
+/-0.05
27.5
+/-0.4
11.0
+0.2
20.0
+0.1
32.0
+0.3
0.8
+/-0.05
27.5
+/-0.4
13.0
+0.2
22.0
+0.1
32.0
+0.3
0.8
+/-0.05
27.5
+/-0.4
13.0
+0.2
25.0
+0.1
32.0
+0.3
0.8
+/-0.05
27.5
+/-0.4
14.0
+0.2
28.0
+0.1
32.0
+0.3
0.8
+/-0.05
27.5
+/-0.4
18.0
+0.2
33.0
+0.1
32.0
+0.3
0.8
+/-0.05
27.5
+/-0.4
22.0
+0.2
37.0
+0.1
32.0
+0.3
0.8
+/-0.05
37.5
+/-0.4
11.0
+0.3
22.0
+0.1
41.5
+0.3
1.0
+/-0.05
37.5
+/-0.4
13.0
+0.3
24.0
+0.1
41.5
+0.3
1.0
+/-0.05
37.5
+/-0.4
16.0
+0.3
28.5
+0.1
41.5
+0.3
1.0
+/-0.05
37.5
+/-0.4
19.0
+0.3
32.0
+0.1
41.5
+0.3
1.0
+/-0.05
37.5
+/-0.4
20.0
+0.3
40.0
+0.1
41.5
+0.3
1.0
+/-0.05
37.5
+/-0.4
24.0
+0.3
44.0
+0.1
41.5
+0.3
1.0
+/-0.05
37.5
+/-0.4
30.0
+0.3
45.0
+0.1
41.5
+0.3
1.0
+/-0.05
Note: See Ordering Options Table for lead length (LL/Ho) options.


Similar Part No. - R73QR2470AA00J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R73QI13304030J KEMET-R73QI13304030J Datasheet
55Kb / 1P
   Capacitor, film, 3300 pF, /-5% Tol, -55/105C, General Purpose, 1000 VDC@85C, Lead Spacing=15 mm
R73QI14704030J KEMET-R73QI14704030J Datasheet
56Kb / 1P
   Capacitor, film, 4700 pF, /-5% Tol, -55/105C, General Purpose, 1000 VDC@85C, Lead Spacing=15 mm
R73QI1470SE30K KEMET-R73QI1470SE30K Datasheet
54Kb / 1P
   R73, Film, Film/Foil Polypropylene, Commercial Grade, 4700 pF, 10%, 1,000 V, 85C, Lead Spacing = 15mm
R73QI16804030J KEMET-R73QI16804030J Datasheet
56Kb / 1P
   Capacitor, film, 6800 pF, /-5% Tol, -55/105C, General Purpose, 1000 VDC@85C, Lead Spacing=15 mm
R73QI21004030J KEMET-R73QI21004030J Datasheet
56Kb / 1P
   Capacitor, film, 0.01 uF, /-5% Tol, -55/105C, General Purpose, 1000 VDC@85C, Lead Spacing=15 mm
More results

Similar Description - R73QR2470AA00J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R73UI02204000J KEMET-R73UI02204000J Datasheet
59Kb / 1P
   R73, Film, Film/Foil Polypropylene, Automotive Grade, 220 pF, 5%, 2000 VDC, 85째C, Lead Spacing = 15mm
R73UI04704000J KEMET-R73UI04704000J Datasheet
59Kb / 1P
   R73, Film, Film/Foil Polypropylene, Automotive Grade, 470 pF, 5%, 2000 VDC, 85째C, Lead Spacing = 15mm
R73UI01004000J KEMET-R73UI01004000J Datasheet
59Kb / 1P
   R73, Film, Film/Foil Polypropylene, Automotive Grade, 100 pF, 5%, 2000 VDC, 85째C, Lead Spacing = 15mm
R73UI01504000J KEMET-R73UI01504000J Datasheet
59Kb / 1P
   R73, Film, Film/Foil Polypropylene, Automotive Grade, 150 pF, 5%, 2000 VDC, 85째C, Lead Spacing = 15mm
PFR5101J63J11L4BULK KEMET-PFR5101J63J11L4BULK Datasheet
396Kb / 12P
   PFR Series Polypropylene Film/Foil, Radial
PHE448RB4150JR06 KEMET-PHE448RB4150JR06 Datasheet
2Mb / 13P
   PHE448 Series Polypropylene Film/Foil, Radial
R73TN2100SE00J KEMET-R73TN2100SE00J Datasheet
54Kb / 1P
   R73, Film, Film/Foil Polypropylene, Commercial Grade, 0.01 uF, 5%, 1,600 V, 85C, Lead Spacing = 22.5mm
R73UI03304000J KEMET-R73UI03304000J Datasheet
54Kb / 1P
   R73, Film, Film/Foil Polypropylene, Commercial Grade, 330 pF, 5%, 2,000 V, 85C, Lead Spacing = 15mm
R73RI12204000J KEMET-R73RI12204000J Datasheet
54Kb / 1P
   R73, Film, Film/Foil Polypropylene, Commercial Grade, 2200 pF, 5%, 1,250 V, 85C, Lead Spacing = 15mm
R73TR24704000J KEMET-R73TR24704000J Datasheet
54Kb / 1P
   R73, Film, Film/Foil Polypropylene, Commercial Grade, 0.047 uF, 5%, 1,600 V, 85C, Lead Spacing = 27.5mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com