Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R73TI2470AA00J Datasheet(PDF) 6 Page - Kemet Corporation

Part # R73TI2470AA00J
Description  R73 Series Polypropylene Film/Foil, Radial (Automotive Grade)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R73TI2470AA00J Datasheet(HTML) 6 Page - Kemet Corporation

Back Button R73TI2470AA00J Datasheet HTML 2Page - Kemet Corporation R73TI2470AA00J Datasheet HTML 3Page - Kemet Corporation R73TI2470AA00J Datasheet HTML 4Page - Kemet Corporation R73TI2470AA00J Datasheet HTML 5Page - Kemet Corporation R73TI2470AA00J Datasheet HTML 6Page - Kemet Corporation R73TI2470AA00J Datasheet HTML 7Page - Kemet Corporation R73TI2470AA00J Datasheet HTML 8Page - Kemet Corporation R73TI2470AA00J Datasheet HTML 9Page - Kemet Corporation R73TI2470AA00J Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3037_R73 • 1/20/2016
6
Film Capacitors – Polypropylene Pulse/High Frequency Capacitors
R73 Series Polypropylene Film/Foil, Radial (Automotive Grade)
Maximum Voltage (V
rms) vs. Frequency (Sinusoidal Waveform/Th ≤ 40ºC)
1
10
100
1000
0.1
1
10
100
1000
Vrms [V]
f [kHz]
100Vdc /63 Vac
0.047µF p=15.0
0.1 µF p=15.0
1
10
100
1000
0.1
1
10
100
1000
Vrms [V]
f [kHz]
160 Vdc / 90 Vac
1
10
100
1000
0.1
1
10
100
1000
Vrms [V]
f [kHz]
250 Vdc / 125 Vac
0.015 µF p=15.0
0.047 µF p=15.0
0.033 µF p=15.0
0.1
µF p=15.0
1
10
100
1000
0.1
1
10
100
1000
Vrms [V]
f [kHz]
400 Vdc / 160 Vac
0.010µF p=15.0
0.047µF p=15.0
1
10
100
1000
0.1
1
10
100
1000
Vrms [V]
f [kHz]
630 Vdc / 300 Vac
0.033µF p=15.0
0.068µF p=22.5
0.22 µF p=27.5
0.82 µF p=37.5
1
10
100
1000
0.1
1
10
100
1000
Vrms [V]
f [kHz]
1000 Vdc / 400 Vac
0.01 µF p=15.0
0.047µF p=22.5
0.1 µF p=27.5
0.68 µF p=37.5
1
10
100
1000
0.1
1
10
100
1000
Vrms [V]
f [kHz]
1250 Vdc / 450 Vac
6800 pF p=15.0
0.015µF p=22.5
0.15 µF p=27.5
0.33 µF p=37.5
1
10
100
1000
0.1
1
10
100
1000
Vrms [V]
f [kHz]
2000 Vdc / 500 Vac
2200 pF p=15.0
6800 pF p=22.5
0.033µF p=27.5
0.1 µF p=37.5
1
10
100
1000
0.1
1
10
100
1000
Vrms [V]
f [kHz]
1600 Vdc / 450 Vac
1800 pF p=15.0
0.01 µF p=22.5
0.047µF p=27.5
0.22 µF p=37.5


Similar Part No. - R73TI2470AA00J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R73TI11004000J KEMET-R73TI11004000J Datasheet
55Kb / 1P
   Capacitor, film, 1000 pF, /-5% Tol, -55/105C, General Purpose, 1600 VDC@85C, Lead Spacing=15 mm
R73TI11504000J KEMET-R73TI11504000J Datasheet
56Kb / 1P
   Capacitor, film, 1500 pF, /-5% Tol, -55/105C, General Purpose, 1600 VDC@85C, Lead Spacing=15 mm
R73TI12204000J KEMET-R73TI12204000J Datasheet
56Kb / 1P
   Capacitor, film, 2200 pF, /-5% Tol, -55/105C, General Purpose, 1600 VDC@85C, Lead Spacing=15 mm
R73TI13304000J KEMET-R73TI13304000J Datasheet
56Kb / 1P
   Capacitor, film, 3300 pF, /-5% Tol, -55/105C, General Purpose, 1600 VDC@85C, Lead Spacing=15 mm
R73TI14704000J KEMET-R73TI14704000J Datasheet
56Kb / 1P
   Capacitor, film, 4700 pF, /-5% Tol, -55/105C, General Purpose, 1600 VDC@85C, Lead Spacing=15 mm
More results

Similar Description - R73TI2470AA00J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R73UI02204000J KEMET-R73UI02204000J Datasheet
59Kb / 1P
   R73, Film, Film/Foil Polypropylene, Automotive Grade, 220 pF, 5%, 2000 VDC, 85째C, Lead Spacing = 15mm
R73UI04704000J KEMET-R73UI04704000J Datasheet
59Kb / 1P
   R73, Film, Film/Foil Polypropylene, Automotive Grade, 470 pF, 5%, 2000 VDC, 85째C, Lead Spacing = 15mm
R73UI01004000J KEMET-R73UI01004000J Datasheet
59Kb / 1P
   R73, Film, Film/Foil Polypropylene, Automotive Grade, 100 pF, 5%, 2000 VDC, 85째C, Lead Spacing = 15mm
R73UI01504000J KEMET-R73UI01504000J Datasheet
59Kb / 1P
   R73, Film, Film/Foil Polypropylene, Automotive Grade, 150 pF, 5%, 2000 VDC, 85째C, Lead Spacing = 15mm
PFR5101J63J11L4BULK KEMET-PFR5101J63J11L4BULK Datasheet
396Kb / 12P
   PFR Series Polypropylene Film/Foil, Radial
PHE448RB4150JR06 KEMET-PHE448RB4150JR06 Datasheet
2Mb / 13P
   PHE448 Series Polypropylene Film/Foil, Radial
R73TN2100SE00J KEMET-R73TN2100SE00J Datasheet
54Kb / 1P
   R73, Film, Film/Foil Polypropylene, Commercial Grade, 0.01 uF, 5%, 1,600 V, 85C, Lead Spacing = 22.5mm
R73UI03304000J KEMET-R73UI03304000J Datasheet
54Kb / 1P
   R73, Film, Film/Foil Polypropylene, Commercial Grade, 330 pF, 5%, 2,000 V, 85C, Lead Spacing = 15mm
R73RI12204000J KEMET-R73RI12204000J Datasheet
54Kb / 1P
   R73, Film, Film/Foil Polypropylene, Commercial Grade, 2200 pF, 5%, 1,250 V, 85C, Lead Spacing = 15mm
R73TR24704000J KEMET-R73TR24704000J Datasheet
54Kb / 1P
   R73, Film, Film/Foil Polypropylene, Commercial Grade, 0.047 uF, 5%, 1,600 V, 85C, Lead Spacing = 27.5mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com