Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L130WDT Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # L130WDT
Description  T-1 RIGHT ANGLE INDICATORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

L130WDT Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  L130WDT Datasheet HTML 1Page - List of Unclassifed Manufacturers L130WDT Datasheet HTML 2Page - List of Unclassifed Manufacturers L130WDT Datasheet HTML 3Page - List of Unclassifed Manufacturers L130WDT Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SPEC NO: CDA0581
REV NO: V.1
DATE: NOV/5/2001
PAGE: 4 OF 4
APPROVED:J.LU
CHECKED:
DRAWN:M.F.CAI
Green / Yellow L130WDT/GYW
High Efficiency Red / Yellow L130WDT/EYW


Similar Part No. - L130WDT

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L130-1070001400001 LUMILEDS-L130-1070001400001 Datasheet
1Mb / 2P
   Hot-color targeted industry standard package for uniform light
L130-1070001400001 LUMILEDS-L130-1070001400001 Datasheet
3Mb / 25P
   Hot-color targeted industry standard package for uniform light
L130-1070001400001 LUMILEDS-L130-1070001400001 Datasheet
4Mb / 25P
   Hot-color targeted industry standard package for uniform light
L130-1070001400001 LUMILEDS-L130-1070001400001 Datasheet
2Mb / 22P
   High efficacy compact package, designed for high quality light output
20200426
L130-2270HA30000B1 LUMILEDS-L130-2270HA30000B1 Datasheet
2Mb / 22P
   Industry leading efficacy, 3V 3030 package
20210120
More results

Similar Description - L130WDT

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L-1503CB KINGBRIGHT-L-1503CB Datasheet
570Kb / 4P
   T-1 3/4 (5mm) RIGHT ANGLE LED INDICATORS
logo
Chicago Miniature Lamp,...
CMC01R CML-CMC01R Datasheet
43Kb / 2P
   T-1 StatusPak Circuit Board Indicators
logo
Visual Communications C...
5608 VCC-5608 Datasheet
75Kb / 1P
   T-1 Right Angle LED Assembly
logo
Chicago Miniature Lamp,...
5655F1 CML-5655F1 Datasheet
26Kb / 1P
   T-1 Right Angle LED Assembly
logo
Visual Communications C...
5600 VCC-5600 Datasheet
94Kb / 1P
   T-1 Right Angle LED Assembly
logo
IDEA.lnc.
G60B IDEA-G60B Datasheet
99Kb / 1P
   T-1 size right-angle indicator
logo
Chicago Miniature Lamp,...
5322F1 CML-5322F1 Datasheet
28Kb / 1P
   T-1 Right Angle LED Assembly
5600F1 CML-5600F1 Datasheet
23Kb / 1P
   T-1 Right Angle LED Assembly
5650F1 CML-5650F1 Datasheet
25Kb / 1P
   T-1 Right Angle LED Assembly
logo
Visual Communications C...
5650 VCC-5650 Datasheet
83Kb / 1P
   T-1 Right Angle LED Assembly
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com