Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB820 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # SB820
Description  8.0 AMP SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SB820 Datasheet(HTML) 1 Page - Nanjing International Group Co

  SB820 Datasheet HTML 1Page - Nanjing International Group Co SB820 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
8.0 AMP SCHOTTKY BARRIER RECTIFIERS
MAXIMUM R AT INGS AND E LE CT R ICAL CHAR ACT E R IS T ICS
Rating 25 Cambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPENUMBER
MaximumRecurrent Peak Reverse Voltage
MaximumRMSVoltage
MaximumDCBlocking Voltage
MaximumAverage Forward Rectified Current
See Fig. 1
TO-220A
Dimensions in inches and (millimeters)
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDECmethod)
MaximumInstantaneous Forward Voltage at 8.0A
MaximumDCReverse Current
Ta=25 C
at Rated DCBlocking Voltage
Ta=100 C
Typical Junction Capacitance (Note1)
8.0
150
0.5
50
3.0
V
V
A
A
V
mA
mA
pF
* Lowforward voltage drop
* High current capability
* High reliability
* High surge current capability
* Epitaxial construction
* Case: Molded plastic
* Epoxy: UL94V-0 rate flame retardant
* Lead: Lead solderable per MIL-STD-202,
method 208 guranteed
* Polarity: As Marked
* Mounting position: Any
* Weight: 2.24 grams
S
B820
S
B8100
THRU
UNITS
V
Typical Thermal Resistance R
JC(Note 2)
θ
0.65
0.75
700
460
.412
.248
.040
.180
.050
.120
.158
.595
.550
.200
.051
.040
.108
(10.5)
(6.3)
(1.0)
(4.6)
(1.27)
(3.05)
(4.0)
(15.1)
(14.0)
(5.08)
(1.3)
(1.0)
(2.75)
MAX.
MAX.
MAX.
MAX.
MIN.
MAX.
MAX.
3.8 +.2
HOLETHRU
φ
+
+
+
PIN1
PIN1
PIN2
PIN2
CASE
CASE
Case Positive
Case Negative
Suffix "R"
14
21
28
35
42
49
56
20
30
40
50
60
80
100
20
30
40
50
60
80
100
S
B820 SB830 SB840 SB850 SB860 SB880 SB8100
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0VD.C.
2. Thermal Resistance Junction to Case.
VOLTAGERANGE
20 to
100Volts
CURRENT
8.0Amperes
-65 +125
-65 +150
-65 +150
Operating
StorageTemperature RangeT
STG
Temperature RangeT
J
C
C
C/W
* Both normal and Pb free product are available:
* Normal:80~95%Sn,5~20%Pb
* Pb free:99 Sn above can meet Rohs enviroment substance
directive request


Similar Part No. - SB820

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB820 PANJIT-SB820 Datasheet
37Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 8 Ampere)
logo
Semikron International
SB820 SEMIKRON-SB820 Datasheet
306Kb / 2P
   Schottky barrier rectifiers diodes
logo
Diotec Semiconductor
SB820 DIOTEC-SB820 Datasheet
140Kb / 2P
   Schottky Barrier Rectifier Diodes
logo
Transys Electronics
SB820 TRSYS-SB820 Datasheet
146Kb / 2P
   8 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB820 LRC-SB820 Datasheet
208Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V
More results

Similar Description - SB820

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SR8150E SECOS-SR8150E Datasheet
187Kb / 2P
   8.0 Amp Schottky Barrier Rectifiers
SR8200E SECOS-SR8200E Datasheet
340Kb / 2P
   8.0 Amp Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SR8150 GWSEMI-SR8150 Datasheet
70Kb / 2P
   8.0 AMP SCHOTTKY BARRIER RECTIFIERS
SRF8150 GWSEMI-SRF8150 Datasheet
71Kb / 2P
   8.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Nanjing International G...
SRF820 DGNJDZ-SRF820 Datasheet
482Kb / 2P
   8.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR840-8A-TO-220AC DGNJDZ-SR840-8A-TO-220AC Datasheet
424Kb / 2P
   8.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR850-8A-TO-220AC DGNJDZ-SR850-8A-TO-220AC Datasheet
424Kb / 2P
   8.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR840.8A-TO-220AC DGNJDZ-SR840.8A-TO-220AC Datasheet
424Kb / 2P
   8.0 AMP SCHOTTKY BARRIER RECTIFIERS
SB8100-8A-TO-220AC DGNJDZ-SB8100-8A-TO-220AC Datasheet
379Kb / 2P
   8.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SR8100E SECOS-SR8100E Datasheet
458Kb / 2P
   8.0 Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com