Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB850 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # SB850
Description  8.0 AMP SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SB850 Datasheet(HTML) 2 Page - Nanjing International Group Co

  SB850 Datasheet HTML 1Page - Nanjing International Group Co SB850 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.1
1.0
.01
10
50
RATING AND CHARACTERISTIC CURVES (S
B820 THRU SB100)
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
FIG.3-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
FIG.4-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
2
4
6
8
10
12
2000
2400
2800
1600
1200
800
400
0
.01
.05
.1
.5
1
5
10
50
100
.1
.3
.5
.7
.9
1.1 1.3 1.5
5.0
.1
1.0
10
100
FIG.5 - TYPICAL REVERSE
CHARACTERISTICS
0
20
40
60
80 100 120 140
.01
Tj=75 C
SB860~SB
8100
SB82
0~SB
850
Tj=25 C
Tj=25 C
100
50
0
150
250
200
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
0
0
20
40
60
80
100
120
140
160
180
200
CASE TEMPERATURE,( C)
FIG.2-TYPICAL FORWARD
CHARACTERISTICS


Similar Part No. - SB850

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB850 PANJIT-SB850 Datasheet
37Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 8 Ampere)
logo
Leshan Radio Company
SB850 LRC-SB850 Datasheet
208Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V
logo
Transys Electronics
SB850 TRSYS-SB850 Datasheet
146Kb / 2P
   8 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Compact Technology Corp...
SB850 CTC-SB850 Datasheet
103Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB850 WTE-SB850 Datasheet
37Kb / 3P
   8.0A SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB850

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SR8150E SECOS-SR8150E Datasheet
187Kb / 2P
   8.0 Amp Schottky Barrier Rectifiers
SR8200E SECOS-SR8200E Datasheet
340Kb / 2P
   8.0 Amp Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SR8150 GWSEMI-SR8150 Datasheet
70Kb / 2P
   8.0 AMP SCHOTTKY BARRIER RECTIFIERS
SRF8150 GWSEMI-SRF8150 Datasheet
71Kb / 2P
   8.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Nanjing International G...
SRF820 DGNJDZ-SRF820 Datasheet
482Kb / 2P
   8.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR840-8A-TO-220AC DGNJDZ-SR840-8A-TO-220AC Datasheet
424Kb / 2P
   8.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR850-8A-TO-220AC DGNJDZ-SR850-8A-TO-220AC Datasheet
424Kb / 2P
   8.0 AMP SCHOTTKY BARRIER RECTIFIERS
SB860-8A-TO-220AC DGNJDZ-SB860-8A-TO-220AC Datasheet
379Kb / 2P
   8.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR840.8A-TO-220AC DGNJDZ-SR840.8A-TO-220AC Datasheet
424Kb / 2P
   8.0 AMP SCHOTTKY BARRIER RECTIFIERS
SB8100-8A-TO-220AC DGNJDZ-SB8100-8A-TO-220AC Datasheet
379Kb / 2P
   8.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SR8100E SECOS-SR8100E Datasheet
458Kb / 2P
   8.0 Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com