Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DPC50US05 Datasheet(PDF) 2 Page - XP Power Limited

Part # DPC50US05
Description  AC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

DPC50US05 Datasheet(HTML) 2 Page - XP Power Limited

  DPC50US05 Datasheet HTML 1Page - XP Power Limited DPC50US05 Datasheet HTML 2Page - XP Power Limited DPC50US05 Datasheet HTML 3Page - XP Power Limited DPC50US05 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DPC50 Series
www.xppower.com
2
AC-DC Power Supplies
Input
Output
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage - V1
5
24
VDC
See Models and Ratings table
Initial Set Accuracy
0
+1
%
At 100% load
Output Voltage Adjustment
%
See Models and Ratings table, output power rating must
not be exceeded
Minimum Load
0A
No minimum load required
Capacitive Load
3500
µF
Start Up Delay
1s
Start Up Rise Time
150
ms
Hold Up Time
16/50
ms
At full load and 115 VAC/230 VAC
Line Regulation
±1
%
Load Regulation
±1
%
Transient Response - V1
4%
Recovery within 1% in less than 2 ms
for a 50% step load change at 0.2 A/µs
Ripple & Noise
100
mV pk-pk
Measured at 20 MHz bandwidth
Overvoltage Protection
6.5
8.5
V
5 V model
16.2
18
12 V model
28.8
32.4
24 V model
Overload Protection
140
%
Short Circuit Protection
Trip and Restart (Hiccup Mode)
Temperature Coefficient
0.03
%/˚C
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage - Operating
85
264
VAC
See input voltage derating curve
Input Frequency
47
50/60
63
Hz
Power Factor
Conforms to EN61000-3-2 Class A
Input Current - Full Load
1.0/0.6
A
115/230 VAC
Inrush Current
30/60
A
At 115/230 VAC
Earth Leakage Current
1
mA
At 264 VAC, 60 Hz
Input Protection
T2.0 A / 250 V internal in-line fuse
No Load Input Power
0.3
W
General
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
85
%
See Models & Ratings table
Isolation: Input to Output
Input to Ground
Output to Ground
3000
VAC
1500
VAC
500
VAC
Switching Frequency
65
kHz
Output LED
Green LED to indicate output on.
Mean Time Between Failure
530
kHrs
BELLCORE issue 6 at 40 °C, GB
Weight
0.42 (190.0)
lb (g)


Similar Part No. - DPC50US05

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
DPC56-15 SUPERWORLD-DPC56-15 Datasheet
112Kb / 1P
   POWER TRANSFORMER
DPC56-180 SUPERWORLD-DPC56-180 Datasheet
112Kb / 1P
   POWER TRANSFORMER
DPC56-20 SUPERWORLD-DPC56-20 Datasheet
112Kb / 1P
   POWER TRANSFORMER
DPC56-420 SUPERWORLD-DPC56-420 Datasheet
112Kb / 1P
   POWER TRANSFORMER
DPC56-80 SUPERWORLD-DPC56-80 Datasheet
112Kb / 1P
   POWER TRANSFORMER
More results

Similar Description - DPC50US05

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com