Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LG-5630DBKZ-1-T60-A01 Datasheet(PDF) 10 Page - LIGITEK electronics co., ltd.

Part # LG-5630DBKZ-1-T60-A01
Description  0.2W Power Light LED
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LG-5630DBKZ-1-T60-A01 Datasheet(HTML) 10 Page - LIGITEK electronics co., ltd.

Back Button LG-5630DBKZ-1-T60-A01 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LG-5630DBKZ-1-T60-A01 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LG-5630DBKZ-1-T60-A01 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LG-5630DBKZ-1-T60-A01 Datasheet HTML 9Page - LIGITEK electronics co., ltd. LG-5630DBKZ-1-T60-A01 Datasheet HTML 10Page - LIGITEK electronics co., ltd. LG-5630DBKZ-1-T60-A01 Datasheet HTML 11Page - LIGITEK electronics co., ltd. LG-5630DBKZ-1-T60-A01 Datasheet HTML 12Page - LIGITEK electronics co., ltd. LG-5630DBKZ-1-T60-A01 Datasheet HTML 13Page - LIGITEK electronics co., ltd. LG-5630DBKZ-1-T60-A01 Datasheet HTML 14Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
9/17
Page
Bins Code of WW chromaticity coordinates
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
3050~3250
X
Color Coordiante at 60mA
BIN CODE
CCT(K)
YX
1
YX
2
YX
3
4
Y
2670~2850
2850~3050
0.412
0.429
0.407
0.438
PO
0.424
0.444
0.438
0.453
0.43
0.461
PN
NN
NO
MN
MO
0.46
0.453
0.444
0.421
0.426
0.412
0.426
0.438
0.416
0.43
0.453
0.444
0.444
0.453
0.433
0.416
0.416
0.467
0.399
0.458
0.389
0.394
0.416
0.412
0.424
0.416
0.399
0.438
0.429
0.407
0.412
0.394
0.420
0.477
0.403
0.467
0.437
0.416
0.35
0.37
0.39
0.41
0.43
0.45
0.47
0.36
NN
NO
MN
3250K
MO
PN
PO
3050K
2850K
2670K
0.38
0.40
0.42
0.44
0.46
0.48
0.50
0.52
0.54
0.56


Similar Part No. - LG-5630DBKZ-1-T60-A01

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LG-5630DGMZ-X-T60-A01 LIGITEK-LG-5630DGMZ-X-T60-A01 Datasheet
427Kb / 12P
   SMD LED
More results

Similar Description - LG-5630DBKZ-1-T60-A01

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LG-5630WK-1-T60-C-D711 LIGITEK-LG-5630WK-1-T60-C-D711 Datasheet
329Kb / 16P
   0.2W Power Light LED
LG-5630WK-1-T60-W-D711 LIGITEK-LG-5630WK-1-T60-W-D711 Datasheet
434Kb / 16P
   0.2W Power Light LED
LG-5630WK-DT-1-T60-P-XX LIGITEK-LG-5630WK-DT-1-T60-P-XX Datasheet
333Kb / 18P
   0.2W Power Light LED
LG-5630WK-1-T60-P-X-DXXX LIGITEK-LG-5630WK-1-T60-P-X-DXXX Datasheet
373Kb / 17P
   0.2W Power Light LED
LG-4014WKZ-DT-P-A02 LIGITEK-LG-4014WKZ-DT-P-A02 Datasheet
344Kb / 16P
   0.2W Power Light LED
LG-4014WK-DT-P-A07 LIGITEK-LG-4014WK-DT-P-A07 Datasheet
372Kb / 16P
   0.2W Power Light LED
LG-5630WKZ-DT-1-WW-D04 LIGITEK-LG-5630WKZ-DT-1-WW-D04 Datasheet
273Kb / 16P
   0.2W Power Light LED
LG-5630WK-DT-1-T60-XX LIGITEK-LG-5630WK-DT-1-T60-XX Datasheet
419Kb / 18P
   0.2W Power Light LED
LG-5630WKZ-1-P-N-D901 LIGITEK-LG-5630WKZ-1-P-N-D901 Datasheet
371Kb / 16P
   0.2W Power Light LED
LG-4014WK-DT-P-A02 LIGITEK-LG-4014WK-DT-P-A02 Datasheet
427Kb / 16P
   0.2W Power Light LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com