Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LG4841-P1-PF-TBS-1 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LG4841-P1-PF-TBS-1
Description  CYLINDRICAL TYPE LED LAMPS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LG4841-P1-PF-TBS-1 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LG4841-P1-PF-TBS-1 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LG4841-P1-PF-TBS-1 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LG4841-P1-PF-TBS-1 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LG4841-P1-PF-TBS-1 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LG4841-P1-PF-TBS-1 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LG4841-P1-PF-TBS-1 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LG4841-P1-PF-TBS-1 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LG4841-P1-PF-TBS-1 Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Peak
wave
length
λPnm
GaP
LG4841/P1-PF/TBS-1
Green
Emitted
Lens
MATERIAL
PART NO
COLOR
Viewing
angle
2
θ 1/2
(deg)
Min.
2.6
30
565
1.7
Min. Max.
20
8.0
120
Typ.
Luminous
intensity
@10mA(mcd)
Spectral
halfwidth
△λnm
Forward
voltage
@20mA(V)
Typical Electrical & Optical Characteristics (Ta=25
)
IFP
Peak Forward Current
Duty 1/10@10KHz
80
mA
Operating Temperature
Storage Temperature
Topr
Tstg
Reverse Current @5V
Power Dissipation
Ir
PD
-40 ~ +85
-40 ~ +100
10
50
μA
mW
Absolute Maximum Ratings at Ta=25
Symbol
Parameter
Forward Current
IF
UNIT
15
G
mA
Ratings
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 2/7
PART NO. LG4841/P1-PF/TBS-1
Green Transparent


Similar Part No. - LG4841-P1-PF-TBS-1

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LG4841-PF LIGITEK-LG4841-PF Datasheet
137Kb / 6P
   CYLINDRICAL TYPE LED LAMPS
More results

Similar Description - LG4841-P1-PF-TBS-1

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LWK4843Z-AOP-C01 LIGITEK-LWK4843Z-AOP-C01 Datasheet
206Kb / 8P
   CYLINDRICAL TYPE LED LAMPS
L8UG4043-PF LIGITEK-L8UG4043-PF Datasheet
222Kb / 6P
   CYLINDRICAL TYPE LED LAMPS
LDBK4843Z LIGITEK-LDBK4843Z Datasheet
136Kb / 6P
   CYLINDRICAL TYPE LED LAMPS
LSEFDGM24543-S195 LIGITEK-LSEFDGM24543-S195 Datasheet
118Kb / 7P
   CYLINDRICAL TYPE LED LAMPS
LDBK4741 LIGITEK-LDBK4741 Datasheet
113Kb / 6P
   CYLINDRICAL TYPE LED LAMPS
LDBK4840 LIGITEK-LDBK4840 Datasheet
111Kb / 6P
   CYLINDRICAL TYPE LED LAMPS
LG4040-PF LIGITEK-LG4040-PF Datasheet
113Kb / 6P
   CYLINDRICAL TYPE LED LAMPS
LI4630-PF LIGITEK-LI4630-PF Datasheet
110Kb / 6P
   CYLINDRICAL TYPE LED LAMPS
LH4733-PF LIGITEK-LH4733-PF Datasheet
111Kb / 6P
   CYLINDRICAL TYPE LED LAMPS
LI4841-PF LIGITEK-LI4841-PF Datasheet
110Kb / 6P
   CYLINDRICAL TYPE LED LAMPS
LPG4733-PF LIGITEK-LPG4733-PF Datasheet
111Kb / 6P
   CYLINDRICAL TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com