Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PME261KB5100MR30 Datasheet(PDF) 11 Page - Kemet Corporation

Part # PME261KB5100MR30
Description  PME261 Series Metallized Impregnated Paper, 10.2-25.4 mm Lead Spacing, 400 - 1,000 VDC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PME261KB5100MR30 Datasheet(HTML) 11 Page - Kemet Corporation

Back Button PME261KB5100MR30 Datasheet HTML 5Page - Kemet Corporation PME261KB5100MR30 Datasheet HTML 6Page - Kemet Corporation PME261KB5100MR30 Datasheet HTML 7Page - Kemet Corporation PME261KB5100MR30 Datasheet HTML 8Page - Kemet Corporation PME261KB5100MR30 Datasheet HTML 9Page - Kemet Corporation PME261KB5100MR30 Datasheet HTML 10Page - Kemet Corporation PME261KB5100MR30 Datasheet HTML 11Page - Kemet Corporation PME261KB5100MR30 Datasheet HTML 12Page - Kemet Corporation PME261KB5100MR30 Datasheet HTML 13Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3070_PME261 • 9/23/2016 11
Film Capacitors – General Purpose, Pulse and DC Transient Suppression
PME261 Series Metallized Impregnated Paper, 10.2 – 25.4 mm Lead Spacing, 400 – 1,000 VDC
Lead Taping & Packaging (IEC 60286–2)
Taping Specification
Dimensions in mm
Standard IEC 60286–2
Lead spacing
+6/−0.1
F
Formed
7.5
10.2
15.2
20.3
22.5
F
Carrier tape width
+/−0.5
W
18
18
18
18
18
18+1/−0.5
Hold-down tape width
+/−0.3
W
0
9
12
12
12
12
Position of sprocket hole
+/−0.5
W
1
9
9
9
9
9
9+0.75/−0.5
Distance between tapes
Maximum
W
2
3
3
3
3
3
3
Sprocket hole diameter
+/−0.2
D
0
4
4
4
4
4
4
Feed hole lead spacing
+/−0.3
P
0
(1)
12.7(4)
12.7
12.7
12.7
12.7
12.7
Distance lead – feed hole
+/−0.7
P
1
3.75
7.6
5.1
8.9
5.3
P1
Deviation tape – plane
Maximum
∆p
1.3
1.3
1.3
1.3
1.3
1.3
Lateral deviation
Maximum
∆h
2
2
2
2
2
2
Total thickness
+/−0.2
t
0.7
0.7
0.7
0.7
0.9MAX
0.9MAX
Sprocket hole/cap body
Nominal
H
0
(2)
18+2/−0
18+2/−0
18+2/−0
18+2/−0
18.5+/−0.5
18+2/−0
Sprocket hole/top of cap body
Maximum
H
1
(3)
35
35
35
35
58
58MAX
(1) Maximum cumulative feed hole error, 1 mm per 20 parts.
(2) 16.5 mm available on request.
(3) Depending on case size.
(4) 15 mm available on request.
Lead Spacing 10.2 – 15.2 mm
Lead Spacing 20.3 – 22.5 mm
Formed Leads from 10.2 to 7.5 mm
0
0
0


Similar Part No. - PME261KB5100MR30

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PME261KB5330KR30 KEMET-PME261KB5330KR30 Datasheet
56Kb / 1P
   PME261/P561, Film, Metallized Paper, General Purpose, 0.033 uF, 10%, 400 VDC, 85C, Lead Spacing = 15.2mm
PME261KB5470KR30 KEMET-PME261KB5470KR30 Datasheet
56Kb / 1P
   PME261/P561, Film, Metallized Paper, General Purpose, 0.047 uF, 10%, 400 VDC, 85C, Lead Spacing = 15.2mm
PME261KB5680KR30 KEMET-PME261KB5680KR30 Datasheet
56Kb / 1P
   PME261/P561, Film, Metallized Paper, General Purpose, 0.068 uF, 10%, 400 VDC, 85C, Lead Spacing = 15.2mm
More results

Similar Description - PME261KB5100MR30

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
P405QE104M125AH330 KEMET-P405QE104M125AH330 Datasheet
2Mb / 12P
   Metallized Impregnated Paper, 125 VAC/250 VDC
PME261KA5220KR19T0 KEMET-PME261KA5220KR19T0 Datasheet
61Kb / 1P
   PME261/P561, Film, Metallized Paper, General Purpose, 0.022 uF, 10%, 400 VDC, 85C, Lead Spacing = 10.2mm
PME261KE6680KR30 KEMET-PME261KE6680KR30 Datasheet
55Kb / 1P
   PME261/P561, Film, Metallized Paper, General Purpose, 0.68 uF, 10%, 400 VDC, 85C, Lead Spacing = 25.4mm
PME261KB5470KR30 KEMET-PME261KB5470KR30 Datasheet
56Kb / 1P
   PME261/P561, Film, Metallized Paper, General Purpose, 0.047 uF, 10%, 400 VDC, 85C, Lead Spacing = 15.2mm
PME261KB5330KR30 KEMET-PME261KB5330KR30 Datasheet
56Kb / 1P
   PME261/P561, Film, Metallized Paper, General Purpose, 0.033 uF, 10%, 400 VDC, 85C, Lead Spacing = 15.2mm
PME261KB5680KR30 KEMET-PME261KB5680KR30 Datasheet
56Kb / 1P
   PME261/P561, Film, Metallized Paper, General Purpose, 0.068 uF, 10%, 400 VDC, 85C, Lead Spacing = 15.2mm
PME261KE7100KR30 KEMET-PME261KE7100KR30 Datasheet
54Kb / 1P
   Capacitor, Film, Metallized Paper, 1 uF, /-10% Tol, -40/100C, General Purpose, 400 VDC@85C, Lead Spacing=25.4 mm
PME261JC6100KR30 KEMET-PME261JC6100KR30 Datasheet
53Kb / 1P
   PME261/P561, Film, Metallized Paper, Commercial Grade, 0.1 uF, 10%, 1,000 V, 85C, Lead Spacing = 20.3mm
PME261JB5220KR30 KEMET-PME261JB5220KR30 Datasheet
53Kb / 1P
   Film, Metallized Paper, Commercial Grade, PME261/P561, 0.022 uF, 10%, 1,000 V, 85C, Lead Spacing = 15.2mm
PME261JB5100KR30 KEMET-PME261JB5100KR30 Datasheet
53Kb / 1P
   Film, Metallized Paper, Commercial Grade, PME261/P561, 0.01 uF, 10%, 1,000 V, 85C, Lead Spacing = 15.2mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com