Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

9775086960 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part No. 9775086960
Description  WA-SMSR SMD Steel Spacer Reverse with through hole
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Homepage  http://www.we-online.com
Logo 

9775086960 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
G
Order Code
2.6 mm
977 502 696 0
977 502 696 0R
3.1 mm
977 503 196 0
977 503 196 0R
3.6 mm
977 503 696 0
977 503 696 0R
4.1 mm
977 504 196 0
977 504 196 0R
4.6 mm
977 504 696 0
977 504 696 0R
5.1 mm
977 505 196 0
977 505 196 0R
5.6 mm
977 505 696 0
977 505 696 0R
6.6 mm
977 506 696 0
977 506 696 0R
7.6 mm
977 507 696 0
977 507 696 0R
8.6 mm
977 508 696 0
977 508 696 0R
9.6 mm
977 509 696 0
977 509 696 0R
10.6 mm
977 510 696 0
977 510 696 0R
11.6 mm
977 511 696 0
977 511 696 0R
Article Properties:
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
DaMa
SKl
DIN ISO 2768-1m
DESCRIPTION
WA-SMSR SMD Steel Spacer
Reverse with through hole Ø3.2
ORDER CODE
977 508 696 0
REVISION
STATUS
DATE
BUSINESS UNIT
PAGE
001.000
Valid
2016-09-22
eiCan
2/5
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn