Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LG-195HY-HRF-CT-0808 Datasheet(PDF) 11 Page - LIGITEK electronics co., ltd.

Part # LG-195HY-HRF-CT-0808
Description  LED SMD
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LG-195HY-HRF-CT-0808 Datasheet(HTML) 11 Page - LIGITEK electronics co., ltd.

Back Button LG-195HY-HRF-CT-0808 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LG-195HY-HRF-CT-0808 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LG-195HY-HRF-CT-0808 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LG-195HY-HRF-CT-0808 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LG-195HY-HRF-CT-0808 Datasheet HTML 9Page - LIGITEK electronics co., ltd. LG-195HY-HRF-CT-0808 Datasheet HTML 10Page - LIGITEK electronics co., ltd. LG-195HY-HRF-CT-0808 Datasheet HTML 11Page - LIGITEK electronics co., ltd. LG-195HY-HRF-CT-0808 Datasheet HTML 12Page - LIGITEK electronics co., ltd. LG-195HY-HRF-CT-0808 Datasheet HTML 13Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
1.
Hand Solder
Basic spec is 280℃ 3 sec one time only.
Recommended Soldering Conditions
PART NO. LG-195HY/HRF-CT-0808
Page 10/12
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
3.After soldering,do not warp the circuit board.
Note:
1.Reflow soldering should not be done more than two times.
2.When soldering,do not put stress on the LEDs during heating.
120 sec.Max.
Preheat
180~200°C
3 PB-Free Reflow Solder
1~5°C/sec
260°C MaX. 10sec.Max
Above 220°C
60 sec.Max.
1~5°C/sec
120 ~ 180 sec
Soldering heat Max. 260
120 ~ 150
2. Wave Solder
Preheat
245±5within 5 sec
6°C/sec


Similar Part No. - LG-195HY-HRF-CT-0808

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LG-195HY-9UG-CT LIGITEK-LG-195HY-9UG-CT Datasheet
377Kb / 13P
   LED SMD
More results

Similar Description - LG-195HY-HRF-CT-0808

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
   LED SMD
logo
KODENSHI_AUK CORP.
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
   SMD LED
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
   SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
   SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
   SMD LED
logo
Lite-On Technology Corp...
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
745Kb / 16P
   SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
   SMD LED
LTSA-T680 LITEON-LTSA-T680 Datasheet
776Kb / 14P
   SMD LED
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
   SMD LED
LTPL-C0675WPNB LITEON-LTPL-C0675WPNB Datasheet
629Kb / 16P
   SMD LED
LTSA-C190TBA5 LITEON-LTSA-C190TBA5 Datasheet
482Kb / 14P
   SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com