Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0857321007 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0857321007
Description  Gigabit Magnetic Jack, Enabled PSE PoE 2x6, with LEDs Left/Green-Yellow and Gigabit Magnetic Jack, Enabled PSE PoE 2x6, with LEDs Left/Green-Yellow and
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0857321007 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0857321007 Datasheet HTML 1Page - Molex Electronics Ltd. 0857321007 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/14/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0857321007
Status:
Active
Overview:
Magnetic Modular Jacks
Description:
Gigabit Magnetic Jack, Enabled PSE PoE+ 2x6, with LEDs Left/Green-Yellow and
Right/Green
Documents:
3D Model
Packaging Specification PK-85732-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-85732-001-001 (PDF)
General
Product Family
Modular Jacks/Plugs
Series
85732
Component Type
PCB Jack
Magnetic
Yes
More Detailed Tech Information
*For product specifications please contact your Molex
sales representative
Overview
Magnetic Modular Jacks
Performance Category
5, 5e
Power over Ethernet (PoE)
PoE+
Product Name
Magnetic Jack, Modular Jack 8/8
UPC
887191278537
Physical
Boot Color
N/A
Color - Resin
Black
Durability (mating cycles max)
750
Inverted / Top Latch
Yes
Jack Height
25.46mm
Lightpipes/LEDs
LEDs
Material - Metal
Brass, Copper Alloy
Material - Plating Mating
Gold over Nickel
Material - Resin
PBT
Net Weight
76.000/g
Orientation
Right Angle (Side Entry)
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness - Recommended
3.20mm
Packaging Type
Tray
Pitch - Mating Interface
1.27mm, 2.54mm
Pitch - Termination Interface
1.27mm, 2.54mm
Ports
12
Positions / Loaded Contacts
8/8
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
0°C to +70°C
Termination Interface: Style
Through Hole
Waterproof / Dustproof
No
Wire/Cable Type
N/A
Electrical
Current - Maximum per Contact
1.0A
Grounding to PCB
Yes
Grounding to Panel
Yes
Shielded
Yes
Voltage - Maximum
57V
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant with
Exemption
REACH SVHC
Contained Per -
ED/01/2017 (12
January 2017)
2,4-Di-tert-butyl-6-(5-
chlorobenzotriazol-2-
yl)p
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
50 Image
ELV
Not Relevant
RoHS Phthalates
Not Reviewed
Search Parts in this Series
85732 Series


Similar Part No. - 0857321007

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0857321007 MOLEX1-0857321007_18 Datasheet
39Kb / 2P
   Gigabit Magnetic Jack, Enabled PSE PoE 2x6, with LEDs Left/Green-Yellow
More results

Similar Description - 0857321007

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0857321014 MOLEX1-0857321014_18 Datasheet
39Kb / 2P
   Gigabit Magnetic Jack, Enabled PSE PoE 2x6, with LEDs Left/Yellow
0857321007 MOLEX1-0857321007_18 Datasheet
39Kb / 2P
   Gigabit Magnetic Jack, Enabled PSE PoE 2x6, with LEDs Left/Green-Yellow
0857321013 MOLEX1-0857321013_18 Datasheet
39Kb / 2P
   Gigabit Magnetic Jack, Enabled PSE POE2x6, with LEDs Left/Green-Yellow
0857321013 MOLEX1-0857321013 Datasheet
39Kb / 2P
   Gigabit Magnetic Jack, Enabled PSE POE2x6, with LEDs Left/Green-Yellow
0857321012 MOLEX1-0857321012 Datasheet
39Kb / 2P
   Gigabit Magnetic Jack, Enabled PSE PoE 2x6, with LEDs Left/Green-Yellow
0857311013 MOLEX1-0857311013_18 Datasheet
39Kb / 2P
   Gigabit Magnetic Jack, Enabled PSE PoE 2x6, with LEDs Left/Yellow-Green
0857321012 MOLEX1-0857321012_18 Datasheet
39Kb / 2P
   Gigabit Magnetic Jack, Enabled PSE PoE 2x6, with LEDs Left/Green-Yellow
0857321008 MOLEX1-0857321008 Datasheet
39Kb / 2P
   Gigabit Magnetic Jack, Enabled PSE PoE 2x6, with LEDs Left/Green-Yellow
0857321014 MOLEX1-0857321014 Datasheet
39Kb / 2P
   Gigabit Magnetic Jack, Enabled PSE PoE 2x6, with LEDs Left/Yellow and Right/Green
0857321006 MOLEX1-0857321006 Datasheet
39Kb / 2P
   Gigabit Magnetic Jack, Enabled PSE PoE 2x6, with LEDs Left/Green and Right/ Yellow
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com