Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC62C256-70UI Datasheet(PDF) 1 Page - Integrated Circuit Solution Inc

Part # IC62C256-70UI
Description  32K X 8 LOW POWER CMOS STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC62C256-70UI Datasheet(HTML) 1 Page - Integrated Circuit Solution Inc

  IC62C256-70UI Datasheet HTML 1Page - Integrated Circuit Solution Inc IC62C256-70UI Datasheet HTML 2Page - Integrated Circuit Solution Inc IC62C256-70UI Datasheet HTML 3Page - Integrated Circuit Solution Inc IC62C256-70UI Datasheet HTML 4Page - Integrated Circuit Solution Inc IC62C256-70UI Datasheet HTML 5Page - Integrated Circuit Solution Inc IC62C256-70UI Datasheet HTML 6Page - Integrated Circuit Solution Inc IC62C256-70UI Datasheet HTML 7Page - Integrated Circuit Solution Inc IC62C256-70UI Datasheet HTML 8Page - Integrated Circuit Solution Inc IC62C256-70UI Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Integrated Circuit Solution Inc.
1
ALSR010-0A 05/23/2001
ICSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible product. We assume no responsibility for any errors
which may appear in this publication. © Copyright 2000, Integrated Circuit Solution Inc.
.EATURES
• Access time: 45, 70 ns
• Low active power: 200 mW (typical)
• Low standby power
— 250 µW (typical) CMOS standby
— 28 mW (typical) TTL standby
• .ully static operation: no clock or refresh
required
• TTL compatible inputs and outputs
• Single 5V power supply
DESCRIPTION
The
1+51 IC62C256 is a low power, 32,768 word by 8-bit
CMOS static RAM. It is fabricated using
1+51's high-
performance, low power CMOS technology.
When CS is HIGH (deselected), the device assumes a standby
mode at which the power dissipation can be reduced down to
250 µW (typical) at CMOS input levels.
Easy memory expansion is provided by using an active LOW
Chip Select (CS) input and an active LOW Output Enable (OE)
input. The active LOW Write Enable (WE) controls both writing
and reading of the memory.
The IC62C256 is pin compatible with other 32K x 8 SRAMs in
330mil SOP or 8*13.4mm TSOP-1 package.
1+$ + #$
32K x 8 LOW POWER CMOS STATIC RAM
.UNCTIONAL BLOCK DIAGRAM
A0-A14
CS
OE
WE
32K X 8
MEMORY ARRAY
DECODER
COLUMN I/O
CONTROL
CIRCUIT
GND
VCC
I/O
DATA
CIRCUIT
I/O0-I/O7


Similar Part No. - IC62C256-70UI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62C1024 ICSI-IC62C1024 Datasheet
121Kb / 8P
   128K X 8 HIGH SPEED CMOS STATIC RAM
IC62C1024-35Q ICSI-IC62C1024-35Q Datasheet
121Kb / 8P
   128K X 8 HIGH SPEED CMOS STATIC RAM
IC62C1024-35QI ICSI-IC62C1024-35QI Datasheet
121Kb / 8P
   128K X 8 HIGH SPEED CMOS STATIC RAM
IC62C1024-35T ICSI-IC62C1024-35T Datasheet
121Kb / 8P
   128K X 8 HIGH SPEED CMOS STATIC RAM
IC62C1024-35TI ICSI-IC62C1024-35TI Datasheet
121Kb / 8P
   128K X 8 HIGH SPEED CMOS STATIC RAM
More results

Similar Description - IC62C256-70UI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
65C256 ETC-65C256 Datasheet
74Kb / 11P
   32K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15M256B TMT-T15M256B_03 Datasheet
89Kb / 13P
   32K X 8 LOW POWER CMOS STATIC RAM
T15L256A TMT-T15L256A Datasheet
83Kb / 10P
   32K X 8 LOW POWER CMOS STATIC RAM???
T15V256A TMT-T15V256A Datasheet
80Kb / 11P
   32K X 8 LOW POWER CMOS STATIC RAM?
T15M256A TMT-T15M256A Datasheet
82Kb / 10P
   32K X 8 LOW POWER CMOS STATIC RAM????
T15M256B TMT-T15M256B Datasheet
87Kb / 13P
   32K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C256 ISSI-IS62C256 Datasheet
38Kb / 8P
   32K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15V256A TMT-T15V256A_03 Datasheet
77Kb / 11P
   32K X 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1256L PYRAMID-P4C1256L Datasheet
112Kb / 11P
   LOW POWER 32K x 8 STATIC CMOS RAM
logo
Integrated Silicon Solu...
IS65C256AL ISSI-IS65C256AL_12 Datasheet
625Kb / 12P
   32K x 8 LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com