Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IGW25T120 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # IGW25T120
Description  Low Loss IGBT in Trench and Fieldstop technology
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IGW25T120 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button IGW25T120 Datasheet HTML 4Page - Infineon Technologies AG IGW25T120 Datasheet HTML 5Page - Infineon Technologies AG IGW25T120 Datasheet HTML 6Page - Infineon Technologies AG IGW25T120 Datasheet HTML 7Page - Infineon Technologies AG IGW25T120 Datasheet HTML 8Page - Infineon Technologies AG IGW25T120 Datasheet HTML 9Page - Infineon Technologies AG IGW25T120 Datasheet HTML 10Page - Infineon Technologies AG IGW25T120 Datasheet HTML 11Page - Infineon Technologies AG IGW25T120 Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
IGW25T120
^
TrenchStop Series
Power Semiconductors
9
Preliminary / Rev. 1 Jul-02
0V
200V
400V
600V
0A
20A
40A
60A
1.5us
1us
0.5us
0us
I
C
V
CE
0V
200V
400V
600V
0A
20A
40A
60A
1.5us
1us
0.5us
0us
I
C
V
CE
t
, TIME
t
, TIME
Figure 21. Typical turn on behavior
(VGE=0/15V, RG=22Ω, Tj = 150°C,
Dynamic test circuit in Figure E)
Figure 22. Typical turn off behavior
(VGE=15/0V, RG=22Ω, Tj = 150°C,
Dynamic test circuit in Figure E)
10µs
100µs
1ms
10ms
100ms
10
-3K/W
10
-2K/W
10
-1K/W
single pulse
0.01
0.02
0.05
0.1
0.2
D
=0.5
tP, PULSE WIDTH
Figure 23. IGBT transient thermal resistance
(D = tp / T)
R
,( K/ W )
τ , (s ) =
0.229
1.10*10
-1
0.192
1.56*10
-2
0.174
1.35*10
-3
0.055
1.52*10
-4
C 1 =
τ1/R1
R 1
R 2
C 2 =
τ2/R2


Similar Part No. - IGW25T120

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGW25T120 INFINEON-IGW25T120 Datasheet
355Kb / 12P
   Low Loss IGBT in TrenchStop짰 and Fieldstop technology
Rev. 2.4 Nov. 09
IGW25T120 INFINEON-IGW25T120_09 Datasheet
355Kb / 12P
   Low Loss IGBT in TrenchStop짰 and Fieldstop technology
Rev. 2.4 Nov. 09
More results

Similar Description - IGW25T120

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGB15N60T INFINEON-IGB15N60T Datasheet
364Kb / 12P
   Low Loss IGBT in Trench and Fieldstop technology
Rev. 2.1 Dec-04
IGW60T120 INFINEON-IGW60T120 Datasheet
416Kb / 12P
   Low Loss IGBT in Trench and Fieldstop technology
Rev. 1 Jul-02
IGW15T120 INFINEON-IGW15T120 Datasheet
408Kb / 12P
   Low Loss IGBT in Trench and Fieldstop Technology
Rev. 1 Jul-02
IGP50N60T INFINEON-IGP50N60T Datasheet
402Kb / 13P
   LOW LOSS IGBT IN TRENCH AND FIELDSTOP TECHNOLOGY
Rev. 2.2 Dec-04
IGW75N60T INFINEON-IGW75N60T Datasheet
377Kb / 12P
   Low Loss IGBT in Trench and Fieldstop technology
Rev. 2.1 Dec-04
IGW40T120 INFINEON-IGW40T120 Datasheet
419Kb / 12P
   Low Loss IGBT in Trench and Fieldstop technology
Rev. 1 Jul-02
logo
List of Unclassifed Man...
IGW08T120 ETC-IGW08T120 Datasheet
302Kb / 12P
   Low Loss IGBT in Trench and Fieldstop technology
logo
Infineon Technologies A...
IGW30N60T INFINEON-IGW30N60T_15 Datasheet
495Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.8 19.05.2015
IGB50N60T INFINEON-IGB50N60T_15 Datasheet
648Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.7 19.05.2015
IGB10N60T INFINEON-IGB10N60T_15 Datasheet
608Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.1 30.04.2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com