Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V14165 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT72V14165
Description  3.3 VOLT MULTIMEDIA FIFO 256 x 16, 512 x 16, 1,024 x 16, 2,048 x 16, and 4,096 x 16
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V14165 Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT72V14165 Datasheet HTML 1Page - Integrated Device Technology IDT72V14165 Datasheet HTML 2Page - Integrated Device Technology IDT72V14165 Datasheet HTML 3Page - Integrated Device Technology IDT72V14165 Datasheet HTML 4Page - Integrated Device Technology IDT72V14165 Datasheet HTML 5Page - Integrated Device Technology IDT72V14165 Datasheet HTML 6Page - Integrated Device Technology IDT72V14165 Datasheet HTML 7Page - Integrated Device Technology IDT72V14165 Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
IDT72V11165/72V12165/72V13165/72V14165/72V15165 3.3V MULTIMEDIA FIFO
256 x 16, 512 x 16, 1,024 x 16, 2,048 x 16 and 4,096 x 16
INDUSTRIAL
TEMPERATURERANGE
AC ELECTRICAL CHARACTERISTICS
(Industrial: VCC = 3.3V ± 0.3V, TA = -40°C to +85°C)
Industrial
IDT72V11165
IDT72V12165
IDT72V13165
IDT72V14165
IDT72V15165
Symbol
Parameter
Min.
Max.
Unit
fS
Clock Cycle Frequency
66.7
MHz
tA
Data Access Time
2
10
ns
tCLK
Clock Cycle Time
15
ns
tCLKH
Clock HIGH Time
6
ns
tCLKL
Clock LOW Time
6
ns
tDS
DataSet-upTime
4
ns
tDH
Data Hold Time
1
ns
tENS
EnableSet-upTime
4
ns
tENH
Enable Hold Time
1
ns
tRS
Reset Pulse Width(2)
15
ns
tRSS
ResetSet-upTime
10
ns
tRSR
Reset Recovery Time
10
ns
tRSF
Reset to Flag and Output Time
15
ns
tOLZ
Output Enable to Output in Low-Z(3)
0—
ns
tOE
Output Enable to Output Valid
3
8
ns
tOHZ
Output Enable to Output in High-Z(3)
38
ns
tWFF
Write Clock to Full Flag
10
ns
tREF
Read Clock to Empty Flag
10
ns
tHF
Clock to Half-Full Flag
20
ns
tSKEW1
Skew time between Read Clock & Write Clock for
FF and EF
6—
ns
Input Pulse Levels
GND to 3.0V
Input Rise/Fall Times
3ns
Input Timing Reference Levels
1.5V
Output Reference Levels
1.5V
OutputLoad
See Figure 1
AC TEST CONDITIONS
Figure 1. Output Load
* Includes jig and scope capacitances.
30pF*
330
3.3V
510
D.U.T.
6359 drw03
NOTES:
1. Industrial temperature range product for the 15ns speed grade available.
2. Pulse widths less than minimum values are not allowed.
3. Values guaranteed by design, not currently tested.


Similar Part No. - IDT72V14165

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V14071 IDT-IDT72V14071 Datasheet
162Kb / 10P
   3.3 VOLT DUAL MULTIMEDIA FIFO
IDT72V14071L15 IDT-IDT72V14071L15 Datasheet
162Kb / 10P
   3.3 VOLT DUAL MULTIMEDIA FIFO
IDT72V14081 IDT-IDT72V14081 Datasheet
125Kb / 9P
   3.3 VOLT MULTIMEDIA FIFO
IDT72V14081L15PFI IDT-IDT72V14081L15PFI Datasheet
125Kb / 9P
   3.3 VOLT MULTIMEDIA FIFO
IDT72V14320 IDT-IDT72V14320 Datasheet
238Kb / 26P
   3.3V MULTIMEDIA FIFO 16 BIT V-III, 32 BIT Vx-III FAMILY UP TO 1 Mb DENSITY
More results

Similar Description - IDT72V14165

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72105 IDT-IDT72105 Datasheet
179Kb / 12P
   CMOS PARALLEL-TO-SERIAL FIFO 256 x 16, 512 x 16, 1024 x 16
IDT72V205 IDT-IDT72V205 Datasheet
214Kb / 25P
   3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18
IDT72V201 IDT-IDT72V201 Datasheet
115Kb / 14P
   3.3 VOLT CMOS SyncFIFO??256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
IDT72V81 IDT-IDT72V81 Datasheet
98Kb / 11P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9
logo
ATMEL Corporation
AT93C66B-SSHM-T ATMEL-AT93C66B-SSHM-T Datasheet
854Kb / 21P
   3-wire Serial EEPROM 2K (256 x 8 or 128 x 16) and 4K (512 x 8 or 256 x 16)
logo
Macronix International
MX23L1610 MCNIX-MX23L1610 Datasheet
770Kb / 11P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM
logo
ATMEL Corporation
AT93C56B-SSHM-T ATMEL-AT93C56B-SSHM-T Datasheet
854Kb / 21P
   3-wire Serial EEPROM 2K (256 x 8 or 128 x 16) and 4K (512 x 8 or 256 x 16)
logo
Renesas Technology Corp
IDT72V805 RENESAS-IDT72V805 Datasheet
399Kb / 27P
   3.3 VOLT CMOS DUAL SyncFIFO™ DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18 and DUAL 4,096 x 18
MARCH 2018
IDT72125 RENESAS-IDT72125 Datasheet
422Kb / 12P
   CMOS PARALLEL-TO-SERIAL FIFO 1,024 x 16
2016
logo
ATMEL Corporation
AT93C56A ATMEL-AT93C56A_08 Datasheet
442Kb / 21P
   Three-wire Serial EEPROM 2K (256 x 8 or 128 x 16) 4K (512 x 8 or 256 x 16)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com