Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSBIC3100AA50M Datasheet(PDF) 2 Page - Kemet Corporation

Part # RSBIC3100AA50M
Description  RSB Series, 5 mm Lead Spacing, 50 ??630 VDC (Automotive Grade)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

RSBIC3100AA50M Datasheet(HTML) 2 Page - Kemet Corporation

  RSBIC3100AA50M Datasheet HTML 1Page - Kemet Corporation RSBIC3100AA50M Datasheet HTML 2Page - Kemet Corporation RSBIC3100AA50M Datasheet HTML 3Page - Kemet Corporation RSBIC3100AA50M Datasheet HTML 4Page - Kemet Corporation RSBIC3100AA50M Datasheet HTML 5Page - Kemet Corporation RSBIC3100AA50M Datasheet HTML 6Page - Kemet Corporation RSBIC3100AA50M Datasheet HTML 7Page - Kemet Corporation RSBIC3100AA50M Datasheet HTML 8Page - Kemet Corporation RSBIC3100AA50M Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3067_RSB • 10/17/2016
2
Film Through-Hole Capacitors – General Purpose Metallized Polyester Film Capacitors
RSB Series, 5 mm Lead Spacing, 50 – 630 VDC (Automotive Grade)
Ordering Options Table
Lead Spacing
Nominal
(mm)
Type of Leads and Packaging
LL Lead Length
(mm)
Lead and
Packaging
Code
5
Standard Lead and Packaging Options
Bulk (Bag)–Short Leads
4+1.5/−0
AA
Ammo Pack
H
0=18.5+/−0.5
DQ
Other Lead and Packaging Options
Tape & Reel (Standard Reel)
H
0=18.5+/−0.5
CK
Bulk (Bag)–Short Leads
2.7+0.5/−0
JA
Bulk (Bag)–Short Leads
3.5+0.5/−0
JB
Bulk (Bag)–Short Leads
10+/−1
JC
Bulk (Bag)–Short Leads
3.2+0.3/−0.2
JH
Bulk (Bag)–Long Leads
17+1/−2
Z3
Dimensions – Millimeters
H
p
LL
d
L
B
FRONT VIEW
SIDE VIEW
0.5
p
B
H
L
d
Nominal
Tolerance
Nominal
Tolerance
Nominal
Tolerance
Nominal
Tolerance
Nominal
Tolerance
5.0
+/−0.4
2.5
+0.1
6.5
+0.1
7.2
+0.2
0.5
+/−0.05
5.0
+/−0.4
3.5
+0.1
7.5
+0.1
7.2
+0.2
0.5
+/−0.05
5.0
+/−0.4
4.5
+0.1
9.5
+0.1
7.2
+0.3
0.5
+/−0.05
5.0
+/−0.4
5.0
+0.1
10.0
+0.1
7.2
+0.3
0.5
+/−0.05
5.0
+/−0.4
6.0
+0.1
11.0
+0.1
7.2
+0.3
0.5
+/−0.05
5.0
+/−0.4
7.2
+0.1
13.0
+0.1
7.2
+0.3
0.5
+/−0.05
Note: See Ordering Options Table for lead length (LL/H0) options.


Similar Part No. - RSBIC3100AA50M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
RSBIC3100AA00K KEMET-RSBIC3100AA00K Datasheet
54Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Commercial Grade, 0.1 uF, 10%, 250 V, 85C, Lead Spacing = 5mm
More results

Similar Description - RSBIC3100AA50M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R66ED3100AA7AJ KEMET-R66ED3100AA7AJ Datasheet
554Kb / 14P
   R66, Radial, 7.5 mm Lead Spacing, 50 - 630 VDC (Automotive Grade)
R82DC3100DQ50K KEMET-R82DC3100DQ50K Datasheet
531Kb / 14P
   R82 Series, Radial, 5 mm Lead Spacing, 50 ??400 VDC (Automotive Grade)
R82DC3470AA60J KEMET-R82DC3470AA60J Datasheet
1Mb / 16P
   R82 Series, Radial, 5 mm Lead Spacing, 50 - 400 VDC (Automotive Grade)
RSBPC1470AA00K KEMET-RSBPC1470AA00K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 4700 pF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
RSBPC2100Z300K KEMET-RSBPC2100Z300K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 0.01 uF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
RSBPC1680AA00K KEMET-RSBPC1680AA00K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 6800 pF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
RSBPC1100AA00K KEMET-RSBPC1100AA00K Datasheet
56Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 1000 pF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
RSBPC1100Z300K KEMET-RSBPC1100Z300K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 1000 pF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
RSBPC1330Z300K KEMET-RSBPC1330Z300K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 3300 pF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
RSBPC1470Z300K KEMET-RSBPC1470Z300K Datasheet
58Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 4700 pF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com