Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SS400 Datasheet(PDF) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # 1SS400
Description  Very Small Outline Flat Lead Plastic Package General Purpose Application High Speed Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

1SS400 Datasheet(HTML) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

  1SS400_17 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. 1SS400_17 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. 1SS400_17 Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd. 1SS400_17 Datasheet HTML 4Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SEMICONDUCTOR
Typical Performance Characteristics
Total Capacitance
Forward Voltage vs Ambient Temperature


Similar Part No. - 1SS400_17

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
1SS400 BILIN-1SS400_17 Datasheet
110Kb / 3P
   High speed Switching Diode
More results

Similar Description - 1SS400_17

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TC1SS400 TAK_CHEONG-TC1SS400 Datasheet
165Kb / 4P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package General Purpose Application High Speed Switching Diode
TCBAS16 TAK_CHEONG-TCBAS16 Datasheet
166Kb / 4P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package General Purpose Application High Speed Switching Diode
1SS422 TAK_CHEONG-1SS422 Datasheet
165Kb / 4P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package General Purpose Application High Speed Switching Diode
logo
Yea Shin Technology Co....
1SS400 YEASHIN-1SS400 Datasheet
1,011Kb / 4P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package General Purpose Application High Speed Switching Diode
logo
Tak Cheong Electronics ...
TC1N4148WT TAK_CHEONG-TC1N4148WT Datasheet
678Kb / 4P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package General Purpose Application Fast Switching Diode
logo
Yea Shin Technology Co....
1N4148WT YEASHIN-1N4148WT Datasheet
508Kb / 4P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package General Purpose Application Fast Switching Diode
1N4448WT YEASHIN-1N4448WT Datasheet
508Kb / 4P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package General Purpose Application Fast Switching Diode
1N4448WFL-A YEASHIN-1N4448WFL-A Datasheet
750Kb / 3P
   400mW SOD-123 SURFACE MOUNT Small Outline Flat Lead Plastic Package General Purpose Application Fast Switching Diode
1N4148WFL YEASHIN-1N4148WFL Datasheet
739Kb / 3P
   400mW SOD-123 SURFACE MOUNT Small Outline Flat Lead Plastic Package General Purpose Application Fast Switching Diode
1N4448WFL YEASHIN-1N4448WFL Datasheet
739Kb / 3P
   400mW SOD-123 SURFACE MOUNT Small Outline Flat Lead Plastic Package General Purpose Application Fast Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com