Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSBCC3100AA70J Datasheet(PDF) 1 Page - Kemet Corporation

Part # RSBCC3100AA70J
Description  RSB Series, 5 mm Lead Spacing, 50 ??630 VDC (Automotive Grade)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

RSBCC3100AA70J Datasheet(HTML) 1 Page - Kemet Corporation

  RSBCC3100AA70J Datasheet HTML 1Page - Kemet Corporation RSBCC3100AA70J Datasheet HTML 2Page - Kemet Corporation RSBCC3100AA70J Datasheet HTML 3Page - Kemet Corporation RSBCC3100AA70J Datasheet HTML 4Page - Kemet Corporation RSBCC3100AA70J Datasheet HTML 5Page - Kemet Corporation RSBCC3100AA70J Datasheet HTML 6Page - Kemet Corporation RSBCC3100AA70J Datasheet HTML 7Page - Kemet Corporation RSBCC3100AA70J Datasheet HTML 8Page - Kemet Corporation RSBCC3100AA70J Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3067_RSB • 10/17/2016
1
One world. One KEMET
Benefits
• Voltage range: 50 – 630 VDC
• Capacitance range: 0.001 – 4.7 µF
• Lead spacing: 5 mm
• Capacitance tolerance: ±20%, ±10% standard,
±5% on request
• Climatic category: 55/125/56
• Operatingtemperaturerangeof-55˚Cto+125˚C
• RoHS Compliant and lead-free terminations
• Tape and reel packaging in accordance with IEC 60286–2
• Self-healing
• Automotive (AEC–Q200) grades available
Overview
The RSB Series is constructed of metallized polyester
film(stackedtechnology)withradialleadsoftinnedwire.
Radial leads are electrically welded to the contact metal
layer on the ends of the capacitor winding. The capacitor is
encapsulated with thermosetting resin in a box of material
meeting the UL 94V–0 requirements.
Automotive grade devices are available and meet the
demanding Automotive Electronics Council's AEC–Q200
qualificationrequirements.
Applications
Typical applications include high performance, high
temperature, blocking, coupling, decoupling for a signal
from DC to high frequency, pulse, logic and timing circuit,
lamp capacitor for electronic compact lamps, inverter
for LCD monitors, automotive DC motor suppression. Not
suitable for across-the-line application (see Suppressor
Capacitors).
General Purpose Metallized Polyester Film Capacitors
RSB Series, 5 mm Lead Spacing, 50 – 630 VDC
(Automotive Grade)
Part Number System
RSB
D
C
3100
AA
00
J
Series
Rated Voltage
(VDC)
Length (mm)
Capacitance
Code (pF)
Packaging
Internal Use
Capacitance
Tolerance
Metallized
Polyester
C = 50
D = 63
E = 100
I = 250
M = 400
W = 500
P = 630
C = 5.0
The last three
digits represent
significant
figures.Firstdigit
specifiesthe
number of zeros
to be added.
See Ordering
Options Table
30
50
60
70
J = ±5%
K = ±10%
M = ±20%
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - RSBCC3100AA70J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
RSBCC4220AA10K KEMET-RSBCC4220AA10K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 2.2 uF, 10%, 50 VDC, 85C, Lead Spacing = 5mm
RSBCC4220Z310K KEMET-RSBCC4220Z310K Datasheet
56Kb / 1P
   Capacitor, film, 2.2 uF, /-10% Tol, -55/125C, General Purpose, 50 VDC@85C, Lead Spacing=5 mm
More results

Similar Description - RSBCC3100AA70J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R66ED3100AA7AJ KEMET-R66ED3100AA7AJ Datasheet
554Kb / 14P
   R66, Radial, 7.5 mm Lead Spacing, 50 - 630 VDC (Automotive Grade)
R82DC3100DQ50K KEMET-R82DC3100DQ50K Datasheet
531Kb / 14P
   R82 Series, Radial, 5 mm Lead Spacing, 50 ??400 VDC (Automotive Grade)
R82DC3470AA60J KEMET-R82DC3470AA60J Datasheet
1Mb / 16P
   R82 Series, Radial, 5 mm Lead Spacing, 50 - 400 VDC (Automotive Grade)
RSBPC1470AA00K KEMET-RSBPC1470AA00K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 4700 pF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
RSBPC2100Z300K KEMET-RSBPC2100Z300K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 0.01 uF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
RSBPC1680AA00K KEMET-RSBPC1680AA00K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 6800 pF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
RSBPC1100AA00K KEMET-RSBPC1100AA00K Datasheet
56Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 1000 pF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
RSBPC1100Z300K KEMET-RSBPC1100Z300K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 1000 pF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
RSBPC1330Z300K KEMET-RSBPC1330Z300K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 3300 pF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
RSBPC1470Z300K KEMET-RSBPC1470Z300K Datasheet
58Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 4700 pF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com