Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSBIC3100AA50J Datasheet(PDF) 8 Page - Kemet Corporation

Part # RSBIC3100AA50J
Description  RSB Series, 5 mm Lead Spacing, 50 ??630 VDC (Automotive Grade)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

RSBIC3100AA50J Datasheet(HTML) 8 Page - Kemet Corporation

Back Button RSBIC3100AA50J Datasheet HTML 4Page - Kemet Corporation RSBIC3100AA50J Datasheet HTML 5Page - Kemet Corporation RSBIC3100AA50J Datasheet HTML 6Page - Kemet Corporation RSBIC3100AA50J Datasheet HTML 7Page - Kemet Corporation RSBIC3100AA50J Datasheet HTML 8Page - Kemet Corporation RSBIC3100AA50J Datasheet HTML 9Page - Kemet Corporation RSBIC3100AA50J Datasheet HTML 10Page - Kemet Corporation RSBIC3100AA50J Datasheet HTML 11Page - Kemet Corporation RSBIC3100AA50J Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3067_RSB • 10/17/2016
8
Film Through-Hole Capacitors – General Purpose Metallized Polyester Film Capacitors
RSB Series, 5 mm Lead Spacing, 50 – 630 VDC (Automotive Grade)
VDC
VAC Capacitance
Value (µF)
Dimensions in mm
Lead
Spacing
dV/dt
(V/
µs)
Maximum K
0
(V2/µs)
New KEMET
Part Number
Legacy Part
Number
B
H
L
50
30
2.2
6.0
11.0
7.2
5.0
200
20000
SBCC4220(1)10(2)
RSBCC4220(1)10(2)
63
40
0.10
2.5
6.5
7.2
5.0
250
31500
SBDC3100(1)00(2)
RSBDC3100(1)00(2)
63
40
0.15
2.5
6.5
7.2
5.0
250
31500
SBDC3150(1)00(2)
RSBDC3150(1)00(2)
63
40
0.22
2.5
6.5
7.2
5.0
250
31500
SBDC3220(1)10(2)
RSBDC3220(1)10(2)
63
40
0.33
3.5
7.5
7.2
5.0
250
31500
SBDC3330(1)00(2)
RSBDC3330(1)00(2)
63
40
0.47
3.5
7.5
7.2
5.0
250
31500
SBDC3470(1)10(2)
RSBDC3470(1)10(2)
63
40
0.68
4.5
9.5
7.2
5.0
250
31500
SBDC3680(1)10(2)
RSBDC3680(1)10(2)
63
40
1.0
5.0
10.0
7.2
5.0
250
31500
SBDC4100(1)10(2)
RSBDC4100(1)10(2)
63
40
1.5
6.0
11.0
7.2
5.0
250
31500
SBDC4150(1)10(2)
RSBDC4150(1)10(2)
63
40
2.2
6.0
11.0
7.2
5.0
100
12600
SBDC4220(1)20(2)
RSBDC4220(1)20(2)
63
40
3.3
7.2
13.0
7.2
5.0
100
12600
SBDC4330(1)20(2)
RSBDC4330(1)20(2)
63
40
4.7
7.2
13.0
7.2
5.0
100
12600
SBDC4470(1)20(3)
RSBDC4470(1)20(3)
100
63
0.0047
2.5
6.5
7.2
5.0
300
60000
SBEC1470(1)00(2)
RSBEC1470(1)00(2)
100
63
0.0068
2.5
6.5
7.2
5.0
300
60000
SBEC1680(1)00(2)
RSBEC1680(1)00(2)
100
63
0.010
2.5
6.5
7.2
5.0
300
60000
SBEC2100(1)00(2)
RSBEC2100(1)00(2)
100
63
0.015
2.5
6.5
7.2
5.0
300
60000
SBEC2150(1)00(2)
RSBEC2150(1)00(2)
100
63
0.022
2.5
6.5
7.2
5.0
300
60000
SBEC2220(1)00(2)
RSBEC2220(1)00(2)
100
63
0.033
2.5
6.5
7.2
5.0
300
60000
SBEC2330(1)00(2)
RSBEC2330(1)00(2)
100
63
0.047
2.5
6.5
7.2
5.0
300
60000
SBEC2470(1)00(2)
RSBEC2470(1)00(2)
100
63
0.07
2.5
6.5
7.2
5.0
300
60000
SBEC2680(1)10(2)
RSBEC2680(1)10(2)
100
63
0.10
3.5
7.5
7.2
5.0
300
60000
SBEC3100(1)00(2)
RSBEC3100(1)00(2)
100
63
0.15
4.5
9.5
7.2
5.0
300
60000
SBEC3150(1)00(2)
RSBEC3150(1)00(2)
100
63
0.22
5.0
10.0
7.2
5.0
300
60000
SBEC3220(1)00(2)
RSBEC3220(1)00(2)
100
63
0.33
6.0
11.0
7.2
5.0
300
60000
SBEC3330(1)00(2)
RSBEC3330(1)00(2)
100
63
0.47
6.0
11.0
7.2
5.0
300
60000
SBEC3470(1)10(2)
RSBEC3470(1)10(2)
250
160
0.0010
2.5
6.5
7.2
5.0
400
200000
SBIC1100(1)00(2)
RSBIC1100(1)00(2)
250
160
0.0015
2.5
6.5
7.2
5.0
400
200000
SBIC1150(1)00(2)
RSBIC1150(1)00(2)
250
160
0.0022
2.5
6.5
7.2
5.0
400
200000
SBIC1220(1)00(2)
RSBIC1220(1)00(2)
250
160
0.0033
2.5
6.5
7.2
5.0
400
200000
SBIC1330(1)00(2)
RSBIC1330(1)00(2)
250
160
0.0047
2.5
6.5
7.2
5.0
400
200000
SBIC1470(1)00(2)
RSBIC1470(1)00(2)
250
160
0.0068
2.5
6.5
7.2
5.0
400
200000
SBIC1680(1)00(2)
RSBIC1680(1)00(2)
250
160
0.010
2.5
6.5
7.2
5.0
400
200000
SBIC2100(1)00(2)
RSBIC2100(1)00(2)
250
160
0.015
2.5
6.5
7.2
5.0
400
200000
SBIC2150(1)00(2)
RSBIC2150(1)00(2)
250
160
0.022
3.5
7.5
7.2
5.0
400
200000
SBIC2220(1)00(2)
RSBIC2220(1)00(2)
250
160
0.033
3.5
7.5
7.2
5.0
400
200000
SBIC2330(1)00(2)
RSBIC2330(1)00(2)
250
160
0.047
4.5
9.5
7.2
5.0
400
200000
SBIC2470(1)00(2)
RSBIC2470(1)00(2)
250
160
0.068
4.5
9.5
7.2
5.0
400
200000
SBIC2680(1)00(2)
RSBIC2680(1)00(2)
250
160
0.10
5.0
10.0
7.2
5.0
400
200000
SBIC3100(1)00(2)
RSBIC3100(1)00(2)
250
160
0.15
6.0
11.0
7.2
5.0
400
200000
SBIC3150(1)00(2)
RSBIC3150(1)00(2)
400
200
0.0010
2.5
6.5
7.2
5.0
600
480000
SBMC1100(1)00(2)
RSBMC1100(1)00(2)
400
200
0.0015
2.5
6.5
7.2
5.0
600
480000
SBMC1150(1)00(2)
RSBMC1150(1)00(2)
400
200
0.0022
2.5
6.5
7.2
5.0
600
480000
SBMC1220(1)00(2)
RSBMC1220(1)00(2)
400
200
0.0033
2.5
6.5
7.2
5.0
600
480000
SBMC1330(1)00(2)
RSBMC1330(1)00(2)
400
200
0.0047
2.5
6.5
7.2
5.0
600
480000
SBMC1470(1)00(2)
RSBMC1470(1)00(2)
400
200
0.0068
3.5
7.5
7.2
5.0
600
480000
SBMC1680(1)00(2)
RSBMC1680(1)00(2)
400
200
0.010
3.5
7.5
7.2
5.0
600
480000
SBMC2100(1)00(2)
RSBMC2100(1)00(2)
400
200
0.015
3.5
7.5
7.2
5.0
600
480000
SBMC2150(1)00(2)
RSBMC2150(1)00(2)
400
200
0.022
4.5
9.5
7.2
5.0
600
480000
SBMC2220(1)00(2)
RSBMC2220(1)00(2)
400
200
0.033
5.0
10.0
7.2
5.0
600
480000
SBMC2330(1)00(2)
RSBMC2330(1)00(2)
400
200
0.047
6.0
11.0
7.2
5.0
600
480000
SBMC2470(1)00(2)
RSBMC2470(1)00(2)
500
220
0.0010
2.5
6.5
7.2
5.0
700
700000
SBWC1100(1)00(2)
RSBWC1100(1)00(2)
500
220
0.0015
2.5
6.5
7.2
5.0
700
700000
SBWC1150(1)00(2)
RSBWC1150(1)00(2)
500
220
0.0022
3.5
7.5
7.2
5.0
700
700000
SBWC1220(1)00(2)
RSBWC1220(1)00(2)
500
220
0.0033
3.5
7.5
7.2
5.0
700
700000
SBWC1330(1)00(2)
RSBWC1330(1)00(2)
500
220
0.0047
3.5
7.5
7.2
5.0
700
700000
SBWC1470(1)00(2)
RSBWC1470(1)00(2)
500
220
0.0068
4.5
9.5
7.2
5.0
700
700000
SBWC1680(1)00(2)
RSBWC1680(1)00(2)
500
220
0.010
5.0
10.0
7.2
5.0
700
700000
SBWC2100(1)00(2)
RSBWC2100(1)00(2)
VDC
VAC
Capacitance
Value (µF)
B (mm)
H
(mm)
L (mm)
Lead
Spacing
dV/dt
(V/µs)
Max K
0
(V2/µs)
New KEMET
Part Number
Legacy
Part Number
Table 1 – Ratings & Part Number Reference
(1) Insert lead and packaging code. See Ordering Options Table for available options.
(2) K = ±10%, M = ±20%, J = ±5% on request.
(3) M = ±20% (only available tolerance).


Similar Part No. - RSBIC3100AA50J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
RSBIC3100AA00K KEMET-RSBIC3100AA00K Datasheet
54Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Commercial Grade, 0.1 uF, 10%, 250 V, 85C, Lead Spacing = 5mm
More results

Similar Description - RSBIC3100AA50J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R66ED3100AA7AJ KEMET-R66ED3100AA7AJ Datasheet
554Kb / 14P
   R66, Radial, 7.5 mm Lead Spacing, 50 - 630 VDC (Automotive Grade)
R82DC3100DQ50K KEMET-R82DC3100DQ50K Datasheet
531Kb / 14P
   R82 Series, Radial, 5 mm Lead Spacing, 50 ??400 VDC (Automotive Grade)
R82DC3470AA60J KEMET-R82DC3470AA60J Datasheet
1Mb / 16P
   R82 Series, Radial, 5 mm Lead Spacing, 50 - 400 VDC (Automotive Grade)
RSBPC1470AA00K KEMET-RSBPC1470AA00K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 4700 pF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
RSBPC2100Z300K KEMET-RSBPC2100Z300K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 0.01 uF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
RSBPC1680AA00K KEMET-RSBPC1680AA00K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 6800 pF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
RSBPC1100AA00K KEMET-RSBPC1100AA00K Datasheet
56Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 1000 pF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
RSBPC1100Z300K KEMET-RSBPC1100Z300K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 1000 pF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
RSBPC1330Z300K KEMET-RSBPC1330Z300K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 3300 pF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
RSBPC1470Z300K KEMET-RSBPC1470Z300K Datasheet
58Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 4700 pF, 10%, 630 VDC, 85C, Lead Spacing = 5mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com