Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZESD7471N2T5G Datasheet(PDF) 5 Page - ON Semiconductor

Part # SZESD7471N2T5G
Description  Ultra-Low Capacitance ESD Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SZESD7471N2T5G Datasheet(HTML) 5 Page - ON Semiconductor

  SZESD7471N2T5G Datasheet HTML 1Page - ON Semiconductor SZESD7471N2T5G Datasheet HTML 2Page - ON Semiconductor SZESD7471N2T5G Datasheet HTML 3Page - ON Semiconductor SZESD7471N2T5G Datasheet HTML 4Page - ON Semiconductor SZESD7471N2T5G Datasheet HTML 5Page - ON Semiconductor SZESD7471N2T5G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ESD7471, SZESD7471
www.onsemi.com
5
TYPICAL CHARACTERISTICS
Figure 9. IV Characteristics
Figure 10. CV Characteristics
Figure 11. RF Insertion Loss
Figure 12. Capacitance over Frequency
1.E−12
1.E−11
1.E−10
1.E−09
1.E−08
1.E−07
1.E−06
1.E−05
1.E−04
1.E−03
−12 −10 −8
−6
−4
−2
0
2
4
6
8
10
12
VOLTAGE (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
−6
−5
−4
−3
−2
−1
0
1
2
3
4
5
6
Vbias (V)
2
1E8
1E9
1E10
2E10
VOLTAGE (V)
0
−2
−4
−6
−8
−10
−12
−14
2.0
0.5
FREQUENCY (GHz)
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
1.5
2.5
3.5
4.5
5.5
6.5
7.5
8.5
9.5


Similar Part No. - SZESD7471N2T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SZESD7471N2T5G ONSEMI-SZESD7471N2T5G Datasheet
70Kb / 4P
   Ultra-Low Capacitance ESD Protection Diodes
September, 2014 ??Rev. 1
More results

Similar Description - SZESD7471N2T5G

ManufacturerPart #DatasheetDescription
logo
FutureWafer Tech Co.,Lt...
ESD3LC-0.4PF FUTUREWAFER-ESD3LC-0.4PF Datasheet
824Kb / 4P
   Ultra low capacitance ESD Protection
logo
Pan Jit International I...
PJE5V0U8TB-AU PANJIT-PJE5V0U8TB-AU Datasheet
288Kb / 6P
   Ultra Low Capacitance ESD Protection
logo
ON Semiconductor
ESD7571 ONSEMI-ESD7571 Datasheet
132Kb / 6P
   Ultra-Low Capacitance ESD Protection
October, 2016 ??Rev. 0
logo
Shanghai Yint Electroni...
ESD040205P015 YINT-ESD040205P015 Datasheet
502Kb / 4P
   Ultra Low Capacitance ESD Protection
logo
Pan Jit International I...
PE1805C4C6N PANJIT-PE1805C4C6N Datasheet
350Kb / 5P
   ULTRA LOW CAPACITANCE ESD PROTECTION
April 24,2018-REV.00
PE1805C4E6 PANJIT-PE1805C4E6 Datasheet
310Kb / 5P
   Ultra Low Capacitance ESD Protection
August 10,2022 PE1805C4E6-REV.01
PE1605S1Q PANJIT-PE1605S1Q Datasheet
268Kb / 5P
   ULTRA LOW CAPACITANCE ESD PROTECTION
January 22,2019-REV.00
PE1805C4C5 PANJIT-PE1805C4C5 Datasheet
364Kb / 5P
   Ultra Low Capacitance ESD Protection
April 20,2016-REV.00
PE1403M1Q PANJIT-PE1403M1Q Datasheet
344Kb / 5P
   Ultra Low Capacitance ESD Protection
April 15,2017-REV.00
PE1403M2Q PANJIT-PE1403M2Q Datasheet
378Kb / 5P
   Ultra Low Capacitance ESD Protection
May 4,2018-REV.01
PE1605C4C6-AU PANJIT-PE1605C4C6-AU Datasheet
339Kb / 5P
   ULTRA LOW CAPACITANCE ESD PROTECTION
August 7,2017-REV.00
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com