Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P295BE471M500A Datasheet(PDF) 10 Page - Kemet Corporation

Part # P295BE471M500A
Description  P295 Series Metallized Impregnated Paper, Class Y1, 500 VAC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

P295BE471M500A Datasheet(HTML) 10 Page - Kemet Corporation

Back Button P295BE471M500A Datasheet HTML 2Page - Kemet Corporation P295BE471M500A Datasheet HTML 3Page - Kemet Corporation P295BE471M500A Datasheet HTML 4Page - Kemet Corporation P295BE471M500A Datasheet HTML 5Page - Kemet Corporation P295BE471M500A Datasheet HTML 6Page - Kemet Corporation P295BE471M500A Datasheet HTML 7Page - Kemet Corporation P295BE471M500A Datasheet HTML 8Page - Kemet Corporation P295BE471M500A Datasheet HTML 9Page - Kemet Corporation P295BE471M500A Datasheet HTML 10Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3088_P295_Y1_500 • 5/20/2014 10
Film Capacitors
AC Line EMI Suppression and RC Networks – P295 Series Metallized Impregnated Paper, Class Y1, 500 VAC
Disclaimer
Allproductspecifications,statements,informationanddata(collectively,the“Information”)inthisdatasheetaresubjecttochange.Thecustomerisresponsibleforcheckingand
verifying the extent to which the Information contained in this publication is applicable to an order at the time the order is placed.
All Information given herein is believed to be accurate and reliable, but it is presented without guarantee, warranty, or responsibility of any kind, expressed or implied.
StatementsofsuitabilityforcertainapplicationsarebasedonKEMETElectronicsCorporation’s(“KEMET”)knowledgeoftypicaloperatingconditionsforsuchapplications,butare
notintendedtoconstitute–andKEMETspecificallydisclaims–anywarrantyconcerningsuitabilityforaspecificcustomerapplicationoruse.TheInformationisintendedforuseonly
by customers who have the requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise
provided by KEMET with reference to the use of KEMET’s products is given gratis, and KEMET assumes no obligation or liability for the advice given or results obtained.
Although KEMET designs and manufactures its products to the most stringent quality and safety standards, given the current state of the art, isolated component failures may still
occur. Accordingly, customer applications which require a high degree of reliability or safety should employ suitable designs or other safeguards (such as installation of protective
circuitry or redundancies) in order to ensure that the failure of an electrical component does not result in a risk of personal injury or property damage.
Although all product–related warnings, cautions and notes must be observed, the customer should not assume that all safety measures are indicted or that other measures may not
be required.


Similar Part No. - P295BE471M500A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
P295BE102M500A KEMET-P295BE102M500A Datasheet
56Kb / 1P
   Film, Metallized Paper, Safety, P295, 1000 pF, 20%, 1,500 V, 500 V, 115C, Lead Spacing = 15mm
P295BE561M500A KEMET-P295BE561M500A Datasheet
56Kb / 1P
   Film, Metallized Paper, Safety, P295, 560 pF, 20%, 1,500 V, 500 V, 115C, Lead Spacing = 15mm
P295BE681M500A KEMET-P295BE681M500A Datasheet
57Kb / 1P
   Film, Metallized Paper, Safety, P295, 680 pF, 20%, 1,500 V, 500 V, 115C, Lead Spacing = 15mm
P295BE821M500A KEMET-P295BE821M500A Datasheet
56Kb / 1P
   Film, Metallized Paper, Safety, P295, 820 pF, 20%, 1,500 V, 500 V, 115C, Lead Spacing = 15mm
More results

Similar Description - P295BE471M500A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
P276QE104M275A KEMET-P276QE104M275A Datasheet
2Mb / 14P
   PME271M Series Metallized Impregnated Paper,Class X2, 275 VAC
PME271Y410MR30 KEMET-PME271Y410MR30 Datasheet
1Mb / 13P
   PME271Y Series Metallized Impregnated Paper, Class Y2, 250 VAC
P277QE103M300A KEMET-P277QE103M300A Datasheet
1Mb / 13P
   PME271E Series Metallized Impregnated Paper, Class X1, 300 VAC
PMR209MB5470M047R30 KEMET-PMR209MB5470M047R30 Datasheet
2Mb / 13P
   PMR209 Series Metallized Impregnated Paper, Class X2, 250 VAC
P278HE102M480A KEMET-P278HE102M480A Datasheet
2Mb / 12P
   P278 Series Metallized Impregnated Paper, Class X1, 480 VAC
logo
List of Unclassifed Man...
PME294 ETC-PME294 Datasheet
48Kb / 2P
   EMI suppressor, class Y1, metallized paper
logo
Kemet Corporation
PME271YA4100MR30 KEMET-PME271YA4100MR30_17 Datasheet
1Mb / 14P
   PME271Y A?밇 Series Metallized Impregnated Paper, Class Y2, 300 VAC
P405QE104M125AH330 KEMET-P405QE104M125AH330 Datasheet
2Mb / 12P
   Metallized Impregnated Paper, 125 VAC/250 VDC
SMP253 KEMET-SMP253 Datasheet
1Mb / 8P
   Impregnated Metallized Paper EMI Suppression Capacitors SMP253, Class Y2, 250 VAC Surface Mount Device
11/2/2020
PZB300MC11R30 KEMET-PZB300MC11R30 Datasheet
361Kb / 8P
   PZB300 Series Metallized Impregnated Paper, 275 VAC Delta Configuration X2 2x Y2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com