Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL0508KFX7R6BB121 Datasheet(PDF) 8 Page - YAGEO Corporation

Part # CL0508KFX7R6BB121
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CL0508KFX7R6BB121 Datasheet(HTML) 8 Page - YAGEO Corporation

Back Button CL0508KFX7R6BB121 Datasheet HTML 4Page - YAGEO Corporation CL0508KFX7R6BB121 Datasheet HTML 5Page - YAGEO Corporation CL0508KFX7R6BB121 Datasheet HTML 6Page - YAGEO Corporation CL0508KFX7R6BB121 Datasheet HTML 7Page - YAGEO Corporation CL0508KFX7R6BB121 Datasheet HTML 8Page - YAGEO Corporation CL0508KFX7R6BB121 Datasheet HTML 9Page - YAGEO Corporation CL0508KFX7R6BB121 Datasheet HTML 10Page - YAGEO Corporation CL0508KFX7R6BB121 Datasheet HTML 11Page - YAGEO Corporation CL0508KFX7R6BB121 Datasheet HTML 12Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
www.yageo.com
Nov. 21, 2016 V.1
Surface-Mount Ceramic Multilayer Capacitors
8
13
Product specification
Low
Inductance
X5R, X7R
6.3V to 50V
SOLDERING RECOMMENDATION
Table 7
SOLDERING
METHOD
SIZE
0204
0306
0508
0612
Reflow
Reflow/Wave
O
O
O
O
TEST
TEST
METHOD
PROCEDURE
REQUIREMENTS
Mounting
IEC
60384-
21/22
4.3
The capacitors may be mounted on printed-circuit boards or
ceramic substrates
No visible damage
Visual Inspection
and Dimension
Check
4.4
Any applicable method using × 10 magnification
In accordance with specification
Capacitance
4.5.1
Class 2:
f = 1 KHz, measuring at voltage 1 Vrms at 20 °C
Within specified tolerance
Dissipation
Factor (D.F.)
4.5.2
Class 2:
f = 1 KHz, measuring at voltage 1 Vrms at 20 °C
In accordance with specification
Insulation
Resistance
4.5.3
At Ur (DC) for 1 minute
In accordance with specification
TESTS AND REQUIREMENTS
Table 8
Test procedures and requirements


Similar Part No. - CL0508KFX7R6BB121

ManufacturerPart #DatasheetDescription
logo
American Microsemicondu...
CL05-10T AMMSEMI-CL05-10T Datasheet
673Kb / 4P
   High Voltage Rectifier Series
CL05-12T AMMSEMI-CL05-12T Datasheet
673Kb / 4P
   High Voltage Rectifier Series
logo
Rugao Dachang Electroni...
CL05-15S DACHANG-CL05-15S Datasheet
99Kb / 1P
   Plastic High Voltage Rectifier
logo
American Microsemicondu...
CL05-15T AMMSEMI-CL05-15T Datasheet
673Kb / 4P
   High Voltage Rectifier Series
logo
Micro Electronics
CL055 MICRO-ELECTRONICS-CL055 Datasheet
70Kb / 1P
   NPN SILICON PLANAR EPITAXIAL COMPLEMENTARY PAIR SPECIALLY DESIGNED FOR 1-WATT AUDIO AMPLIFIER OUTPUT AND SWITCHING APPLICATIONS
More results

Similar Description - CL0508KFX7R6BB121

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com