Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NIV1161 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NIV1161
Description  ESD Protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NIV1161 Datasheet(HTML) 5 Page - ON Semiconductor

  NIV1161_16 Datasheet HTML 1Page - ON Semiconductor NIV1161_16 Datasheet HTML 2Page - ON Semiconductor NIV1161_16 Datasheet HTML 3Page - ON Semiconductor NIV1161_16 Datasheet HTML 4Page - ON Semiconductor NIV1161_16 Datasheet HTML 5Page - ON Semiconductor NIV1161_16 Datasheet HTML 6Page - ON Semiconductor NIV1161_16 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NIV1161, NIS1161
www.onsemi.com
5
TYPICAL MOSFET PERFORMANCE CURVES
TJ = 150°C
0
0.9
4.0
0.5
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
0.7
0.2
0
Figure 9. On−Region Characteristics
0
2.0
4.0
Figure 10. Transfer Characteristics
VGS, GATE−TO−SOURCE VOLTAGE (V)
1.0
8.0
Figure 11. On−Resistance vs. Gate−to−Source
Voltage
VGS, GATE VOLTAGE (V)
Figure 12. On−Resistance vs. Drain Current
and Gate Voltage
−50
0
−25
25
1.2
0.7
0.6
50
150
Figure 13. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
2.0
TJ = −55°C
75
ID = 125 mA
VGS = 4.5 V
TJ = 25°C
1.3
VGS = 2.5 V
VGS = 4.5 V
1.5
3.5
0.1
25
Figure 14. Drain−to−Source Leakage Current
vs. Voltage
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
15
TJ = 150°C
TJ = 125°C
10
100
VDS = 5 V
20
2.0 V
0.5
1.8 V
3.0
30
1.2
1.0
VGS = 10 V
10
125
100
0
5.0
10
5
3.0
1.5
1.5
5.0
4.5
TJ = 25°C
ID = 125 mA
ID, DRAIN CURRENT (A)
1.9
1000
2.4 V
3.5
1.0
1.0
8.0
0.1
0
0.7
0.5
10
4.0
1.2
0.8
1.4
0.9
1.6
1.1
1.8
0.8
0.6
0.1
0.3
0.9
0.6
0.1
0
0.4
1.2
0.5
3.0
0.4
1.1
1.0
2.0
2.5
3.5
4.5
2.2 V
2.8 V
2.6 V
3.0 V
3.5 V
4.0 V
5.0 V
4.5 V
2.5
4.5
0.2
0.3
0.5
0.7
0.8
1.0
1.1
2.5
4.0
2.0
3.0
4.0
6.0
7.0
9.0
0.2 0.3 0.4
0.6
0.8 0.9 1.0 1.1
2.0
3.0
5.0
6.0
7.0
9.0
TJ = 125°C
TJ = −55°C
TJ = 25°C
TJ = 125°C
TJ = 25°C
TJ = −55°C
1.0
1.5
1.7
TJ = 85°C
1


Similar Part No. - NIV1161_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NIV1161MTTAG ONSEMI-NIV1161MTTAG Datasheet
165Kb / 5P
   ESD Protection
July, 2015 ??Rev. 0
NIV1161MTTAG ONSEMI-NIV1161MTTAG Datasheet
246Kb / 9P
   ESD Protection with Automotive Short-to-Battery Blocking
August, 2020 ??Rev. 6
NIV1161MTWTAG ONSEMI-NIV1161MTWTAG Datasheet
246Kb / 9P
   ESD Protection with Automotive Short-to-Battery Blocking
August, 2020 ??Rev. 6
More results

Similar Description - NIV1161_16

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJE24VM5FN2 PANJIT-PJE24VM5FN2 Datasheet
220Kb / 6P
   ESD Protection
logo
SAMYANG ELECTRONICS CO....
SD05 SAMYANG-SD05 Datasheet
1Mb / 5P
   ESD PROTECTION
SM712 SAMYANG-SM712 Datasheet
1Mb / 3P
   ESD PROTECTION
logo
Pan Jit International I...
PEC3808AS-AU PANJIT-PEC3808AS-AU Datasheet
221Kb / 6P
   ESD Protection
December 17,2021 PEC3808AS-AU_SERIES-REV.00
PEC2605M1Q PANJIT-PEC2605M1Q Datasheet
200Kb / 5P
   ESD Protection
October 21,2022 PEC2605M1Q-REV.01
PEC3203S1Q PANJIT-PEC3203S1Q Datasheet
276Kb / 5P
   ESD PROTECTION
March 21,2019-REV.01
PEC3205S1Q PANJIT-PEC3205S1Q Datasheet
275Kb / 5P
   ESD PROTECTION
March 19,2019-REV.01
PEC3808C2C-AU PANJIT-PEC3808C2C-AU Datasheet
291Kb / 6P
   ESD Protection
January 26,2022 PEC3808C2C-AU_SERIES-REV.01
PEC33712C2A PANJIT-PEC33712C2A Datasheet
351Kb / 5P
   ESD PROTECTION
July 17,2017-REV.00
PEC3808CS-AU PANJIT-PEC3808CS-AU Datasheet
220Kb / 6P
   ESD Protection
December 17,2021 PEC3808CS-AU_SERIES-REV.00
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com