Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FSCQ0765RT Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. FSCQ0765RT
Description  Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Switching Converter
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FSCQ0765RT Datasheet(HTML) 2 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
FSCQ0765RT
2
Internal Block Diagram
Figure 2. Functional Block Diagram of FSCQ0765RT
9V/15V
3
1
2
4
Auxiliary
Vref
Main bias
S
Q
Q
R
OSC
Vcc
Vref
I
delay
I
FB
V
SD
TSD
Vovp
Sync
Vocp
S
Q
Q
R
R
2.5R
Vcc good
Vcc
Drain
FB
GND
AOCP
Gate
driver
Vcc good
LEB
600ns
PWM
Soft start
Internal
bias
Normal
operation
V
Burst
Vref
I
B
Vref
I
BFB
Burst mode
Controller
Normal operation
Burst Switching
5
Sync
Threshold
Quasi-resonant
(QR) switching
controller
+
-
+
-
S
Q
Q
R
Power off Reset
4.6V/2.6V : Normal QR
3.0V/1.8V : Extended QR
fs


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn