Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FSCQ0765RT Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part No. FSCQ0765RT
Description  Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Switching Converter
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FSCQ0765RT Datasheet(HTML) 6 Page - Fairchild Semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
FSCQ0765RT
6
Electrical Characteristics (Continued)
(Ta=25
°C unless otherwise specified)
Note:
1. These parameters is the current flowing in the Control IC.
2. These parameters, although guaranteed, are tested only in EDS (wafer test) process.
3. These parameters indicate Inductor Current.
4. These parameters, although guaranteed at the design, are not tested in mass production.
Parameter
Symbol
Condition
Min.
Typ. Max. Unit
UVLO SECTION
Vcc Start Threshold Voltage
VSTART
VFB = GND
141516
V
Vcc Stop Threshold Voltage
VSTOP
VFB = GND
8
9
10
V
SENSEFET SECTION
Drain To PKG Breakdown Voltage (Note4)
BVpkg
60HZ AC, Ta = 25°C
3500
-
-
V
Drain To Source Breakdown Voltage
BVdss
Ta = 25°C
650
-
-
V
Drain To Source Leakage Current
Idss
Vdrain = 400V, Ta = 25°C
-
-
200
uA
OSCILLATOR SECTION
Initial Frequency
FOSC
-
182022
kHz
Voltage Stability
FSTABLE
12V
≤ Vcc ≤ 23V
0
1
3
%
Temperature Stability (Note2)
∆FOSC
-25
°C ≤ Ta ≤ 85°C0
±5±10
%
Maximum Duty Cycle
DMAX
-
929598
%
Minimum Duty Cycle
DMIN
--
-
0
%
FEEDBACK SECTION
Feedback Source Current
IFB
VFB = 0.8V
0.5
0.65
0.8
mA
Shutdown Feedback Voltage
VSD
Vfb
≥ 6.9V
7.0
7.5
8.0
V
Shutdown Delay Current
IDELAY
VFB = 5V
456
µA
PROTECTION SECTION
Over Voltage Protection
VOVP
Vsync
≥ 11V
11
12
13
V
Over Current Latch Voltage (Note2)
VOCL
-
0.9
1.0
1.1
V
Thermal Shutdown Temp (Note4)
TSD
-
140
-
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn