Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FSCQ0765RT Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. FSCQ0765RT
Description  Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Switching Converter
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSCQ0765RT Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FSCQ0765RT Datasheet HTML 1Page - Fairchild Semiconductor FSCQ0765RT Datasheet HTML 2Page - Fairchild Semiconductor FSCQ0765RT Datasheet HTML 3Page - Fairchild Semiconductor FSCQ0765RT Datasheet HTML 4Page - Fairchild Semiconductor FSCQ0765RT Datasheet HTML 5Page - Fairchild Semiconductor FSCQ0765RT Datasheet HTML 6Page - Fairchild Semiconductor FSCQ0765RT Datasheet HTML 7Page - Fairchild Semiconductor FSCQ0765RT Datasheet HTML 8Page - Fairchild Semiconductor FSCQ0765RT Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
FSCQ0765RT
3
Pin Definitions
Pin Configuration
Figure 3. Pin Configuration (Top View)
Pin Number
Pin Name
Pin Function Description
1
Drain
High voltage power SenseFET drain connection.
2
GND
This pin is the control ground and the SenseFET source.
3Vcc
This pin is the positive supply input. This pin provides internal operating
current for both start-up and steady-state operation.
4Vfb
This pin is internally connected to the inverting input of the PWM comparator.
The collector of an opto-coupler is typically tied to this pin. For stable
operation, a capacitor should be placed between this pin and GND. If the
voltage of this pin reaches 7.5V, the over load protection triggers resulting in
shutdown of the FPS.
5Sync
This pin is internally connected to the sync detect comparator for quasi
resonant switching. In normal quasi-resonant operation, the threshold of the
sync comparator is 4.6V/2.6V. Meanwhile, the sync threshold is changed to
3.0V/1.8V in extended quasi-resonant operation.
5.Sync
4.Vfb
3.Vcc
2.GND
1.Drain
TO-220F-5L


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn