Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC37N972 Datasheet(PDF) 79 Page - SMSC Corporation

Part # FDC37N972
Description  Advanced Notebook I/O Controller with Enhanced Keyboard Control and System Management
Download  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37N972 Datasheet(HTML) 79 Page - SMSC Corporation

Back Button FDC37N972 Datasheet HTML 75Page - SMSC Corporation FDC37N972 Datasheet HTML 76Page - SMSC Corporation FDC37N972 Datasheet HTML 77Page - SMSC Corporation FDC37N972 Datasheet HTML 78Page - SMSC Corporation FDC37N972 Datasheet HTML 79Page - SMSC Corporation FDC37N972 Datasheet HTML 80Page - SMSC Corporation FDC37N972 Datasheet HTML 81Page - SMSC Corporation FDC37N972 Datasheet HTML 82Page - SMSC Corporation FDC37N972 Datasheet HTML 83Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 390 page
background image
79
When the FDC is disabled, powered down or inactive the FDC output pins will tri-state allowing ‘hot-
swapping’ of the Floppy Disk Drive.
The following table lists the five control/configuration
mechanisms that power down or deactivate the FDC logical device.
TABLE 47 - FDC HOT SWAPPING MECHANISMS
MECHANISM
FDC OUTPUT PINS STATE
Tri-
State
Tri-State
Tri-State
Tri-State
(Note 1)
Tri-State
(Note 2)
FDC Logical Dev Activate bit
=0: FDC LD deactivated
=1: FDC LD activated
Refer to the description of the
FDC Logical Device
Configuration register 0x30 in
the Configuration section of the
FDC37N972 Specification.
0
X
1
1
1
FDC Logical Dev Base Address
0x100 < Base < 0x0FF8:
FDC LD Base Address Valid.
0xFFF < Base < 0x100:
FDC LD Base Address Invalid.
Refer to the description of the
FDC Base I/O Address
registers in the Configuration
section of the FDC37N972
Specification.
X
INVALID
BASE
ADDRESS
VALID
BASE
ADDRESS
VALID
BASE
ADDRESS
VALID
BASE
ADDRESS
GCR 0x22 bit-0 (FDC Power)
=0: Power Off
=1: Power On
Refer to the description of the
Global Config Register 0x22 in
the Configuration section of the
FDC37N972 Specification.
X
X
0
1
1
DSR, bit-6 (pwr down)
=0: Normal Run
=1: Manual Pwr down
Refer to the description of the
DSR in the FDC section of any
SMSC Super or Ultra I/O data
sheet.
X
X
X
1
0


Similar Part No. - FDC37N972

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FDC37N958FR ETC1-FDC37N958FR Datasheet
999Kb / 316P
   Notebook I/O Controller with Enhanced Keyboard and System Control
FDC37N958FRTQFP ETC1-FDC37N958FRTQFP Datasheet
999Kb / 316P
   Notebook I/O Controller with Enhanced Keyboard and System Control
More results

Similar Description - FDC37N972

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FDC37N958FR ETC1-FDC37N958FR Datasheet
999Kb / 316P
   Notebook I/O Controller with Enhanced Keyboard and System Control
logo
SMSC Corporation
LPC47N252 SMSC-LPC47N252 Datasheet
44Kb / 4P
   Advanced Notebook I/O Controller with On-Board FLASH
FDC37B80X SMSC-FDC37B80X Datasheet
802Kb / 194P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
FDC37M81 SMSC-FDC37M81 Datasheet
574Kb / 198P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
FDC37M81X SMSC-FDC37M81X Datasheet
693Kb / 198P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
logo
Microchip Technology
MEC172X MICROCHIP-MEC172X_V01 Datasheet
6Mb / 786P
   Keyboard and Embedded Controller for Notebook PC
DS00003583G (04-26-22)
MEC172X MICROCHIP-MEC172X Datasheet
6Mb / 786P
   Keyboard and Embedded Controller for Notebook PC
02/28/20
MEC1322 MICROCHIP-MEC1322 Datasheet
5Mb / 456P
   Keyboard and Embedded Controller for Notebook PC
07/14/15
MEC152X MICROCHIP-MEC152X_V01 Datasheet
6Mb / 576P
   Keyboard and Embedded Controller for Notebook PC
09/14/21
MEC152X MICROCHIP-MEC152X Datasheet
6Mb / 570P
   Keyboard and Embedded Controller for Notebook PC
02/28/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com