Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC37N972 Datasheet(PDF) 29 Page - SMSC Corporation

Part # FDC37N972
Description  Advanced Notebook I/O Controller with Enhanced Keyboard Control and System Management
Download  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37N972 Datasheet(HTML) 29 Page - SMSC Corporation

Back Button FDC37N972 Datasheet HTML 25Page - SMSC Corporation FDC37N972 Datasheet HTML 26Page - SMSC Corporation FDC37N972 Datasheet HTML 27Page - SMSC Corporation FDC37N972 Datasheet HTML 28Page - SMSC Corporation FDC37N972 Datasheet HTML 29Page - SMSC Corporation FDC37N972 Datasheet HTML 30Page - SMSC Corporation FDC37N972 Datasheet HTML 31Page - SMSC Corporation FDC37N972 Datasheet HTML 32Page - SMSC Corporation FDC37N972 Datasheet HTML 33Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 390 page
background image
29
LOGICAL
DEVICE
NUMBER
LOGICAL
DEVICE
BASE I/O
RANGE
(NOTE3)
FIXED
BASE OFFSETS
ISA
CYCLE
TYPE
0x04
Serial
Port 1
[0x100:0x0FF8]
ON 8 BYTE
BOUNDARIES
+0 : RB/TB
 LSB div
+1 : IER
 MSB div
+2 : IIR/FCR
+3 : LCR
+4 : MCR
+5 : LSR
+6 : MSR
+7 : SCR
NOWS
0x05
Infrared
Port
[0x100:0x0FF8]
ON 8 BYTE
BOUNDARIES
+0 : RB/TB
 LSB div
+1 : IER
 MSB div
+2 : IIR/FCR
+3 : LCR
+4 : MCR
+5 : LSR
+6 : MSR
+7 : SCR
NOWS
0x62,
0x63
[0x100:0x0FF8]
ON 8 BYTE
BOUNDARIES
+0 : Register Block N,
address 0
+1 : Register Block N,
address 1
+2 : Register Block N,
address 2
+3 : Register Block N,
address 3
+4 : Register Block N,
address 4
+5 : Register Block N,
address 5
+6 : Register Block N,
address 6
+7 : SCE Master Control
Reg.
0x06
RTC
Not Relocatable
Fixed Base Address
0x70, 0x74 : Address
Register
0x71, 0x76 : Data Register
NOWS
Std. ISA I/O
0x07
KYBD
Not Relocatable
Fixed Base
Address
0x60 : Data Register
0x64 : Command/Status
Reg.
NOWS
Note 1: Refer to the configuration register descriptions for setting the base address
Note 2: This chip uses all ISA address bits to decode the base address of each of its logical devices.


Similar Part No. - FDC37N972

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FDC37N958FR ETC1-FDC37N958FR Datasheet
999Kb / 316P
   Notebook I/O Controller with Enhanced Keyboard and System Control
FDC37N958FRTQFP ETC1-FDC37N958FRTQFP Datasheet
999Kb / 316P
   Notebook I/O Controller with Enhanced Keyboard and System Control
More results

Similar Description - FDC37N972

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FDC37N958FR ETC1-FDC37N958FR Datasheet
999Kb / 316P
   Notebook I/O Controller with Enhanced Keyboard and System Control
logo
SMSC Corporation
LPC47N252 SMSC-LPC47N252 Datasheet
44Kb / 4P
   Advanced Notebook I/O Controller with On-Board FLASH
FDC37B80X SMSC-FDC37B80X Datasheet
802Kb / 194P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
FDC37M81 SMSC-FDC37M81 Datasheet
574Kb / 198P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
FDC37M81X SMSC-FDC37M81X Datasheet
693Kb / 198P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
logo
Microchip Technology
MEC172X MICROCHIP-MEC172X_V01 Datasheet
6Mb / 786P
   Keyboard and Embedded Controller for Notebook PC
DS00003583G (04-26-22)
MEC172X MICROCHIP-MEC172X Datasheet
6Mb / 786P
   Keyboard and Embedded Controller for Notebook PC
02/28/20
MEC1322 MICROCHIP-MEC1322 Datasheet
5Mb / 456P
   Keyboard and Embedded Controller for Notebook PC
07/14/15
MEC152X MICROCHIP-MEC152X_V01 Datasheet
6Mb / 576P
   Keyboard and Embedded Controller for Notebook PC
09/14/21
MEC152X MICROCHIP-MEC152X Datasheet
6Mb / 570P
   Keyboard and Embedded Controller for Notebook PC
02/28/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com