Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5609MPX Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN5609MPX
Description  LED Driver with Adaptive Charge Pump DC/DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5609MPX Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN5609MPX Datasheet HTML 1Page - Fairchild Semiconductor FAN5609MPX Datasheet HTML 2Page - Fairchild Semiconductor FAN5609MPX Datasheet HTML 3Page - Fairchild Semiconductor FAN5609MPX Datasheet HTML 4Page - Fairchild Semiconductor FAN5609MPX Datasheet HTML 5Page - Fairchild Semiconductor FAN5609MPX Datasheet HTML 6Page - Fairchild Semiconductor FAN5609MPX Datasheet HTML 7Page - Fairchild Semiconductor FAN5609MPX Datasheet HTML 8Page - Fairchild Semiconductor FAN5609MPX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.fairchildsemi.com
REV. 1.0.2 5/30/03
Features
• Parallel LED Driver Supports All Forward Voltages
• Adaptive VOUT Adjustment to the Highest Diode Voltage
• Internally Matched LED Current Sources
• No External Components Needed to Set LED Current
• Built-in Charge Pump has Three Modes of Operation:
– Linear Regulation VIN > 4.2V
– 3/2 DC-DC Converter and Regulation 3.6V<VIN<4.2V
– 2/1 DC-DC Converter and Regulation 2.7V<VIN<3.6V
• Up to 86% Efficiency
• Low EMI, Low Ripple
• Up to 80mA Output Current (4
× 20mA)
• Built-in DAC for Digital or PWM Brightness Control
• Can be Duty Cycle Modulated between 0 to 18mA
• 2.7V to 5.5V Input Voltage Range
•ICC < 2µA in Shutdown Mode
• 1MHz Operating Frequency
• Shutdown Isolates Output from Input
• Soft-Start Limits Inrush Current
• Short Circuit Protection
• Minimal External Components Needed
• Available in a 14-lead TSSOP Package
• Available in a 16-lead MLP Package
Applications
• Cell Phones
• Handheld Computers
• PDA, DSC, MP3 Players
• Keyboard Backlight
• LED Displays
Description
The FAN5609 generates regulated output current from a
battery with input voltage varying between 2.7V to 5.5V.
Switch reconfiguration and fractional switching techniques
are utilized to achieve high efficiency over the entire input
voltage range. A proprietary internal circuitry continuously
monitors each LED current loop and automatically adjusts
the generated output DC voltage to the lowest minimum
value required by the LED having the highest forward
voltage. This adaptive nature of the FAN5609 eliminates the
need for LED pre-selection (matching) and ensures opera-
tion at high efficiency. When the input voltage is sufficiently
high to sustain the programmed current level in the LEDs,
the FAN5609 re-configures itself to operate as a linear
regulator, and the DC-DC converter is turned off. An internal
two-bit digital to analog converter provides programmability
of the output currents. Only two 0.1µF bucket capacitors and
two 4.7µF input/output capacitors are needed for proper
operation.
Soft-start circuitry prevents excessive current draw during
power on. The device has built-in short circuit protection.
FAN5609
LED Driver with Adaptive Charge Pump DC/DC
Converter
Typical Application
CAP1
CAP2
COUT
CIN
LED-
LED-
LED-
LED-
V
OUT
VOUT
VIN
VIN
GND
FAN5609
IN B
IN A
D
A
C
CAP+
CAP+
CAP-
CAP-


Similar Part No. - FAN5609MPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5601 FAIRCHILD-FAN5601 Datasheet
433Kb / 14P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601 FAIRCHILD-FAN5601 Datasheet
823Kb / 15P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601MP13X FAIRCHILD-FAN5601MP13X Datasheet
433Kb / 14P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601MP18X FAIRCHILD-FAN5601MP18X Datasheet
433Kb / 14P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601 FAIRCHILD-FAN5601_05 Datasheet
823Kb / 15P
   Regulated Step-Down Charge Pump DC/DC Converter
More results

Similar Description - FAN5609MPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5607 FAIRCHILD-FAN5607 Datasheet
546Kb / 13P
   LED Driver with Adaptive Charge Pump DC/DC Converter
logo
Toshiba Semiconductor
TCA62735AFLG TOSHIBA-TCA62735AFLG Datasheet
523Kb / 18P
   Charge Pump type DC/DC Converter for White LED Driver
TB62733FTG TOSHIBA-TB62733FTG Datasheet
614Kb / 12P
   Charge Pump type DC/DC Converter for White LED Driver
logo
Marktech Corporate
TCA62735AFLG MARKTECH-TCA62735AFLG Datasheet
375Kb / 12P
   Charge Pump type DC/DC Converter for White LED Driver
logo
Toshiba Semiconductor
TCA62753FUG TOSHIBA-TCA62753FUG Datasheet
351Kb / 10P
   Charge Pump type DC/DC Converter for White LED Driver
logo
Microchip Technology
TC7662A MICROCHIP-TC7662A_13 Datasheet
231Kb / 16P
   Charge Pump DC-to-DC Converter
11/29/12
logo
TelCom Semiconductor, I...
TC7662A TELCOM-TC7662A Datasheet
62Kb / 5P
   CHARGE PUMP DC-TO-DC CONVERTER
logo
List of Unclassifed Man...
MAS9251 ETC-MAS9251 Datasheet
331Kb / 11P
   REGULATED CHARGE PUMP DC/DC CONVERTER
logo
Sanyo Semicon Device
LA7995M SANYO-LA7995M Datasheet
38Kb / 5P
   Charge Pump Type DC-DC Converter
logo
Unisonic Technologies
ME7660 UTC-ME7660_15 Datasheet
151Kb / 5P
   CHARGE PUMP DC-DC VOLTAGE CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com