Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMG11A Datasheet(PDF) 1 Page - Rohm

Part # FMG11A
Description  Emitter common (dual digital transistors)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

FMG11A Datasheet(HTML) 1 Page - Rohm

  FMG11A Datasheet HTML 1Page - Rohm FMG11A Datasheet HTML 2Page - Rohm FMG11A Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
EMG11 / UMG11N / FMG11A
Transistors
Rev.A
1/2
Emitter common (dual digital transistors)
EMG11 / UMG11N / FMG11A
Features
1) Two DTA123Js chips in a EMT or UMT or SMT
package.
Equivalent circuit
EMG11 / UMG11N
R1
DTr2
DTr1
DTr2
DTr1
R1
=2.2kΩ
R2
=47kΩ
R2
R2
R1
FMG11A
R1
R2
R2
R1
(1)
(2)
(3)
(4)
(5)/(6)
(5)
(4)
(3)
(2)
(1)
Package, marking, and packaging specifications
Type
EMG11
EMT5
G11
T2R
8000
UMG11N
UMT5
G11
TR
3000
FMG11A
SMT5
G11
T148
3000
Package
Marking
Code
Basic ordering unit (pieces)
Absolute maximum ratings (Ta = 25
°C)
Parameter
∗1 120mW per element must not be exceeded.
∗2 200mW per element must not be exceeded.
Symbol
VCC
VIN
IO
Pd
Tstg
Limits
50
12
−5
100
300(TOTAL)
150(TOTAL)
−50 to +150
Unit
V
V
mA
mW ∗
1
∗2
°C
Supply voltage
Input voltage
Output current
IC(MAX)
100
mA
Collector current
Power dissipation
Storage temperature
Tj
150
°C
Junction temperature
External dimensions (Unit : mm)
ROHM : UMT5
EIAJ : SC-88A
UMG11N
0.1Min.
2.1
1.25
0.3Min.
1.6
2.8
ROHM : SMT5
EIAJ : SC-74A
FMG11A
ROHM : EMT5
EMG11
1.2
1.6
(1)
(2)
(3)
(5)
(4)
Each lead has same dimensions
Each lead has same dimensions
Each lead has same dimensions
Electrical characteristics (Ta = 25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Input resistance
VI (off)
VI (on)
VO (on)
II
IO (off)
GI
fT
R1
1.1
80
1.54
0.1
2.2
250
0.5
0.3
3.6
0.5
2.86
V
V
mA
µA
k
R2 / R1
17
21
26
MHz
VCC
=5V, IO=100µA
VO
=0.3V, IO=5mA
IO
=5mA, II=0.25mA
VI
=5V
VCC
=50V, VI=0V
IO
=10mA, VO=5V
VCE
=10V, IE=−5mA, f=100MHz
∗Transition frequency of the device.
Input voltage
Output voltage
Input current
Output current
DC current gain
Transition frequency
Resistance ratio


Similar Part No. - FMG11A

ManufacturerPart #DatasheetDescription
logo
Rohm
FMG12 ROHM-FMG12 Datasheet
41Kb / 1P
   Emitter common(dual digital transistors)
FMG1A ROHM-FMG1A Datasheet
67Kb / 2P
   General purpose (dual digital transistors)
FMG1A ROHM-FMG1A Datasheet
70Kb / 3P
   General purpose (dual digital transistors)
FMG1A ROHM-FMG1A Datasheet
463Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMG1A ROHM-FMG1A Datasheet
463Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
More results

Similar Description - FMG11A

ManufacturerPart #DatasheetDescription
logo
Rohm
EMA11 ROHM-EMA11 Datasheet
61Kb / 2P
   Emitter common (dual digital transistors)
FMG9A ROHM-FMG9A Datasheet
76Kb / 2P
   Emitter common (dual digital transistors)
EMA5 ROHM-EMA5 Datasheet
1Mb / 11P
   Emitter common Dual digital transistors
UMA2N ROHM-UMA2N Datasheet
73Kb / 3P
   Emitter common (dual digital transistors)
UMG2N ROHM-UMG2N Datasheet
71Kb / 3P
   Emitter common (dual digital transistors)
FMG5A ROHM-FMG5A Datasheet
72Kb / 4P
   Emitter common (dual digital transistors)
logo
Unisonic Technologies
UG4J UTC-UG4J_07 Datasheet
103Kb / 2P
   EMITTER COMMON (DUAL DIGITAL TRANSISTORS)
logo
Rohm
EMS1 ROHM-EMS1 Datasheet
42Kb / 3P
   Emitter common (dual digital transistors)
UMG3N ROHM-UMG3N Datasheet
67Kb / 3P
   Emitter common (dual digital transistors)
UMA7N ROHM-UMA7N Datasheet
69Kb / 3P
   Emitter common (dual digital transistors)
EMG2 ROHM-EMG2 Datasheet
1Mb / 11P
   Emitter common (dual digital transistors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com