Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSEK60 Datasheet(PDF) 1 Page - IXYS Corporation

Part # DSEK60
Description  Common Cathode Fast Recovery Epitaxial Diode (FRED)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSEK60 Datasheet(HTML) 1 Page - IXYS Corporation

  DSEK60 Datasheet HTML 1Page - IXYS Corporation DSEK60 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2000 IXYS All rights reserved
1 - 2
V
RSM
V
RRM
Type
V
V
640
600
DSEK 60-06A
Symbol
Test Conditions
Maximum Ratings
I
FRMS
T
VJ = TVJM
50
A
I
FAVM ÿÿ
x
T
C = 85°C; rectangular, d = 0.5
30
A
I
FRM
t
P < 10 ms; rep. rating, pulse width limited by TVJM
375
A
I
FSM
T
VJ = 45°C;
t = 10 ms (50 Hz), sine
300
A
t = 8.3 ms (60 Hz), sine
320
A
T
VJ = 150°C;
t = 10 ms (50 Hz), sine
260
A
t = 8.3 ms (60 Hz), sine
280
A
I2t
T
VJ = 45°C
t = 10 ms (50 Hz), sine
450
A2s
t = 8.3 ms (60 Hz), sine
420
A2s
T
VJ = 150°C;
t = 10 ms (50 Hz), sine
340
A2s
t = 8.3 ms (60 Hz), sine
320
A2s
T
VJ
-40...+150
°C
T
VJM
150
°C
T
stg
-40...+150
°C
P
tot
T
C = 25°C
125
W
M
d
Mounting torque
0.8...1.2
Nm
Weight
6g
Symbol
Test Conditions
Characteristic Values
typ.
max.
I
R
T
VJ = 25°CVR
= V
RRM
100
mA
T
VJ = 25°CVR
= 0.8 • V
RRM
50
mA
T
VJ = 125°CVR
= 0.8 • V
RRM
7mA
V
F
I
F = 37 A;
T
VJ = 150°C
1.4
V
T
VJ =25°C
1.6
V
V
T0
For power-loss calculations only
1.01
V
r
T
T
VJ = TVJM
7.1
m
W
R
thJC
1
K/W
R
thCK
0.25
K/W
R
thJA
70
K/W
t
rr
I
F = 1 A; -di/dt = 100 A/ms; VR = 30 V; TVJ = 25°C35
50
ns
I
RM
V
R = 350 V;
I
F = 30 A; -diF/dt = 240 A/ms10
11
A
L
£ 0.05 mH; T
VJ = 100°C
DSEK 60
I
FAVM
= 2x 30 A
V
RRM =
600 V
t
rr
= 35 ns
x I
FAVM rating includes reverse blocking losses at TVJM, VR = 0.8 VRRM, duty cycle d = 0.5
Data according to IEC 60747 and refer to a single diode unless otherwise stated.
IXYS reserves the right to change limits, test conditions and dimensions
Features
q
International standard package
JEDEC TO-247 AD
q
Planar passivated chips
q
Very short recovery time
q
Extremely low switching losses
q
Low I
RM-values
q
Soft recovery behavior
q
Epoxy meets UL 94V-0
Applications
q
Rectifiers in switch mode power
supplies (SMPS)
q
Uninterruptible power supplies (UPS)
q
Ultrasonic cleaners and welders
Advantages
q
High reliability circuit operation
q
Low voltage peaks for reduced
protection circuits
q
Low noise switching
q
Low losses
q
Operating at lower temperature or
space saving by reduced cooling
Common Cathode
Fast Recovery
Epitaxial Diode (FRED)
TO-247 AD
C (TAB)
C
A
A = Anode, C = Cathode, TAB = Cathode
A
A
C
A


Similar Part No. - DSEK60

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSEK60 IXYS-DSEK60 Datasheet
81Kb / 2P
   Common Cathode Fast Recovery Epitaxial Diode (FRED)
DSEK60-02 IXYS-DSEK60-02 Datasheet
56Kb / 2P
   Common Cathode Fast Recovery Epitaxial Diode (FRED)
DSEK60-02A IXYS-DSEK60-02A Datasheet
56Kb / 2P
   Common Cathode Fast Recovery Epitaxial Diode (FRED)
logo
Thinki Semiconductor Co...
DSEK60-02A THINKISEMI-DSEK60-02A Datasheet
892Kb / 3P
   60.0 Ampere,200 Volt Common Cathode Fast Recovery Epitaxial Diode
logo
IXYS Corporation
DSEK60-02AR IXYS-DSEK60-02AR Datasheet
56Kb / 2P
   Common Cathode Fast Recovery Epitaxial Diode (FRED)
More results

Similar Description - DSEK60

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSEK60-12A IXYS-DSEK60-12A Datasheet
47Kb / 2P
   Common Cathode Fast Recovery Epitaxial Diode (FRED)
DSEK30 IXYS-DSEK30 Datasheet
52Kb / 2P
   Common Cathode Fast Recovery Epitaxial Diode (FRED)
DSEK60-02 IXYS-DSEK60-02 Datasheet
56Kb / 2P
   Common Cathode Fast Recovery Epitaxial Diode (FRED)
L236 IXYS-L236 Datasheet
81Kb / 2P
   Common Cathode Fast Recovery Epitaxial Diode (FRED)
DSEI2X101-12 IXYS-DSEI2X101-12 Datasheet
80Kb / 2P
   Fast Recovery Epitaxial Diode (FRED)
DSEI60-12A IXYS-DSEI60-12A Datasheet
52Kb / 2P
   Fast Recovery Epitaxial Diode (FRED)
DSEI12 IXYS-DSEI12 Datasheet
77Kb / 2P
   Fast Recovery Epitaxial Diode (FRED)
DSEI2X61-12 IXYS-DSEI2X61-12 Datasheet
136Kb / 2P
   Fast Recovery Epitaxial Diode (FRED)
DSEI30-10AR IXYS-DSEI30-10AR Datasheet
89Kb / 2P
   Fast Recovery Epitaxial Diode (FRED)
logo
Powersem GmbH
PSEI2X61-02 POWERSEM-PSEI2X61-02 Datasheet
126Kb / 2P
   Fast Recovery Epitaxial Diode (FRED)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com