Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS93X Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS93X
Description  Output rail-to-rail micropower operational amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS93X Datasheet(HTML) 1 Page - STMicroelectronics

  TS93X Datasheet HTML 1Page - STMicroelectronics TS93X Datasheet HTML 2Page - STMicroelectronics TS93X Datasheet HTML 3Page - STMicroelectronics TS93X Datasheet HTML 4Page - STMicroelectronics TS93X Datasheet HTML 5Page - STMicroelectronics TS93X Datasheet HTML 6Page - STMicroelectronics TS93X Datasheet HTML 7Page - STMicroelectronics TS93X Datasheet HTML 8Page - STMicroelectronics TS93X Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
This is information on a product in full production.
November 2012
Doc ID 6911 Rev 5
1/17
17
TS93x, TS93xA, TS93xB
Output rail-to-rail micropower operational amplifiers
Datasheet
production data
Features
Rail-to-rail output voltage swing
Micropower consumption (20
μA)
Single supply operation (2.7 to 10 V)
Low offset (2 mV max. for TS93xB)
CMOS inputs
Ultra low input bias current (1 pA)
ESD protection (2 kV)
Latch-up immunity (class A)
Available in SO-8, SO-14, SOT23-5,
and TSSOP-14 package
Automotive grade
Applications
Battery powered systems
Portable communication systems
Alarms, smoke detectors
Instrumentation and sensoring
PH meters
Digital scales
Automotive
Description
The TS93x (single, dual and quad) series are
operational amplifiers that can operate with
voltages as low as 2.7 V and reach a 2.9 Vpp
output swing with RL = 100 kΩ when supplied
at 3 V.
Offering a typical consumption of only 20
μA,
these devices are particularly well suited to
battery powered applications.
The amplifiers space saving 5-pin SOT23-5
package with outer dimensions of
2.8 mm x 2.9 mm make them very easy to
implement on a board design.
Table 1.
Device summary
Reference
Part number
TS93x
TS931, TS932, TS934
TS93xA
TS931A, TS932A, TS934A
TS93xB
TS931B, TS932B, TS934B
1
2
3
5
4
V
CC-
VCC+
In-
Out
In+
TS931ILT
TS934ID-TS934IDT-TS934IPT
TS931ID-TS931IDT
TS932ID-TS932IDT
V
CC-
1
2
3
5
4
8
7
6
N.C.
N.C.
In+
In-
Out
+
_
N.C.
V
CC+
In2+
V
CC-
1
2
3
5
4
8
7
6
In1+
In1-
Out2
+
_
Out1
In2-
+
_
V
CC+
In2+
V
CC-
1
2
3
5
4
8
7
6
In1+
In1-
Out2
+
_
Out1
In2-
+
_
V
CC+
V
CC-
1
2
3
11
4
14
13
12
In2+
In2-
Out4
Out2
In4+
In4-
5
6
7
8
10
9
+
_
+
_
+
_
Out3
In3+
In3-
+
_
Out1
In1+
In1-
V
CC+
V
CC-
1
2
3
11
4
14
13
12
In2+
In2-
Out4
Out2
In4+
In4-
5
6
7
8
10
9
+
_
+
_
+
_
Out3
In3+
In3-
+
_
Out1
In1+
In1-
V
CC+
Pin connections (top view)
www.st.com


Similar Part No. - TS93X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS931 STMICROELECTRONICS-TS931 Datasheet
129Kb / 14P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
May 2000
TS931A STMICROELECTRONICS-TS931A Datasheet
129Kb / 14P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
May 2000
TS931AIDT STMICROELECTRONICS-TS931AIDT Datasheet
242Kb / 15P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
TS931BI STMICROELECTRONICS-TS931BI Datasheet
129Kb / 14P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
May 2000
TS931BID STMICROELECTRONICS-TS931BID Datasheet
242Kb / 15P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
More results

Similar Description - TS93X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS931 STMICROELECTRONICS-TS931 Datasheet
129Kb / 14P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
May 2000
TS941 STMICROELECTRONICS-TS941 Datasheet
124Kb / 14P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
May 2000
TS941 STMICROELECTRONICS-TS941_08 Datasheet
266Kb / 19P
   Output rail-to-rail micropower operational amplifiers
TS941 STMICROELECTRONICS-TS941_04 Datasheet
223Kb / 18P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
TS931 STMICROELECTRONICS-TS931_04 Datasheet
242Kb / 15P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
TS941 STMICROELECTRONICS-TS941_09 Datasheet
320Kb / 18P
   Output rail-to-rail micropower operational amplifiers
TS94X STMICROELECTRONICS-TS94X Datasheet
319Kb / 18P
   Output rail-to-rail micropower operational amplifiers
October 2009 Rev 6
logo
Texas Instruments
OPA37AZ TI1-OPA37AZ Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA347 TI-OPA347 Datasheet
470Kb / 21P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA347SA TI-OPA347SA Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com