Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STMUX1800LQTR Datasheet(PDF) 20 Page - STMicroelectronics

Part No. STMUX1800LQTR
Description  16- to 8-bit MUX/DEMUX for gigabit Ethernet LAN switch with LED switch and enhanced ESD protection
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

STMUX1800LQTR Datasheet(HTML) 20 Page - STMicroelectronics

 
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
Revision history
STMUX1800L
20/21
Doc ID 14869 Rev 4
5
Revision history
Table 14.
Document revision history
Date
Revision
Changes
26-Feb-2008
1
Initial release.
24-Sep-2008
2
Modified: datasheet title, channel on capacitance value from 7.5 pF
to 9.5 pF typical, Figure 1, Table 2, Section 3: Electrical
characteristics.
Added: fields of applications, Table 6 and QFN56 footprint
recommendations in Figure 13 on page 17.
30-Mar-2009
3
Updated: Features section, Table 5 on page 6, Table 11 on page 9
and Table 13 on page 10 and Chapter 4: Package mechanical data.
22-Jun-2009
4
Document promoted from Preliminary data to datasheet.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn