Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STMUX1800LQTR Datasheet(PDF) 17 Page - STMicroelectronics

Part No. STMUX1800LQTR
Description  16- to 8-bit MUX/DEMUX for gigabit Ethernet LAN switch with LED switch and enhanced ESD protection
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

STMUX1800LQTR Datasheet(HTML) 17 Page - STMicroelectronics

 
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
STMUX1800L
Package mechanical data
Doc ID 14869 Rev 4
17/21
Figure 13.
Footprint recommendation
for QFN56 (11 x 5 mm) pitch 0.5 mm
Figure 12.
Mechanical data for QFN56 (11 x 5 mm) pitch 0.5 mm
Symbol
Millimeters
Min
Typ
Max
A
0.700.750.80
A1
0.05
A3
0.20
b
0.200.250.30
D
10.90
11.00
11.10
D2
8.30
8.40
8.50
D3
–9.50–
E
4.905.005.10
E2
2.30
2.40
2.50
E3
–3.50–
e
0.50
L
0.300.400.50


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn