Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ85A-TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # SMCJ85A-TR
Description  Transil?
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMCJ85A-TR Datasheet(HTML) 1 Page - STMicroelectronics

  SMCJ85A-TR Datasheet HTML 1Page - STMicroelectronics SMCJ85A-TR Datasheet HTML 2Page - STMicroelectronics SMCJ85A-TR Datasheet HTML 3Page - STMicroelectronics SMCJ85A-TR Datasheet HTML 4Page - STMicroelectronics SMCJ85A-TR Datasheet HTML 5Page - STMicroelectronics SMCJ85A-TR Datasheet HTML 6Page - STMicroelectronics SMCJ85A-TR Datasheet HTML 7Page - STMicroelectronics SMCJ85A-TR Datasheet HTML 8Page - STMicroelectronics SMCJ85A-TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
July 2010
Doc ID 5617 Rev 8
1/10
10
SMCJ
Transil™
Features
Peak pulse power:
– 1500 W (10/1000
μs)
– 10 kW (8/20
μs)
Stand off voltage range: from 5 V to 188 V
Unidirectional and bidirectional types
Low leakage current:
–0.2
μA at 25 °C
–1
μA at 85 °C
Operating Tjmax: 150 °C
High power capability at Tjmax:
– 1250 W (10/1000 µs)
JEDEC registered package outline
Complies with the following standards
IEC 61000-4-2 level 4
– 15 kV (air discharge)
– 8 kV (contact discharge)
IEC 61000-4-5
MIL STD 883G, method 3015-7 Class 3B
– 25 kV HBM (human body model)
Resin meets UL 94, V0
MIL-STD-750, method 2026 solderability
EIA STD RS-481 and IEC 60286-3 packing
IPC 7531 footprint
Description
The SMCJ Transil series has been designed to
protect sensitive equipment against electrostatic
discharges according to IEC 61000-4-2, and
MIL STD 883, method 3015, and electrical over
stress according to IEC 61000-4-4 and 5. These
devices are more generally used against surges
below 1500 W (10/1000
μs).
The Planar technology makes it compatible with
high-end equipment and SMPS where low
leakage current and high junction temperature are
required to provide reliability and stability over
time.
SMCJ are packaged in SMC (SMC footprint in
accordance with IPC 7531 standard).
TM: Transil is a trademark of STMicroelectroniocs
K
A
Unidirectional
Bidirectional
SMC
(JEDEC DO-214AB)
www.st.com


Similar Part No. - SMCJ85A-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMCJ85A-TR STMICROELECTRONICS-SMCJ85A-TR Datasheet
75Kb / 5P
   TRANSILTM
More results

Similar Description - SMCJ85A-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMAJ STMICROELECTRONICS-SMAJ Datasheet
152Kb / 6P
   TRANSIL
SMBJ5.0A-TR STMICROELECTRONICS-SMBJ5.0A-TR Datasheet
133Kb / 10P
   Transil
P6KE6V8A STMICROELECTRONICS-P6KE6V8A_04 Datasheet
96Kb / 6P
   TRANSIL
BZW04-13 STMICROELECTRONICS-BZW04-13 Datasheet
124Kb / 6P
   TRANSIL
SM2T STMICROELECTRONICS-SM2T_05 Datasheet
54Kb / 6P
   TRANSIL?
15KE250CA STMICROELECTRONICS-15KE250CA Datasheet
142Kb / 10P
   Transil
SM6T56CA STMICROELECTRONICS-SM6T56CA Datasheet
125Kb / 10P
   Transil
SM4T6V8 STMICROELECTRONICS-SM4T6V8 Datasheet
126Kb / 7P
   TRANSIL
BZW06-28B STMICROELECTRONICS-BZW06-28B Datasheet
176Kb / 6P
   TRANSIL
ESDA14V2BP6 STMICROELECTRONICS-ESDA14V2BP6 Datasheet
32Kb / 5P
   TRANSIL?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com