Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMM4F12A Datasheet(PDF) 3 Page - STMicroelectronics

Part # SMM4F12A
Description  Unidirectional type
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMM4F12A Datasheet(HTML) 3 Page - STMicroelectronics

  SMM4F12A Datasheet HTML 1Page - STMicroelectronics SMM4F12A Datasheet HTML 2Page - STMicroelectronics SMM4F12A Datasheet HTML 3Page - STMicroelectronics SMM4F12A Datasheet HTML 4Page - STMicroelectronics SMM4F12A Datasheet HTML 5Page - STMicroelectronics SMM4F12A Datasheet HTML 6Page - STMicroelectronics SMM4F12A Datasheet HTML 7Page - STMicroelectronics SMM4F12A Datasheet HTML 8Page - STMicroelectronics SMM4F12A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SMM4FxxA
Characteristics
DocID14250 Rev 4
3/12
Table 3: Electrical characteristics - parameter values (Tamb = 25 °C)
Type
IRM max. at VRM
VBR at IR(1)
VCL at IPP
10/1000 μs
RD(2)
10/1000
μs
VCL at IPP
8/20 μs
RD 8/20
µs(2)
αT(3)
25 °C
85 °C
Min.
Typ.
Max.
Max.
Max.
Max.
µA
V
V
mA
V
A
V
A
10-4/°C
SMM4F5.0A
10
50
5.0
6.46
6.80
7.14
10
9.2
43.5
0.047
13.4
179
0.035
5.7
SMM4F6.0A
10
50
6.0
6.65
7.00
7.35
10
10.3
38.8
0.076
13.7
175
0.036
5.9
SMM4F6.5A
10
50
6.5
7.13
7.50
7.88
10
11.2
37.5
0.093
14.5
166
0.039
6.1
SMM4F8.5A
10
50
8.5
9.5
10.0
10.5
1
14.4
27.7
0.141
19.5
140
0.064
7.3
SMM4F10A
0.2
1
10
11.4
12.0
12.6
1
17.0
23.5
0.187
21.7
127
0.071
7.8
SMM4F12A
0.2
1
12
13.3
14.0
14.7
1
19.9
20.1
0.259
25.3
112
0.094
8.3
SMM4F13A
0.2
1
13
14.3
15.0
15.8
1
21.5
18.6
0.309
27.2
106
0.108
8.4
SMM4F15A
0.2
1
15
17.1
18.0
18.9
1
24.4
16.4
0.335
32.5
90
0.150
8.8
SMM4F18A
0.2
1
18
20.9
22.0
23.1
1
29.2
14.0
0.436
39.3
76
0.214
9.2
SMM4F20A
0.2
1
20
22.8
24.0
25.2
1
32.4
12.0
0.600
42.8
70
0.250
9.4
SMM4F24A
0.2
1
24
26.6
28.01
29.4
1
38.9
9.5
1.00
50
61
0.338
9.6
SMM4F26A
0.2
1
26
28.5
30.0
31.5
1
42.1
9.0
1.18
53.5
58
0.380
9.7
SMM4F28A
0.2
1
28
31.4
33.0
34.7
1
45.4
8.0
1.34
59.0
53
0.456
9.8
SMM4F33A
0.2
1
33
37.1
39.0
41.0
1
53.3
7.0
1.76
69.7
45
0.636
10.0
Notes:
(1)Pulse test: tp < 50 ms.
(2)To calculate maximum clamping voltage at other surge currents, use the following formula:
VCLmax = RD x IPP + VBRmax
(3)To calculate VBR versus junction temperature, use the following formula:
VBR at Tj = VBR @ 25 °C x (1 + αT x (Tj - 25))
Figure 2: Definition of IPP pulse


Similar Part No. - SMM4F12A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMM4F12A STMICROELECTRONICS-SMM4F12A Datasheet
112Kb / 10P
   High junction temperature Transil
logo
Shanghai Shunye Electro...
SMM4F12A SHUNYE-SMM4F12A Datasheet
285Kb / 5P
   Stand off voltage range - from 5 V to 33 V
logo
STMicroelectronics
SMM4F12AVCL STMICROELECTRONICS-SMM4F12AVCL Datasheet
89Kb / 7P
   400 W low clamping voltage Transil?
More results

Similar Description - SMM4F12A

ManufacturerPart #DatasheetDescription
logo
Shanghai Semitech Semic...
ESD9X3V3 SEMITECH-ESD9X3V3 Datasheet
201Kb / 3P
   Unidirectional Configurations
SD05C SEMITECH-SD05C Datasheet
126Kb / 3P
   Unidirectional Configurations
logo
Microsemi Corporation
SLVU2.8K MICROSEMI-SLVU2.8K Datasheet
235Kb / 3P
   UNIDIRECTIONAL TVSarray
logo
ON Semiconductor
NSPM5131 ONSEMI-NSPM5131 Datasheet
69Kb / 4P
   Unidirectional ESD
November, 2016 ??Rev. 1
logo
Shanghai Semitech Semic...
SD05 SEMITECH-SD05 Datasheet
169Kb / 4P
   Unidirectional Configurations
SD05H SEMITECH-SD05H Datasheet
155Kb / 4P
   Unidirectional Configurations
ESD5Z5V SEMITECH-ESD5Z5V Datasheet
122Kb / 3P
   Unidirectional Configurations
PSR05 SEMITECH-PSR05 Datasheet
214Kb / 3P
   Unidirectional Configuration
logo
STMicroelectronics
ESDA18-1F4 STMICROELECTRONICS-ESDA18-1F4 Datasheet
284Kb / 8P
   Unidirectional device
October 2012 Rev 1
logo
GE Solid State
SGT03U13 GESS-SGT03U13 Datasheet
81Kb / 3P
   Unidirectional Transient
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com