Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMM4F6.0A Datasheet(PDF) 2 Page - STMicroelectronics

Part # SMM4F6.0A
Description  Unidirectional type
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMM4F6.0A Datasheet(HTML) 2 Page - STMicroelectronics

  SMM4F6.0A Datasheet HTML 1Page - STMicroelectronics SMM4F6.0A Datasheet HTML 2Page - STMicroelectronics SMM4F6.0A Datasheet HTML 3Page - STMicroelectronics SMM4F6.0A Datasheet HTML 4Page - STMicroelectronics SMM4F6.0A Datasheet HTML 5Page - STMicroelectronics SMM4F6.0A Datasheet HTML 6Page - STMicroelectronics SMM4F6.0A Datasheet HTML 7Page - STMicroelectronics SMM4F6.0A Datasheet HTML 8Page - STMicroelectronics SMM4F6.0A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Characteristics
SMM4FxxA
2/12
DocID14250 Rev 4
1
Characteristics
Table 1: Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
VPP
Peak pulse voltage
(IEC 61000-4-2 contact discharge)
30
kV
PPP
Peak pulse power dissipation
Tj initial = Tamb
400
W
P
Power dissipation on infinite heatsink
Tamb = 125 °C
2.5
W
IFSM
Non repetitive surge peak forward current for
unidirectional types
tp = 10 ms
Tj initial = Tamb
30
A
Tstg
Storage temperature range
-65 to +175
°C
Tj
Operating junction temperature range
-55 to +175
°C
TL
Maximum lead temperature for soldering during 10 s
260
°C
Table 2: Thermal resistances
Symbol
Parameter
Value
Unit
Rth(j-l)
Junction to leads
20
°C/W
Rth(j-a)
Junction to ambient on PCB with recommended pad layout
250
Figure 1: Electrical characteristics - parameter definitions (Tamb = 25 °C)


Similar Part No. - SMM4F6.0A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMM4F6.0A STMICROELECTRONICS-SMM4F6.0A Datasheet
112Kb / 10P
   High junction temperature Transil
logo
Shanghai Shunye Electro...
SMM4F6.0A SHUNYE-SMM4F6.0A Datasheet
285Kb / 5P
   Stand off voltage range - from 5 V to 33 V
More results

Similar Description - SMM4F6.0A

ManufacturerPart #DatasheetDescription
logo
Shanghai Semitech Semic...
ESD9X3V3 SEMITECH-ESD9X3V3 Datasheet
201Kb / 3P
   Unidirectional Configurations
SD05C SEMITECH-SD05C Datasheet
126Kb / 3P
   Unidirectional Configurations
logo
Microsemi Corporation
SLVU2.8K MICROSEMI-SLVU2.8K Datasheet
235Kb / 3P
   UNIDIRECTIONAL TVSarray
logo
ON Semiconductor
NSPM5131 ONSEMI-NSPM5131 Datasheet
69Kb / 4P
   Unidirectional ESD
November, 2016 ??Rev. 1
logo
Shanghai Semitech Semic...
SD05 SEMITECH-SD05 Datasheet
169Kb / 4P
   Unidirectional Configurations
SD05H SEMITECH-SD05H Datasheet
155Kb / 4P
   Unidirectional Configurations
ESD5Z5V SEMITECH-ESD5Z5V Datasheet
122Kb / 3P
   Unidirectional Configurations
PSR05 SEMITECH-PSR05 Datasheet
214Kb / 3P
   Unidirectional Configuration
logo
STMicroelectronics
ESDA18-1F4 STMICROELECTRONICS-ESDA18-1F4 Datasheet
284Kb / 8P
   Unidirectional device
October 2012 Rev 1
logo
GE Solid State
SGT03U13 GESS-SGT03U13 Datasheet
81Kb / 3P
   Unidirectional Transient
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com