Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS87C530-QNL Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS87C530-QNL
Description  EPROM MICRO WITH REAL TIME CLOCK
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS87C530-QNL Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS87C530-QNL Datasheet HTML 2Page - Dallas Semiconductor DS87C530-QNL Datasheet HTML 3Page - Dallas Semiconductor DS87C530-QNL Datasheet HTML 4Page - Dallas Semiconductor DS87C530-QNL Datasheet HTML 5Page - Dallas Semiconductor DS87C530-QNL Datasheet HTML 6Page - Dallas Semiconductor DS87C530-QNL Datasheet HTML 7Page - Dallas Semiconductor DS87C530-QNL Datasheet HTML 8Page - Dallas Semiconductor DS87C530-QNL Datasheet HTML 9Page - Dallas Semiconductor DS87C530-QNL Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
DS87C530
022197 6/40
two machine cycles or 24 oscillator cycles. Therefore,
they required the same amount of time. In the
DS87C530, the MOVX instruction takes as little as two
machine cycles or eight oscillator cycles but the “MOV
direct, direct” uses three machine cycles or 12 oscillator
cycles. While both are faster than their original counter-
parts, they now have different execution times. This is
because the DS87C530 usually uses one instruction
cycle for each instruction byte. The user concerned with
precise program timing should examine the timing of
each instruction for familiarity with the changes. Note
that a machine cycle now requires just four clocks, and
provides one ALE pulse per cycle. Many instructions
require only one cycle, but some require five. In the orig-
inal architecture, all were one or two cycles except for
MUL and DIV. Refer to the High–Speed Microcontroller
User’s Guide for details and individual instruction tim-
ing.
SPECIAL FUNCTION REGISTER LOCATIONS Table 2
* Functions not present in the 80C52 are in bold
REGISTER
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
ADDRESS
P0
P0.7
P0.6
P0.5
P0.4
P0.3
P0.2
P0.1
P0.0
80h
SP
81h
DPL
82h
DPH
83h
DPL1
84h
DPH1
85h
DPS
0
0
0
0
0
0
0
SEL
86h
PCON
SMOD_0
SMOD0
GF1
GF0
STOP
IDLE
87h
TCON
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
88h
TMOD
GATE
C/T
M1
M0
GATE
C/T
M1
M0
89h
TL0
8Ah
TL1
8Bh
TH0
8Ch
TH1
8Dh
CKCON
WD1
WD0
T2M
T1M
T0M
MD2
MD1
MD0
8Eh
P1
P1.7
P1.6
P1.5
P1.4
P1.3
P1.2
P1.1
P1.0
90h
EXIF
IE5
IE4
IE3
IE2
XT/RG
RGMD
RGSL
BGS
91h
TRIM
E4K
X12/6
TRM2
TRM2
TRM1
TRM1
TRM0
TRM0
96h
SCON0
SM0/FE_0
SM1_0
SM2_0
REN_0
TB8_0
RB8_0
TI_0
RI_0
98h
SBUF0
99h
P2
P2.7
P2.6
P2.5
P2.4
P2.3
P2.2
P2.1
P2.0
A0h
IE
EA
ES1
ET2
ES0
ET1
EX1
ET0
EX0
A8h
SADDR0
A9h
SADDR1
AAh
P3
P3.7
P3.6
P3.5
P3.4
P3.3
P3.2
P3.1
P3.0
B0h
IP
PS1
PT2
PS0
PT1
PX1
PT0
PX0
B8h
SADEN0
B9h


Similar Part No. - DS87C530-QNL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS87C530-QNL MAXIM-DS87C530-QNL Datasheet
749Kb / 46P
   EPROM/ROM Microcontrollers with Real-Time Clock
logo
Dallas Semiconductor
DS87C530-QNL DALLAS-DS87C530-QNL Datasheet
866Kb / 47P
   EPROM/ROM Microcontrollers with Real-Time Clock
DS87C530-QNL DALLAS-DS87C530-QNL Datasheet
800Kb / 44P
   EPROM/ROM Micro with Real Time Clock
logo
Maxim Integrated Produc...
DS87C530-QNL MAXIM-DS87C530-QNL Datasheet
655Kb / 45P
   EPROM/ROM Microcontrollers with Real-Time Clock
REV: 071107
logo
Dallas Semiconductor
DS87C530-QNL++ DALLAS-DS87C530-QNL+ Datasheet
866Kb / 47P
   EPROM/ROM Microcontrollers with Real-Time Clock
More results

Similar Description - DS87C530-QNL

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS87C530 DALLAS-DS87C530_1 Datasheet
800Kb / 44P
   EPROM/ROM Micro with Real Time Clock
logo
Maxim Integrated Produc...
DS83C530-DS87C530 MAXIM-DS83C530-DS87C530 Datasheet
749Kb / 46P
   EPROM/ROM Microcontrollers with Real-Time Clock
EN87C196CB MAXIM-EN87C196CB Datasheet
655Kb / 45P
   EPROM/ROM Microcontrollers with Real-Time Clock
REV: 071107
logo
Dallas Semiconductor
DS87C530 DALLAS-DS87C530_05 Datasheet
866Kb / 47P
   EPROM/ROM Microcontrollers with Real-Time Clock
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
   Real time clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
   Real Time Clock
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
   Real Time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com