Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMC-50747NF-AK Datasheet(PDF) 7 Page - OPTREX CORPORATION

Part # DMC-50747NF-AK
Description  LCD Module Technical Specification
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTREX [OPTREX CORPORATION]
Direct Link  http://www.kyocera-display.eu
Logo OPTREX - OPTREX CORPORATION

DMC-50747NF-AK Datasheet(HTML) 7 Page - OPTREX CORPORATION

Back Button DMC-50747NF-AK Datasheet HTML 3Page - OPTREX CORPORATION DMC-50747NF-AK Datasheet HTML 4Page - OPTREX CORPORATION DMC-50747NF-AK Datasheet HTML 5Page - OPTREX CORPORATION DMC-50747NF-AK Datasheet HTML 6Page - OPTREX CORPORATION DMC-50747NF-AK Datasheet HTML 7Page - OPTREX CORPORATION DMC-50747NF-AK Datasheet HTML 8Page - OPTREX CORPORATION DMC-50747NF-AK Datasheet HTML 9Page - OPTREX CORPORATION DMC-50747NF-AK Datasheet HTML 10Page - OPTREX CORPORATION DMC-50747NF-AK Datasheet HTML 11Page - OPTREX CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
DMC- 50747NF- AK (AK) No. 2001- 0124
OPTREX CORPORATION
Page 7/ 17
3.Opt i c al Spec i f i c at i ons
3.1.LCD Driving Volt age
Paramet er
Symbol
Condit ions
Min.
Typ.
Max.
Unit s
Recommended
Ta= 0
°C
-
-
7.3
V
LCD Driving Volt age
VDD- VOUT
Ta=25
°C
6.2
6.5
6.8
V
Not e 1
Ta=50
°C
5.7
-
-
V
Not e 1 :
Volt age (Applied act ual waveform t o LCD Module) for t he best cont rast . The
range of minimum and maximum shows t olerance of t he operat ing volt age. The
specified cont rast rat io and response t ime are not guarant eed over t he ent ire range.
3.2.Opt ical Charact erist ics
Ta=25
°C, 1/ 16 Duty, 1/ 5 Bias, VD=6.5V (Note 4), q= 0°, f= - °
Paramet er
Symbol
Condit ions
Min.
Typ.
Max.
Unit s
Cont rast Rat io
Not e 1
CR
q= 0°, f= - °
-
7
-
Viewing Angle
Shown in 3.3
Response
Rise Not e 2
TON
-
-
50
100
ms
Time
Decay Not e
3
TOFF
-
-
85
170
ms
Not e 1 :
Cont rast rat io is definded as follows.
CR = LOFF / LON
LON : Luminance of t he ON segment s
LOFF : Luminance of t he OFF segment s
Not e 2 :
The t ime t hat t he luminance level reaches 90%of t he sat urat ion level from
0%when ON signal is applied.
Not e 3 :
The t ime t hat t he luminance level reaches 10%of t he sat urat ion level from
100%when OFF signal is applied.
Not e 4 :
Definit ion of Driving Volt age VD
Assuming t hat t he t ypical driving waveforms shown below are applied t o t he
LCD Panel at 1/ A Dut y - 1/ B Bias ( A : Dut y Number, B : Bias Number ).
Driving volt age VD is definded as follows.
VD = (Vt h1+Vt h2) / 2
Vt h1 :The volt age VO- P t hat should provide 50%of t he sat urat ion level in t he
luminance at t he segment which t he ON signal is applied t o.
Vt h2 :The volt age VO- P t hat should provide 50%of t he sat urat ion level in t he
luminance at t he segment which t he OFF signal is applied t o.
VO-P
1 /
fF
( B-2 )
´ VO-P / B
1 / (
fF
´A )
<OFF SIGNAL>
<ON SIGNAL>


Similar Part No. - DMC-50747NF-AK

ManufacturerPart #DatasheetDescription
logo
OPTREX CORPORATION
DMC-50081ZNB-FW OPTREX-DMC-50081ZNB-FW Datasheet
186Kb / 18P
   LCD Module Specification
DMC-50097H OPTREX-DMC-50097H Datasheet
162Kb / 14P
   LCD Module Specification
DMC-50149 OPTREX-DMC-50149 Datasheet
170Kb / 16P
   LCD Module
DMC-50149NYU-LY-B OPTREX-DMC-50149NYU-LY-B Datasheet
170Kb / 16P
   LCD Module
DMC-50218N-B OPTREX-DMC-50218N-B Datasheet
165Kb / 15P
   LCD Module Specification
More results

Similar Description - DMC-50747NF-AK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T-51513D104J-FW-A-AD ETC2-T-51513D104J-FW-A-AD Datasheet
671Kb / 17P
   LCD Module Technical Specification
logo
OPTREX CORPORATION
C-51505NJQJ-LR-AG OPTREX-C-51505NJQJ-LR-AG Datasheet
79Kb / 18P
   LCD Module Technical Specification
T-55343GD035JU-LW-ADN OPTREX-T-55343GD035JU-LW-ADN Datasheet
1Mb / 33P
   LCD MODULE TECHNICAL SPECIFICATION
T-55265GD057J-LW-ADN OPTREX-T-55265GD057J-LW-ADN Datasheet
790Kb / 28P
   LCD Module Technical Specification
logo
Kyocera Kinseki Corpota...
T-51750GD065J-LW-AQN KSS-T-51750GD065J-LW-AQN Datasheet
838Kb / 2P
   LCD Module Technical Specification
F-51553GNBJ-LW-AFN KSS-F-51553GNBJ-LW-AFN Datasheet
736Kb / 31P
   LCD Module Technical Specification
F-55472GNFQJ-LG-ADN KSS-F-55472GNFQJ-LG-ADN Datasheet
1Mb / 31P
   LCD Module Technical Specification
logo
List of Unclassifed Man...
T-51863D150J ETC2-T-51863D150J Datasheet
2Mb / 39P
   LCD Module Technical Specification
logo
OPTREX CORPORATION
F-51477GNF-SLY-AA OPTREX-F-51477GNF-SLY-AA Datasheet
478Kb / 18P
   LCD MODULE TECHNICAL SPECIFICATION
T-51382D064-FW-P-AB OPTREX-T-51382D064-FW-P-AB Datasheet
125Kb / 17P
   LCD Module Technical Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com