Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CX06 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CX06
Description  Subminiature, Leaded Solid Tantalum Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CX06 Datasheet(HTML) 1 Page - Vishay Siliconix

  CX06 Datasheet HTML 1Page - Vishay Siliconix CX06 Datasheet HTML 2Page - Vishay Siliconix CX06 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 43007
Revision 13-Jun-02
www.vishay.com
54
CX06
Vishay Sprague
For technical questions, contact europetantalum@vishay.com
DIMENSIONS in inches [millimeters]
Subminiature, Leaded Solid Tantalum Capacitors
FEATURES
• Rectangular case with radial leads
• 2 to 35 VDC
• 0.1
µF to 220µF
• Operating temperature range : - 55
°C to + 85°C
• Qualified to MIL-PRF-49137
ORDERING INFORMATION
CX
MODEL
06
LEAD
CONFIGURATION
0 = Radial
474
CAPACITANCE
M
CAPACITANCE
TOLERANCE
M =
± 20%
K =
± 10%
RADIAL
CASE
T
W
H
M
± 0.002
S
CODE
MAX
MAX
MAX
[
± 0.051]
A
0.040
0.050
0.100
0.007
0.030
±.015
[1.02]
[1.27]
[2.54]
[0.18]
[0.76
±.38]
B
0.040
0.070
0.125
0.010
0.050
±.015
[1.02]
[1.78]
[3.18]
[0.25]
[1.27
±.38]
C
0.070
0.120
0.165
0.010
0.100
±.020
[1.78]
[3.05]
[4.19]
[0.25]
[2.54
±.51]
D
0.075
0.185
0.225
0.010
0.150
±.020
[1.91]
[4.70]
[5.72]
[0.25]
[3.81
±.51]
E
0.110
0.220
0.290
0.016
0.180
±.025
[2.79]
[5.59]
[7.37]
[0.41]
[4.57
±.64]
F
0.130
0.230
0.310
0.016
0.200
±.025
[3.30]
[5.84]
[7.87]
[0.41]
[5.08
±.64]
G
0.150
0.375
0.475
0.016
0.300
±.025
[3.81]
[9.53]
[12.07]
[0.41]
[7.62
± 0.64]
Anode Identification
placed over positive
lead in red or in
contrasting colour
0.75
[19.05]
min
W
1.00
[25.4]
min
(-)
S
(+)
M
T
H
A
VOLTAGE
Example: CX06A474M


Similar Part No. - CX06

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CX0603MKNP00BB0 CDIL-CX0603MKNP00BB0 Datasheet
751Kb / 16P
   SURFACE-MOUNT CERAMICEMI FILTER CAPACITORS
logo
Pulse A Technitrol Comp...
CX0603MKNP00BB0 PULSE-CX0603MKNP00BB0 Datasheet
1Mb / 14P
   Surface-mount ceramic EMI filter capacitors
logo
Continental Device Indi...
CX0603MKNP00BB1 CDIL-CX0603MKNP00BB1 Datasheet
751Kb / 16P
   SURFACE-MOUNT CERAMICEMI FILTER CAPACITORS
logo
Pulse A Technitrol Comp...
CX0603MKNP00BB1 PULSE-CX0603MKNP00BB1 Datasheet
1Mb / 14P
   Surface-mount ceramic EMI filter capacitors
logo
Continental Device Indi...
CX0603MKNP00BB2 CDIL-CX0603MKNP00BB2 Datasheet
751Kb / 16P
   SURFACE-MOUNT CERAMICEMI FILTER CAPACITORS
More results

Similar Description - CX06

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CX16 VISHAY-CX16 Datasheet
73Kb / 3P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision 17-Apr-02
CX06J156K VISHAY-CX06J156K Datasheet
62Kb / 4P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision: 09-Mar-12
STC VISHAY-STC Datasheet
363Kb / 7P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 10-Dec-07
HA10-15C9RM VISHAY-HA10-15C9RM Datasheet
98Kb / 8P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 26-Aug-14
HA10-2N4RM VISHAY-HA10-2N4RM Datasheet
380Kb / 9P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 05-Dec-07
logo
Cornell Dubilier Electr...
TAC335K006P01 CDE-TAC335K006P01 Datasheet
196Kb / 4P
   Molded, Axial Leaded Solid Tantalum Capacitors
TDC CDE-TDC Datasheet
149Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
TDC335006NSE-F CDE-TDC335006NSE-F Datasheet
195Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
CSR21 CDE-CSR21 Datasheet
326Kb / 2P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
CSR23 CDE-CSR23 Datasheet
376Kb / 3P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com