Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS61574A Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS61574A
Description  T1/E1 LINE INTERFACE
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61574A Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS61574A Datasheet HTML 7Page - Cirrus Logic CS61574A Datasheet HTML 8Page - Cirrus Logic CS61574A Datasheet HTML 9Page - Cirrus Logic CS61574A Datasheet HTML 10Page - Cirrus Logic CS61574A Datasheet HTML 11Page - Cirrus Logic CS61574A Datasheet HTML 12Page - Cirrus Logic CS61574A Datasheet HTML 13Page - Cirrus Logic CS61574A Datasheet HTML 14Page - Cirrus Logic CS61574A Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
Transmitter
The transmitter takes digital T1 or E1 input data
and drives appropriately shaped bipolar pulses
onto a transmission line. The transmit data (TPOS
& TNEG or TDATA) is supplied synchronously
and sampled on the falling edge of the input
clock, TCLK.
Either T1 (DSX-1 or Network Interface) or E1
CCITT G.703 pulse shapes may be selected.
Pulse shaping and signal level are controlled by
"line length select" inputs as shown in Table 3.
The CS61575 and CS61574A line drivers are de-
signed to drive a 75
Ω equivalent load.
For E1 applications, the CS61574A and CS61575
drivers provide 14 dB of return loss during the
transmission of both marks and spaces. This im-
proves signal quality by minimizing reflections
off the transmitter. Similar levels of return loss
are provided for T1 applications.
For T1 DSX-1 applications, line lengths from 0 to
655 feet (as measured from the transmitter to the
DSX-1 cross connect) may be selected. The five
partition arrangement in Table 3 meets ANSI
T1.102 and AT&T CB-119 requirements when
using #22 ABAM cable. A typical output pulse is
shown in Figure 8. These pulse settings can also
be used to meet CCITT pulse shape requirements
for 1.544 MHz operation.
For T1 Network Interface applications, two addi-
tional options are provided. Note that the optimal
pulse width for Part 68 (324 ns) is narrower than
the optimal pulse width for DSX-1 (350 ns). The
CS61575 and CS61574A automatically adjusts
the pulse width based upon the "line length" se-
lection made.
500
1.0
0.5
0
-0.5
0
250
750
1000
TIME (nanoseconds)
OUTPUT
PULSE SHAPE
NORMALIZED
AMPLITUDE
ANSI TI.102,
AT&T CB 119
SPECIFICATIONS
Figure 8. Typical Pulse Shape at DSX-1 Cross Connect
MODE
FUNCTION
PIN HARDWARE
EXTENDED
HARDWARE
HOST
TRANSMITTER
3TPOS
TDATA
TPOS
4TNEG
TCODE
TNEG
RECEIVER/DPM
6
RNEG
BPV
RNEG
7RPOS
RDATA
RPOS
11
DPM
AIS
DPM
17
MTIP
RCODE
MTIP
18
MRING
-
MRING
CONTROL
18
-
PCS
-
23
LEN0
LEN0
INT
24
LEN1
LEN1
SDI
25
LEN2
LEN2
SDO
26
RLOOP
RLOOP
CS
27
LLOOP
LLOOP
SCLK
28
TAOS
TAOS
CLKE
Table 2. Pin Definitions
LEN2 LEN1 LEN0
Option Selected
Application
0
1
1
0-133 FEET
DSX-1
ABAM
(AT&T 600B
or 600C)
1
0
0
133-266 FEET
1
0
1
266-399 FEET
1
1
0
399-533 FEET
1
1
1
533-655 FEET
000
120
Ω (1:1.26)
75
Ω (1:1)
E1
CCITT G.703
0
0
1
AT&T CB113
Repeater
0
1
0
FCC PART 68, OPT. A
Network
Interface
011
ANSI T1.403
Table 3. Line Length Selection
CS61574A CS61575
DS154F2
11


Similar Part No. - CS61574A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS61574A CIRRUS-CS61574A Datasheet
463Kb / 34P
   T1/E1 Line Interface
CS61574A-IL1Z CIRRUS-CS61574A-IL1Z Datasheet
463Kb / 34P
   T1/E1 Line Interface
CS61574A CIRRUS-CS61574A_09 Datasheet
463Kb / 34P
   T1/E1 Line Interface
More results

Similar Description - CS61574A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS61304A CIRRUS-CS61304A Datasheet
354Kb / 32P
   T1/E1 Line Interface
logo
List of Unclassifed Man...
CS61577-IL1 ETC-CS61577-IL1 Datasheet
632Kb / 44P
   T1/E1 LINE INTERFACE
logo
Cirrus Logic
CS61535A CIRRUS-CS61535A_09 Datasheet
415Kb / 36P
   T1/E1 Line Interface
CS61574A CIRRUS-CS61574A_09 Datasheet
463Kb / 34P
   T1/E1 Line Interface
CS61577 CIRRUS-CS61577_09 Datasheet
438Kb / 30P
   T1/E1 Line Interface
CS61535A CIRRUS-CS61535A Datasheet
664Kb / 48P
   T1/E1 LINE INTERFACE
CS61577 CIRRUS-CS61577 Datasheet
632Kb / 44P
   T1/E1 LINE INTERFACE
CS61305A CIRRUS-CS61305A Datasheet
631Kb / 44P
   T1/E1 LINE INTERFACE
CS61584A CIRRUS-CS61584A Datasheet
1,010Kb / 54P
   DUAL T1/E1 LINE INTERFACE
logo
Allied Components Inter...
ATE-4207I ALLIED-ATE-4207I Datasheet
317Kb / 1P
   T1/E1/CEPT Line Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com