Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD6122 Datasheet(PDF) 3 Page - Analog Devices

Part # AD6122
Description  CDMA 3 V Transmitter IF Subsystem with Integrated Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6122 Datasheet(HTML) 3 Page - Analog Devices

  AD6122 Datasheet HTML 1Page - Analog Devices AD6122 Datasheet HTML 2Page - Analog Devices AD6122 Datasheet HTML 3Page - Analog Devices AD6122 Datasheet HTML 4Page - Analog Devices AD6122 Datasheet HTML 5Page - Analog Devices AD6122 Datasheet HTML 6Page - Analog Devices AD6122 Datasheet HTML 7Page - Analog Devices AD6122 Datasheet HTML 8Page - Analog Devices AD6122 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
REV. B
AD6122
–3–
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage DVCC, IFVCC, TXVCC to DGND,
IFGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +5 V
Internal Power Dissipation
2
. . . . . . . . . . . . . . . . . . . 600 mW
Operating Temperature Range . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering 60 sec) . . . . . . . . +300
°C
ORDERING GUIDE
Temperature
Package
Model
Range
Package Description
Option
AD6122ARS
–40
°C to +85°C
Shrink Small Outline Package (SSOP)
RS-28
AD6122ARSRL
–40
°C to +85°C
28-Lead SSOP on Tape-and-Reel
AD6122ACP
–40
°C to +85°C
Chip Scale Package (LPCC)
CP-32
AD6122ACPRL
–40
°C to +85°C
32-Leadless LPCC on Tape-and-Reel
PIN CONFIGURATIONS
LDOC 223
3
22
421
5
20
619
7
18
8
17
1
24
10
31
11
30
12
29
13
28
14
27
15
26
16
25
9
32
AD6122 Top View
(Not to Scale)
NC = NO CONNECT
LDOB
LDOGND
LDOGND
DGND
LOIPP
LOIPN
DVCC
MODOPP
QIPP
QIPN
MODCMREF
IIPN
IIPP
IFGND
IFGND
LPCC Package
TOP VIEW
(Not to Scale)
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
AD6122
IFGND
TXVCC
TXOPN
TXOPP
DVCC
LOIPN
LOIPP
PD1
PD2
LDOE
LDOB
DGND
LDOGND
LDOC
IFINN
IFINP
MODOPN
MODOPP
QIPP
QIPN
MODCMREF
VGAIN
REFIN
REFOUT
IFVCC
IIPN
IIPP
IFGND
SSOP Package
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD6122 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Thermal Characteristics: 28-lead SSOP Package:
θ
JA = 115.25
°C/W.


Similar Part No. - AD6122

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6122 AD-AD6122_15 Datasheet
903Kb / 20P
   CDMA 3 V Transmitter IF Subsystem with Integrated Voltage Regulator
REV. B
More results

Similar Description - AD6122

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6122 AD-AD6122_15 Datasheet
903Kb / 20P
   CDMA 3 V Transmitter IF Subsystem with Integrated Voltage Regulator
REV. B
AD6121 AD-AD6121_15 Datasheet
688Kb / 16P
   CDMA 3 V Receiver IF Subsystem with Integrated Voltage Regulator
REV. B
AD6459 AD-AD6459 Datasheet
314Kb / 12P
   GSM 3 V Receiver IF Subsystem
REV. 0
AD6432 AD-AD6432 Datasheet
334Kb / 20P
   GSM 3 V Transceiver IF Subsystem
REV. 0
AD6458 AD-AD6458 Datasheet
268Kb / 12P
   GSM 3 V Receiver IF Subsystem
REV. 0
AD61009 AD-AD61009 Datasheet
261Kb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
AD61009 AD-AD61009_15 Datasheet
262Kb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
AD607 AD-AD607_15 Datasheet
1Mb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD607ARSZ AD-AD607ARSZ Datasheet
1Mb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD608ARZ AD-AD608ARZ Datasheet
326Kb / 16P
   Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com