Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM20027 Datasheet(PDF) 21 Page - Motorola, Inc

Part # MCM20027
Description  Color SXGA Digital Image Sensor 1280 x 1024 pixel progressive scan solid state image sensor
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM20027 Datasheet(HTML) 21 Page - Motorola, Inc

Back Button MCM20027 Datasheet HTML 17Page - Motorola, Inc MCM20027 Datasheet HTML 18Page - Motorola, Inc MCM20027 Datasheet HTML 19Page - Motorola, Inc MCM20027 Datasheet HTML 20Page - Motorola, Inc MCM20027 Datasheet HTML 21Page - Motorola, Inc MCM20027 Datasheet HTML 22Page - Motorola, Inc MCM20027 Datasheet HTML 23Page - Motorola, Inc MCM20027 Datasheet HTML 24Page - Motorola, Inc MCM20027 Datasheet HTML 25Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 73 page
background image
Revision 8.0 - 28 November 2001 :
MCM20027
MOTOROLA
21
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
ImageMOS
ImageMOS
8.6 Internal Bias Current Control
The ASP chain has internally generated bias currents
that result in an operating power consumption of nearly
400mW approx. (Accurate value will be given upon sen-
sor testing). By attaching a resistor between pin 20, EX-
TRES; and Pin19, the user can reduce the power
consumption of the device. This feature is enabled by
writing a 1b to bit res of the Power Configuration Regis-
ter. Additional power savings can be achieved at lower
clock rates. Note - The External Bias resistor Input pin
(EXTRESP - pin #20) should be connected to the
ETRESRTN (pin#19) in the manner described in the di-
agram below.
Resistor
EXTRESP
(pin #20)
EXTRESRTN
(pin #19)


Similar Part No. - MCM20027

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM20014 MOTOROLA-MCM20014 Datasheet
799Kb / 54P
   1/3??Color VGA Digital Image Sensor
MCM20014IBB MOTOROLA-MCM20014IBB Datasheet
799Kb / 54P
   1/3??Color VGA Digital Image Sensor
MCM20014IBMN MOTOROLA-MCM20014IBMN Datasheet
799Kb / 54P
   1/3??Color VGA Digital Image Sensor
More results

Similar Description - MCM20027

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KAC-1310 ETC1-KAC-1310 Datasheet
733Kb / 76P
   1280 (H) x 1024 (V) SXGA CMOS Image Sensor
logo
Texas Instruments
TC215 TI-TC215 Datasheet
307Kb / 19P
[Old version datasheet]   1024- 횞 1024-PIXEL CCD IMAGE SENSOR
logo
Sony Corporation
ICX424AQ SONY-ICX424AQ Datasheet
255Kb / 27P
   Diagonal 6mm Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
logo
Pixart Imaging Inc.
PAS005B PIXART-PAS005B Datasheet
1Mb / 41P
   SXGA Color/Mono Digital CMOS Image Sensor
logo
ATMEL Corporation
AT71200M ATMEL-AT71200M Datasheet
455Kb / 19P
   8M-pixel Color Image Sensor
Rev. 2133A-IMAGE-02/03
AT71200 ATMEL-AT71200 Datasheet
281Kb / 19P
   8M-pixel Color Image Sensor
logo
Sony Corporation
CXD2460R SONY-CXD2460R Datasheet
341Kb / 36P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD2408AR SONY-CXD2408AR Datasheet
320Kb / 30P
   Timing Generator for Progressive Scan CCD Image Sensor
logo
Texas Instruments
TC213 TI-TC213 Datasheet
325Kb / 21P
[Old version datasheet]   1024- 횞 512-pixel ccd image sensor
logo
Sony Corporation
ICX414AL SONY-ICX414AL Datasheet
278Kb / 30P
   Diagonal 8mm Progressive Scan CCD Solid-state Image Sensor with Square Pixel for EIA B/W Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com