Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA1317AN Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TA1317AN
Description  TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1317AN Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TA1317AN Datasheet HTML 1Page - Toshiba Semiconductor TA1317AN Datasheet HTML 2Page - Toshiba Semiconductor TA1317AN Datasheet HTML 3Page - Toshiba Semiconductor TA1317AN Datasheet HTML 4Page - Toshiba Semiconductor TA1317AN Datasheet HTML 5Page - Toshiba Semiconductor TA1317AN Datasheet HTML 6Page - Toshiba Semiconductor TA1317AN Datasheet HTML 7Page - Toshiba Semiconductor TA1317AN Datasheet HTML 8Page - Toshiba Semiconductor TA1317AN Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 59 page
background image
TA1317AN
2002-09-06
4
Pin
No.
Pin Name
Function
Interface Circuit
Input/Output Signal
5
V-DC REF
DC reference voltage
output pin when V is DC
coupling.
In case of not using, it
should be open.
DC
6
V NF
Vertical negative
feedback input pin.
When VD
= 0, if pin is
1.2 V (typ.) or below, or
3.7 V (typ.) or higher,
returns abnormal
detection result to BUS
read function (V guard),
forcibly setting pin 20 to
High. When VD
= 1, if
pin is 2.4 V (typ.) or
below, or 7.4 V (typ.) or
higher, abnormality is
detected.
7
VCC
VCC pin.
Connect 9 V (typ.).
8
EW PWM
EW D drive (PWM)
output pin. Open
collector output.
In case of not using, it
should be open.
9
ANALOG GND
GND pin for analog
block
10
EW FD
EW feedback pin
5
9
7
40 k
6
9
7
12.5 k
50
8
9
7
10
7
60 k
9


Similar Part No. - TA1317AN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA1317ANG TOSHIBA-TA1317ANG Datasheet
1Mb / 59P
   Deflection Processor IC for TV
More results

Similar Description - TA1317AN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8273H TOSHIBA-TA8273H Datasheet
249Kb / 13P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA2028F TOSHIBA-TA2028F Datasheet
495Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA6042FNG TOSHIBA-TA6042FNG Datasheet
328Kb / 10P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4019F TOSHIBA-TA4019F Datasheet
157Kb / 7P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8264AH TOSHIBA-TA8264AH Datasheet
234Kb / 14P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4018F TOSHIBA-TA4018F Datasheet
142Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8428K TOSHIBA-TA8428K Datasheet
260Kb / 12P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA8696F TOSHIBA-TA8696F Datasheet
212Kb / 12P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4017FT TOSHIBA-TA4017FT Datasheet
94Kb / 6P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA1276AN TOSHIBA-TA1276AN Datasheet
1Mb / 86P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com