Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT34RC02UITE13 Datasheet(PDF) 10 Page - Catalyst Semiconductor

Part # CAT34RC02UITE13
Description  2-kb I2C Serial EEPROM, Serial Presence Detect
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT34RC02UITE13 Datasheet(HTML) 10 Page - Catalyst Semiconductor

Back Button CAT34RC02UITE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT34RC02UITE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT34RC02UITE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT34RC02UITE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT34RC02UITE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT34RC02UITE13 Datasheet HTML 11Page - Catalyst Semiconductor CAT34RC02UITE13 Datasheet HTML 12Page - Catalyst Semiconductor CAT34RC02UITE13 Datasheet HTML 13Page - Catalyst Semiconductor CAT34RC02UITE13 Datasheet HTML 14Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
CAT34RC02
10
Doc. No. 1052, Rev. I
8–22-LEAD 300 MIL WIDE PLASTIC DIP (P, L)
Notes:
1.
Complies with JEDEC Publication 95 MS001 dimensions; however, some of the dimensions may be more stringent.
2.
All linear dimensions are in inches and parenthetically in millimeters.
Dimension D
Pkg
Min
Max
8L
0.355 (9.02)
0.400 (10.16)
0.180 (4.57) MAX
0.015 (0.38)
0.100 (2.54)
BSC
0.014 (0.36)
0.022 (0.56)
D
0.245 (6.17)
0.295 (7.49)
0.045 (1.14)
0.060 (1.52)
0.110 (2.79)
0.150 (3.81)
0.120 (3.05)
0.150 (3.81)
0.300 (7.62)
0.325 (8.26)
0.310 (7.87)
0.380 (9.65)


Similar Part No. - CAT34RC02UITE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT34RC02UITE13 CATALYST-CAT34RC02UITE13 Datasheet
666Kb / 14P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34RC02UITE13REV-E CATALYST-CAT34RC02UITE13REV-E Datasheet
445Kb / 16P
   2-kb I2C Serial EEPROM, Serial Presence Detect
More results

Similar Description - CAT34RC02UITE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT34WC02 CATALYST-CAT34WC02_05 Datasheet
275Kb / 10P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34RC02 CATALYST-CAT34RC02_05 Datasheet
666Kb / 14P
   2-kb I2C Serial EEPROM, Serial Presence Detect
34RC02 CATALYST-34RC02 Datasheet
445Kb / 16P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34FC02 CATALYST-CAT34FC02 Datasheet
451Kb / 10P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34C02 CATALYST-CAT34C02 Datasheet
309Kb / 17P
   2-Kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
logo
ON Semiconductor
CAT34C02 ONSEMI-CAT34C02 Datasheet
173Kb / 15P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
December, 2009 ??Rev. 14
CAT34C02VP2IGT4A ONSEMI-CAT34C02VP2IGT4A Datasheet
171Kb / 14P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
March, 2011 ??Rev. 17
logo
Catalyst Semiconductor
CAT34WC02 CATALYST-CAT34WC02 Datasheet
49Kb / 10P
   2K-Bit I2C Serial EEPROM, Serial Presence Detect
logo
ON Semiconductor
CAT34C02 ONSEMI-CAT34C02_11 Datasheet
171Kb / 14P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect TSSOP?? Y SUFFIX
March, 2011 ??Rev. 17
logo
STMicroelectronics
M34C02-W STMICROELECTRONICS-M34C02-W Datasheet
256Kb / 31P
   2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com