Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT34RC02 Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part # CAT34RC02
Description  2-kb I2C Serial EEPROM, Serial Presence Detect
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT34RC02 Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT34RC02 Datasheet HTML 1Page - Catalyst Semiconductor CAT34RC02 Datasheet HTML 2Page - Catalyst Semiconductor CAT34RC02 Datasheet HTML 3Page - Catalyst Semiconductor CAT34RC02 Datasheet HTML 4Page - Catalyst Semiconductor CAT34RC02 Datasheet HTML 5Page - Catalyst Semiconductor CAT34RC02 Datasheet HTML 6Page - Catalyst Semiconductor CAT34RC02 Datasheet HTML 7Page - Catalyst Semiconductor CAT34RC02 Datasheet HTML 8Page - Catalyst Semiconductor CAT34RC02 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
CAT34RC02
4
Doc. No. 1052, Rev. I
FUNCTIONAL DESCRIPTION
The CAT34RC02 supports the I2C (2-wire) Bus data
transmission protocol. This Inter-Integrated Circuit Bus
protocol defines any device that sends data to the bus to
be a transmitter and any device receiving data to be a
receiver. Data transfer is controlled by the Master device
which generates the serial clock and all START and
STOP conditions for bus access. The CAT34RC02
operates as a Slave device. Both the Master and Slave
devices can operate as either transmitter or receiver, but
the Master alone assigns those roles. A maximum of 8
devices may be connected to the bus as determined by
the device address inputs A0, A1, and A2.
PIN DESCRIPTIONS
SCL: Serial Clock
The serial clock input pin is used to clock all data
transfers into or out of the device.
SDA: Serial Data/Address
The bidirectional serial data/address pin is used to
transfer data into and out of the device. This pin is an
open drain output in transmit mode.
A0, A1, A2: Device Address Inputs
These inputs set the device address. When left floating,
the address pins are internally pulled to ground.
WP: Write Protect
This input, when grounded or left floating, allows write
operations to the entire memory. When this pin is tied to
VCC, the entire memory is write protected.
START BIT
SDA
STOP BIT
SCL
Figure 3. Start/Stop Timing
Figure 2. Write Cycle Timing
Figure 1. Bus Timing
tWR
STOP
CONDITION
START
CONDITION
ADDRESS
ACK
8th Bit
Byte n
SCL
SDA
tHIGH
SCL
SDA IN
SDA OUT
tLOW
tF
tLOW
tR
tBUF
tSU:STO
tSU:DAT
tHD:DAT
tHD:STA
tSU:STA
tAA
tDH


Similar Part No. - CAT34RC02

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT34RC02 CATALYST-CAT34RC02 Datasheet
666Kb / 14P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34RC02GYITE13 CATALYST-CAT34RC02GYITE13 Datasheet
666Kb / 14P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34RC02JETE13REV-E CATALYST-CAT34RC02JETE13REV-E Datasheet
445Kb / 16P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34RC02JITE13REV-E CATALYST-CAT34RC02JITE13REV-E Datasheet
445Kb / 16P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34RC02LETE13REV-E CATALYST-CAT34RC02LETE13REV-E Datasheet
445Kb / 16P
   2-kb I2C Serial EEPROM, Serial Presence Detect
More results

Similar Description - CAT34RC02

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT34WC02 CATALYST-CAT34WC02_05 Datasheet
275Kb / 10P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34RC02 CATALYST-CAT34RC02_05 Datasheet
666Kb / 14P
   2-kb I2C Serial EEPROM, Serial Presence Detect
34RC02 CATALYST-34RC02 Datasheet
445Kb / 16P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34FC02 CATALYST-CAT34FC02 Datasheet
451Kb / 10P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34C02 CATALYST-CAT34C02 Datasheet
309Kb / 17P
   2-Kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
logo
ON Semiconductor
CAT34C02 ONSEMI-CAT34C02 Datasheet
173Kb / 15P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
December, 2009 ??Rev. 14
CAT34C02VP2IGT4A ONSEMI-CAT34C02VP2IGT4A Datasheet
171Kb / 14P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
March, 2011 ??Rev. 17
logo
Catalyst Semiconductor
CAT34WC02 CATALYST-CAT34WC02 Datasheet
49Kb / 10P
   2K-Bit I2C Serial EEPROM, Serial Presence Detect
logo
ON Semiconductor
CAT34C02 ONSEMI-CAT34C02_11 Datasheet
171Kb / 14P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect TSSOP?? Y SUFFIX
March, 2011 ??Rev. 17
logo
STMicroelectronics
M34C02-W STMICROELECTRONICS-M34C02-W Datasheet
256Kb / 31P
   2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com